2way-0 o power splitter / combiners designer's kit k1-adp+ rf/if microwave components p.o. box 350166, brooklyn, new york 11235-0003 (718) 934-4500 fax (718) 332-4661 for quick access to product information see mini-circuits catalog & web site iso 9001 iso 14001 certified 0.5 to 2000mhz adp+ features wideband, 50 ? low insertion loss excellent amplitude unbalance only 89 95 $ ea. kit (6 models, 2 of each, 12 total) mini-circuits designer's kits the solution ! kit k1-adp+ electrical specifications of each model l=low range [f l to 10f l ] m=mid range [10f l to f u /2] u=upper range [f u /2 to f u ] *when only specification for m range given, specification applies to entire frequency range. good phase unbalance aqueous washable small plastic case ( l) 0.310" x ( w ) 0.272" includes leads protected under u.s. patent 6,133,525 o s compliant all models are rohs compliant model freq. range (mhz) f l -f u isolation (db) l* m u* typ. min. typ. min. typ. min. phase unbalance (degrees) l* m u* max. max. max. amplitude unbalance (db) l* m u* max. max. max. power input (w) (as a splitter) max. ADP-2-1+ 0.5-400 25 20 25 20 25 20 0.2 0.4 0.3 0.6 0.5 1.0 1.0 2.0 3.0 0.10 0.2 0.3 0.5 ADP-2-1w+ 1-650 30 20 30 20 24 20 0.2 0.8 0.25 0.8 0.5 1.0 2.0 2.0 3.0 0.15 0.2 0.3 2.0 adp-2-9+ 200-900 27 20 0.4 0.8 2.0 0.3 0.5 ADP-2-10+ 5-1000 25 15 23 15 20 15 0.3 0.9 0.4 0.9 0.6 1.2 2.0 2.0 3.0 0.20 0.2 0.3 0.5 adp-2-4+ 10-1000 25 20 23 16 19 14 0.3 0.5 0.4 0.9 0.8 1.5 1.0 3.0 5.0 0.15 0.2 0.4 1.0 adp-2-20+ 20-2000 18 15 18 15 18 15 0.5 0.8 0.7 1.0 0.8 1.5 2.0 3.0 5.0 0.20 0.3 0.7 1.0 insertion loss (db) above 3.0db l* m u* typ. max. typ. max. typ. max.
|