Part Number Hot Search : 
28F008S3 LS373 80010 C02WDS3 MCH6626 F2002 CDBN0145 MA4P159
Product Description
Full Text Search
 

To Download 74CBTLV16210DLG4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scds042j ? december 1997 ? revised july 2004 1 post office box 655303 ? dallas, texas 75265  member of the texas instruments widebus ? family  5- ? switch connection between two ports  rail-to-rail switching on data i/o ports  i off supports partial-power-down mode operation description/ordering information the sn74cbtlv16210 provides 20 bits of high-speed bus switching. the low on-state resistance of the switch allows connections to be made with minimal propagation delay. the device is organized as dual 10-bit bus switches with separate output-enable (oe ) inputs. it can be used as two 10-bit bus switches or as one 20-bit bus switch. when oe is low, the associated 10-bit bus switch is on, and port a is connected to port b. when oe is high, the switch is open, and the high-impedance state exists between the two ports. this device is fully specified for partial-power-down applications using i off . the i off feature ensures that damaging current will not backflow through the device when it is powered down. the device has isolation during power off. to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. ordering information t a package ? orderable part number top-side marking ssop ? dl tube sn74cbtlv16210dl cbtlv16210 ?40 c to 85 c ssop ? dl tape and reel sn74cbtlv16210dlr cbtlv16210 ?40 c to 85 c tvsop ? dgv tape and reel sn74cbtlv16210vr cn210 ? package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. function table (each 10-bit bus switch) input oe function l a port = b port h disconnect copyright ? 2004, texas instruments incorporated dgv or dl package (top view) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 nc 1a1 1a2 1a3 1a4 1a5 1a6 gnd 1a7 1a8 1a9 1a10 2a1 2a2 v cc 2a3 gnd 2a4 2a5 2a6 2a7 2a8 2a9 2a10 1oe 2oe 1b1 1b2 1b3 1b4 1b5 gnd 1b6 1b7 1b8 1b9 1b10 2b1 2b2 2b3 gnd 2b4 2b5 2b6 2b7 2b8 2b9 2b10 nc ? no internal connection please be aware that an important notice concerning avail ability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. widebus is a trademark of texas instruments.
scds042j ? december 1997 ? revised july 2004 2 post office box 655303 ? dallas, texas 75265 logic diagram (positive logic) 1a1 sw 1b1 1a10 1oe sw 1b10 2a1 sw 2b1 2a10 2oe sw 2b10 2 12 48 13 24 47 46 36 35 25 simplified schematic, each fet switch a (oe) b absolute maximum ratings over operating free-air temperature range (unless otherwise noted) ? supply voltage range, v cc ?0.5 v to 4.6 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input voltage range, v i (see note 1) ?0.5 v to 4.6 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . continuous channel current 128 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . input clamp current, i ik (v i < 0) ?50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . package thermal impedance, ja (see note 2): dgv package 58 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . dl package 63 c/w . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature range, t stg ?65 c to 150 c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ? stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only, a nd functional operation of the device at these or any other conditions beyond those indicated under ?recommended operating conditi ons? is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. notes: 1. the input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observe d. 2. the package thermal impedance is calculated in accordance with jesd 51-7.
scds042j ? december 1997 ? revised july 2004 3 post office box 655303 ? dallas, texas 75265 recommended operating conditions (see note 3) min max unit v cc supply voltage 2.3 3.6 v v ih high-level control input voltage v cc = 2.3 v to 2.7 v 1.7 v v ih high-level control input voltage v cc = 2.7 v to 3.6 v 2 v v il low-level control input voltage v cc = 2.3 v to 2.7 v 0.7 v v il low-level control input voltage v cc = 2.7 v to 3.6 v 0.8 v t a operating free-air temperature ?40 85 c note 3: all unused control inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs , literature number scba004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions min typ ? max unit v ik v cc = 3 v, i i = ?18 ma ?1.2 v i i v cc = 3.6 v, v i = v cc or gnd 1 a i off v cc = 0, v i or v o = 0 to 3.6 v 10 a i cc v cc = 3.6 v, i o = 0, v i = v cc or gnd 10 a ? i cc ? control inputs v cc = 3.6 v, one input at 3 v, other inputs at v cc or gnd 300 a c i control inputs v i = 3 v or 0 4.5 pf c io(off) v o = 3 v or 0, oe = v cc 6.5 pf v cc = 2.3 v, v i = 0 i i = 64 ma 5 8 v cc = 2.3 v, typ at v cc = 2.5 v v i = 0 i i = 24 ma 5 8 r on typ at v cc = 2.5 v v i = 1.7 v, i i = 15 ma 27 40 ? ? v cc = 3 v v i = 0 i i = 24 ma 5 7 v cc = 3 v v i = 2.4 v, i i = 15 ma 10 15 ? all typical values are at v cc = 3.3 v (unless otherwise noted), t a = 25 c. ? this is the increase in supply current for each input that is at the specified voltage level, rather than v cc or gnd. measured by the voltage drop between the a and b terminals at the indicated current through the switch. on-state resistance is determined by the lower of the voltages of the two (a or b) terminals. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see figure 1) parameter from (input) to (output) v cc = 2.5 v 0.2 v v cc = 3.3 v 0.3 v unit parameter (input) (output) min max min max unit t pd ? a or b b or a 0.15 0.25 ns t en oe a or b 1 6.8 1 6 ns t dis oe a or b 1 7.3 1 7.4 ns ? the propagation delay is the calculated rc time constant of the typical on-state resistance of the switch and the specified loa d capacitance, when driven by an ideal voltage source (zero output impedance).
scds042j ? december 1997 ? revised july 2004 4 post office box 655303 ? dallas, texas 75265 parameter measurement information v cc /2 t h t su from output under test c l (see note a) load circuit s1 2 v cc open gnd r l r l data input timing input v cc 0 v v cc 0 v 0 v t w input voltage waveforms setup and hold times voltage waveforms propagation delay times inverting and noninverting outputs voltage waveforms pulse duration t plh t phl t phl t plh v oh v oh v ol v ol v cc 0 v input output waveform 1 s1 at 2 v cc (see note b) output waveform 2 s1 at gnd (see note b) v ol v oh t pzl t pzh t plz t phz v cc 0 v v ol + v ? v oh ? v ? 0 v v cc voltage waveforms enable and disable times low- and high-level enabling output output t plh /t phl t plz /t pzl t phz /t pzh open 2 v cc gnd test s1 notes: a. c l includes probe and jig capacitance. b. waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control. waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 ? , t r 2 ns, t f 2 ns. d. the outputs are measured one at a time, with one transition per measurement. e. t plz and t phz are the same as t dis . f. t pzl and t pzh are the same as t en . g. t plh and t phl are the same as t pd . h. all parameters and waveforms are not applicable to all devices. output control v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc /2 v cc v cc /2 v cc /2 2.5 v 0.2 v 3.3 v 0.3 v 500 ? 500 ? v cc r l 0.15 v 0.3 v v ? c l 30 pf 50 pf figure 1. load circuit and voltage waveforms
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) 74CBTLV16210DLG4 active ssop dl 48 25 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbtlv16210dlrg4 active ssop dl 48 1000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbtlv16210grg4 active tssop dgg 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbtlv16210vre4 active tvsop dgv 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim 74cbtlv16210vrg4 active tvsop dgv 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74cbtlv16210dl active ssop dl 48 25 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74cbtlv16210dlr active ssop dl 48 1000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74cbtlv16210gr active tssop dgg 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim sn74cbtlv16210vr active tvsop dgv 48 2000 green (rohs & no sb/br) cu nipdau level-1-260c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs), pb-free (rohs exempt), or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. pb-free (rohs exempt): this component has a rohs exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between the die and leadframe. the component is otherwise considered pb-free (rohs compatible) as defined above. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 6-aug-2007 addendum-page 1
tape and reel information *all dimensions are nominal device package type package drawing pins spq reel diameter (mm) reel width w1 (mm) a0 (mm) b0 (mm) k0 (mm) p1 (mm) w (mm) pin1 quadrant sn74cbtlv16210dlr ssop dl 48 1000 330.0 32.4 11.35 16.2 3.1 16.0 32.0 q1 sn74cbtlv16210gr tssop dgg 48 2000 330.0 24.4 8.6 15.8 1.8 12.0 24.0 q1 sn74cbtlv16210vr tvsop dgv 48 2000 330.0 16.4 7.1 10.2 1.6 12.0 16.0 q1 package materials information www.ti.com 11-aug-2009 pack materials-page 1
*all dimensions are nominal device package type package drawing pins spq length (mm) width (mm) height (mm) sn74cbtlv16210dlr ssop dl 48 1000 346.0 346.0 49.0 sn74cbtlv16210gr tssop dgg 48 2000 346.0 346.0 41.0 sn74cbtlv16210vr tvsop dgv 48 2000 346.0 346.0 33.0 package materials information www.ti.com 11-aug-2009 pack materials-page 2
mechanical data mtss003d january 1995 revised january 1998 post office box 655303 ? dallas, texas 75265 dgg (r-pdso-g**) plastic small-outline package 4040078 / f 12/97 48 pins shown 0,25 0,15 nom gage plane 6,00 6,20 8,30 7,90 0,75 0,50 seating plane 25 0,27 0,17 24 a 48 1 1,20 max m 0,08 0,10 0,50 0 8 56 14,10 13,90 48 dim a max a min pins ** 12,40 12,60 64 17,10 16,90 0,15 0,05 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold protrusion not to exceed 0,15. d. falls within jedec mo-153
mechanical data msso001c ? january 1995 ? revised december 2001 post office box 655303 ? dallas, texas 75265 dl (r-pdso-g**) plastic small-outline package 4040048 / e 12/01 48 pins shown 56 0.730 (18,54) 0.720 (18,29) 48 28 0.370 (9,40) (9,65) 0.380 gage plane dim 0.420 (10,67) 0.395 (10,03) a min a max 0.010 (0,25) pins ** 0.630 (16,00) (15,75) 0.620 0.010 (0,25) seating plane 0.020 (0,51) 0.040 (1,02) 25 24 0.008 (0,203) 0.0135 (0,343) 48 1 0.008 (0,20) min a 0.110 (2,79) max 0.299 (7,59) 0.291 (7,39) 0.004 (0,10) m 0.005 (0,13) 0.025 (0,635) 0 ?  8 0.005 (0,13) notes: a. all linear dimensions are in inches (millimeters). b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15). d. falls within jedec mo-118
mechanical data mpds006c february 1996 revised august 2000 post office box 655303 ? dallas, texas 75265 dgv (r-pdso-g**) plastic small-outline 24 pins shown 14 3,70 3,50 4,90 5,10 20 dim pins ** 4073251/e 08/00 1,20 max seating plane 0,05 0,15 0,25 0,50 0,75 0,23 0,13 112 24 13 4,30 4,50 0,16 nom gage plane a 7,90 7,70 38 24 16 4,90 5,10 3,70 3,50 a max a min 6,60 6,20 11,20 11,40 56 9,60 9,80 48 0,08 m 0,07 0,40 0  8 notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion, not to exceed 0,15 per side. d. falls within jedec: 24/48 pins mo-153 14/16/20/56 pins mo-194
important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of ti information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. ti products are not authorized for use in safety-critical applications (such as life support) where a failure of the ti product would reasonably be expected to cause severe personal injury or death, unless officers of the parties have executed an agreement specifically governing such use. buyers represent that they have all necessary expertise in the safety and regulatory ramifications of their applications, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of ti products in such safety-critical applications, notwithstanding any applications-related information or support that may be provided by ti. further, buyers must fully indemnify ti and its representatives against any damages arising out of the use of ti products in such safety-critical applications. ti products are neither designed nor intended for use in military/aerospace applications or environments unless the ti products are specifically designated by ti as military-grade or "enhanced plastic." only products designated by ti as military-grade meet military specifications. buyers acknowledge and agree that any such use of ti products which ti has not designated as military-grade is solely at the buyer's risk, and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ti products are neither designed nor intended for use in automotive applications or environments unless the specific ti products are designated by ti as compliant with iso/ts 16949 requirements. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ti will not be responsible for any failure to meet such requirements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dlp? products www.dlp.com broadband www.ti.com/broadband dsp dsp.ti.com digital control www.ti.com/digitalcontrol clocks and timers www.ti.com/clocks medical www.ti.com/medical interface interface.ti.com military www.ti.com/military logic logic.ti.com optical networking www.ti.com/opticalnetwork power mgmt power.ti.com security www.ti.com/security microcontrollers microcontroller.ti.com telephony www.ti.com/telephony rfid www.ti-rfid.com video & imaging www.ti.com/video rf/if and zigbee? solutions www.ti.com/lprf wireless www.ti.com/wireless mailing address: texas instruments, post office box 655303, dallas, texas 75265 copyright ? 2009, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of 74CBTLV16210DLG4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X