Part Number Hot Search : 
KBPC35 PA142 XXXMCXX 28500 NJ132L PS222 CM1407 122MPD
Product Description
Full Text Search
 

To Download 6N135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only part no. : 6N135 / 6n136 series page : 1 of 15 bns-od-c131/a4 6N135, 6n136 single channel, high speed optocouplers description the 6N135/6 consists of a high efficient algaas light emitting diode and a high speed optical detector. this design provides excellent ac and dc isolation between the input and output sides of the optocoupler. connection for the bias of the photodiode improves the speed that of a conventional phototransistor coupler by reducing the base-collector capacitances. the internal shield ensures high common mode transient immunity. a guaranteed common mode transient immunity is up to 1kv/ sec. functional diagram features high speed C 1mbd typical available in dual-in-line, wide lead spacing, surface mounting package. storable output. ul, csa approval application high voltage isolation isolation in line receivers feedback element in switching mode power supplier power transistor isolation in motor drives interface between microprocessor system, computer and their peripheral replace pulse transformers. replace slower optocoupler isolators. jan.2009 6N135/6n136 truth table (positive logic) led out on l off h a 0.1 f bypass capacitor must be connected between pin8 and pin5 nc anode v cc v b cathode nc v o gnd
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only ordering information part no. : 6N135 / 6n136 series page : 2 of 15 bns-od-c131/a4 minimum cmr part option dv/dt (v/ s) v cm (v) ctr remarks single channel, dip-8 m single channel, wide lead spacing 6N135 s 7 single channel, smd-8 single channel, dip-8 m single channel, wide lead spacing 6n136 s 1000 10 19 single channel, smd-8
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only package dimensions 8-pin dip package (6N135 / 6n136) part no. : 6N135 / 6n136 series page : 3 of 15 bns-od-c131/a4 *1. year date code. *2. 2-digit work week. *3. factory identification mark (z : taiwan, y : thailand). dimensions are in millimeters and (inches).
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only package dimensions 8-pin dip wide lead spacing package (6N135m / 6n136 m) part no. : 6N135 / 6n136 series page : 4 of 15 bns-od-c131/a4 *1. year date code. *2. 2-digit work week. *3. factory identification mark (z : taiwan, y : thailand). dimensions are in millimeters and (inches).
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only package dimensions 8-pin dip surface mount package (6N135s / 6n136s) part no. : 6N135 / 6n136 series page : 5 of 15 bns-od-c131/a4 *1. year date code. *2. 2-digit work week. *3. factory identification mark (z : taiwan, y : thailand). dimensions are in millimeters and (inches).
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only taping dimensions 6N135s/136s-ta 6n137s-ta1 6N135s/136s-ta1 part no. : 6N135 / 6n136 series page : 6 of 15 bns-od-c131/a4 description symbol dimensions in millimeters ( inches ) tape wide w 16 0.3 ( .63 ) pitch of sprocket holes p0 4 0.1 ( .15 ) distance of compartment f p2 7.5 0.1 ( .295 ) 2 0.1 ( .079 ) distance of compartment to compartment p1 12 0.1 ( .472 )
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only recommended lead free reflow profile part no. : 6N135 / 6n136 series page : 7 of 15 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only absolute maximum ratings*1 parameter symbol min max units note storage temperature t st -55 125 o c operating temperature t a -40 85 o c isolation voltage v iso 5000 v rms supply voltage v cc 15 v lead solder temperature * 2 260 c 2 input average forward input current i f 25 ma reverse input voltage v r 5 v input power dissipation p i 45 mw output output collector current i o 8 ma output collector voltage v o -0.5 20 v output collector power dissipation p o 100 mw part no. : 6N135 / 6n136 series page : 8 of 15 bns-od-c131/a4 1. ambient temperature = 25 o c, unless otherwise specified. stresses exceeding t he absolute maximum ratings can cause permanent damage to the device. exposure to absolute maximum ratings for long period s of time can adversely affect reliability. 2. 260 o c for 10 seconds. refer to lead free reflow profile .
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only electrical specifications if part no. : 6N135 / 6n136 series page : 9 of 15 bns-od-c131/a4 parameters test condition symbol device min typ max units input input forward voltage i f =16ma, t a =25 v f 1.4 1.7 v input reverse voltage i r = 10 a bv r 6N135 6n136 5 v detector 6N135 7 18 50 current transfer ratio i f =16ma;vcc=4.5v; t a =25 ;vo=0.4v ctr 6n136 19 24 50 % i f =16ma;vcc=4.5v; i o =1.1ma; t a =25 6N135 0.18 0.4 logic low output voltage output voltage i f =16ma;vcc=4.5v; i o =3ma; t a =25 v ol 6n136 0.25 0.4 v i f =0ma, vo=vcc=5.5v t a =25 0.5 logic high output current i f =0ma, vo=vcc=15v t a =25 i oh 6N135 6n136 1 a logic low supply current i f =16ma, v o =open (vcc=15v) i ccl 6N135 6n136 400 a logic high supply current i f =0ma, v o =open ; t a =25 (vcc=15v) i cch 6N135 6n136 1 a *all typical at t a =25 ? c
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only switching specifications t a =0~70 , vcc=5v, unless otherwise specified. part no. : 6N135 / 6n136 series page : 10 of 15 bns-od-c131/a4 parameter test condition symbol device min typ max units t a =25 (r l =4.1k , i f =16ma) 6N135 0.09 1.5 s propagation delay time to low output level t a =25 (r l =1.9k , i f =16ma) t phl 6n136 0.1 0.8 s t a =25 (r l =4.1k , i f =16ma) 6N135 0.8 1.5 s propagation delay time to high output level t a =25 (r l =1.9k , i f =16ma) t plh 6n136 0.4 0.8 s i f =0ma;v cm =10vp-p; r l =4.1k ; t a =25c 6N135 1 kv/ s logic high common mode transient immunity i f =0ma;v cm =10vp-p; r l =1.9k ; t a =25c |cm h | 6n136 1 kv/ s i f =0ma;v cm =10vp-p; r l =4.1k ; t a =25c 6N135 1 kv/ s logic low common mode transient immunity i f =0ma;v cm =10vp-p; r l =1.9k ; t a =25c |cm l | 6n136 1 kv/ s *all typical at t a =25 ? c
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only isolation characteristics part no. : 6N135 / 6n136 series page : 11 of 15 bns-od-c131/a4 parameter test condition symbol min typ max units input-output insulation leakage current 45% rh, t = 5s, v i-o = 3kv dc, t a = 25 o c i i-o 1.0 a withstand insulation test voltage rh 50%, t = 1min, t a = 25 o c v iso 5000 v rms input-output resistance v i-o = 500v dc r i-o 10 12 *all typical at t a =25 notes 1. a 0.1f or bigger bypass capacitor for v cc is needed as shown in fig.1 2. current transfer ratio is defined as the ratio o f output collector current io , to the forward led input current if, times 100. 3. the 1.9k load represents 1ttl unit load of 1.6ma and the 5. 6k pull-up resistor. 4. the 4.1k load represents 1lsttl unit load of 0.36ma and the 6.1k pull-up resistor.
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only switching time test circuit figure 1: single channel test circuit for t phl and t plh figure 2: single channel test circuit for common m ode transient immunity part no. : 6N135 / 6n136 series page : 12 of 15 bns-od-c131/a4
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only characteristics curves part no. : 6N135 / 6n136 series page : 13 of 15 bns-od-c131/a4 figure 3: dc and pulsed transfer characteristics figure 4 : input current vs. forward voltage figure 6 : current transfer ratio vs. input figure 7: current transfer ratio vs. temperature figure 8: small-signal current transfer ratio vs. quiescent current figure 5: logic high output current vs. temperature
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only characteristics curves part no. : 6N135 / 6n136 series page : 14 of 15 bns-od-c131/a4 figure 10: propagation delay time vs. load resi stance figure 9 : propagation delay time vs. temperature tplh6N135 tplh6n136 tphl6n136 tphl6N135
l it e - o n t e ch no l o g y co rp o rat io n property of lite-on only notice part no. : 6N135 / 6n136 series page : 15 of 15 specifications of the products displayed herein are subject to change without notice. the products shown in this publication are designed for the general use in electronic applications suc h as office automation equipment, communications devices , audio/visual equipment, electrical instrumentation and application. for equipment/dev ices where high reliability or safety is required, such as space applications, nuclear power control equipm ent, medical equipment, etc, please contact our sales representatives.


▲Up To Search▲   

 
Price & Availability of 6N135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X