Part Number Hot Search : 
GS301 B1340 UNR111T LM335A HE901U0 GS301 H8481 0ETTS
Product Description
Full Text Search
 

To Download 6N135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5? features isolation test voltage: 2500 vac rms ttl compatible high bit rates: 1 mbit/s high common-mode interference immunity bandwidth 2 mhz open-collector output external base wiring possible field-effect stable by trios* underwriters lab file #e52744 description the 6N135 and 6n136 are optocouplers with a gaaias infrared emitting diode, optically coupled with an integrated photodetector which consists of a photodiode and a high-speed transistor in a dip- 8 plastic package. signals can be transmitted between two electri- cally separated circuits up to frequencies of 2 mhz. the potential difference between the circuits to be coupled is not allowed to exceed the maxi- mum permissible reference voltages. maximum ratings emitter reverse voltage .................................................5 v forward current ............................................25 ma peak forward current (t =1 ms, duty cycle 50%) ............................50 ma maximum surge forward current (t 1 m s, 300 pulses/s).......................................1 a thermal resistance................................... 700 k/w total power dissipation (t a 70 c) ...............45 mw detector supply voltage ..................................... ?.5 to 15 v output voltage .................................... ?.5 to 15 v emitter-base voltage ......................................... 5 v output current.................................................8 ma maximum output current ..............................16 ma base current .................................................. 5 ma thermal resistance................................... 300 k/w total power dissipation (t a 70 c) .............100 mw package isolation test voltage (between emitter and detector climate per din 40046, part 2, nov. 74 (t=1min.) ............... 2500 vac rms pollution degree (din vde 0109) ......................... 2 creepage ...........................................................3 7 mm clearance ...........................................................3 7 mm comparative tracking index per din iec112/vde 0303 part 1, group iiia per din vde 6110 ........................ 175 isolation resistance v io =500 v, t a = 25 c ............................... 3 10 12 w v io =500 v, t a = 100 c ............................. 3 10 11 w storage temperature range ....... ?5 c to +125 c ambient temperature range ...... ?5 c to +100 c soldering temperature (max. 10 sec., dip soldering 3 0.5 mm from case bottom).............................................. 260 c *trios tr ansparent io n s hield characteristics (t a =0 to 70 c unless otherwise speci?d, t a =25 c typ.) emitter symbol unit condition forward voltage v f 1.6 ( 1.9) v i f =16 ma breakdown voltage v br 3 5vi r =10 m a reverse current i r 0.5 ( 10) m av r =5 v capacitance c o 125 pf v r =0 v, f=1 mhz temperature coeffi- cient, forward voltage d v f / d t a -1.7 mv/ ci f =16 ma detector supply current logic low i ccl 150 m a i f =16 ma, v o open, v cc =15 v supply current logic high i cch 0.01 ( 1) m a i f =0 ma, v o open, v cc =15 v output voltage, output low 6N135 6n136 v ol v ol 0.1 ( 0.4) 0.1 ( 0.4) v v i f =16 ma, v cc =4.5 v i o =1.1 ma i o =2.4 ma output current, output high i ch 3 ( 500) na i f =0 ma, v o =v cc =5.5 v output current, output high i ch 0.01 ( 1) m a i f =0 ma v o =v cc =15 v current gain h fe 150 v o =5 v, i o =3 ma package coupling capacitance input-output c io 0.6 pf f=1 mhz current transfer ratio 6N135 6n136 ctr ctr 16 ( 3 7) 35 ( 3 19) % % i f =16 ma, v o =0.4 v, v cc =4.5 v, t a =25 c 6N135 6n136 ctr ctr 3 5 3 15 %i f =16 ma, v o =0.5 v, v cc =4.5 v dimensions in inches (mm) 1 2 3 4 8 7 6 5 cathode (v cc ) nc anode cathode nc base (v b ) collector (v o ) emitter (gnd) . 268 (6.81) . 255 (6.48) 3 4 6 5 .390 (9.91) .379 (9.63) .045 (1.14) .030 (.76) 4 typ. .100 (2.54) typ. 10 typ. 3 ? .305 typ. (7.75) typ. .022 (.56) .018 (.46) .012 (.30) .008 (.20) .135 (3.43 ) .115 (2.92 ) 1 2 8 7 pin one i.d. .150 (3.81) .130 (3.30) .040 (1.02) .030 (.76 ) 6N135 6n136 high-speed 2.5 kv trios optocoupler this document was created with framemaker 4.0.4
5? 6N135/136 figure 1. switching times figure 2. common-mode interference immunity 1 2 3 4 8 7 6 5 i f v o r l 5 v pulse generator z o =50 w t r , t f =5 ns duty cycle 10% t 100 s c l 15 p f i f monitor 100 w v ol t t 5 v 1.5 v v o i f t plh t phl 1 2 3 4 8 7 6 5 v cm v o v o 10 v 5 v 0 v v ol 90% 10% 90% 10% t r t f t t t a: i f =0 ma b: i f =16 ma b v ff i f +v cm v o r l 5 v a pulse generator z o =50 w t r , t f =8 ns delay time (i f =16 ma, v cc =5 v, t a =25 c) common mode interference immunity (v cm =10 v p-p , v cc =5 v, t a =25 c) figure 3. output characteristics-6N135 output current versus output voltage (t a =25 c, v cc =5 v) figure 4. output characteristics-6n136 output current versus output voltage (t a =25 c, v cc =5 v) high - low 6N135 (r l =4.1 k w ) 6n136 (r l =1.9 k w) t phl t phl 0.3 ( 1.5) 0.2 ( 0.8) m s m s low - high 6N135 (r l =4.1 k w ) 6n136 (r l =1.9 k w ) t plh t plh 0.3 ( 1.5) 0.2 ( 0.8) m s m s high (i f =0 ma) 6N135 (r l =4.1 k w ) 6n136 (r l =1.9 k w ) cm h cm h 1000 1000 v/ m s v/ m s low (i f =16 ma) 6N135 (r l =4.1 k w ) 6n136 (r l =1.9 k w ) cm l cm l 1000 1000 v/ m s v/ m s
5? 6N135/136 figure 11. delay times versus ambi- ent temperature (i f =16 ma, v cc =5 v, 6N135: r l =4.1 k w , 6n136: r l =1.9 k w ) figure 12. current transfer ratio (nor- malized) versus forward current (i f =16 ma, v o =0.4 v, v cc =5 v, t a =25 c) figure 8. small signal transfer ratio ver- sus forward current (v cc =5 v, t a =25 c) figure 9. current transfer ratio (normal- ized) versus ambient temperature (nor- malized to i f =16 ma, v o =0.4 v, v cc =5 v, t a =25 c) figure 10. output current (high)versus ambient temperature (v o =v cc =5 v, i f =0) figure 5. permissible forward current of emitting diode versus ambient temperature figure 6. permissible total power dissi- pation versus ambient temperature figure 7. forward current of emitting diodeversus forward voltage (t a =25 c)


▲Up To Search▲   

 
Price & Availability of 6N135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X