title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by pv6h24011-311 2:1 11/17/2014 52-PV6H24011311 a rc 1 1 panel cutout max. panel thickness 10.0mm [.315 in] 1 (-) (+) 21 (-) a 21721 release for production 11/17/14 rc ? 18.00 [.709 in] ? 11.90 [.469 in] 1.50 [.059 in] 15.50 [.610 in] 16.50 ? .50 .650 ? .020 in [] 20.00 ? .50 .787 ? .020 in [] note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. contact material: silver plated 5. rating: 2a 48vdc 6. electric life: 200,000 make-and-break cycles at full load. 7. insulation resistance: 1,000 m ? min. 8. dielectric strength: 2,000 vac min. for 1 minute 9. contact resistance: 50m ? max. @ 1a 12vdc 10. operating temp.: -20c to 55c 11. travel: 1.8mm 12. denotes critical parameter. 13. illumination color: red 14. hardware supplied: o-ring and hexnut (not shown) 15. illumination base rating: 20ma 1.8v 16. 2002/95/ec (rohs) compliant ? 16.00 [.630 in] pos. 1 pos. 2 switch function (on) off open 1-2 (on) = momentary ring illumination high actuator: black anodized aluminum m16x1.0 note 15 hardware supplied body: black anodized aluminum 8.40 [.331 in] 9.80 [.386 in] .50 [.020 in] 2.00 [.079 in] ? 9.20 [.362 in] l 1 2 + spdt contact configuration - 2.90 [.114 in]
|