Part Number Hot Search : 
2113A EPF8115G 7818CT D2002AL BC858C 2000D HCF40 A1870
Product Description
Full Text Search
 

To Download 50SMDJ30A-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features n rohs compliant* and halogen free** n surface mount smc package n standoff voltage: 12 to 43 volts n peak pulse power: 5000 watts n aec-q101 compliant*** applications n protection of power buses n protection of i/o interfaces n overvoltage transient protection n automotive - entertainment applications - comfort applications n telecom, computer, industrial and consumer electronics applications electrical characteristics (@ t a = 25 c unless otherwise noted) 5.0smdj-q transient voltage suppressor diode series * rohs directive 2015/863, mar 31, 2015 and annex. ** bourns considers a product to be halogen free if (a) the bromine (br) content is 900 ppm or less; (b) the chlorine (cl) content is 900 ppm or less; and (c) the total bromine (br) and chlorine (cl) content is 1500 ppm or less. *** q suffx for automotive and other applications requiring appropriate aec-q101 compliance for electronic limiters. specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf . parameter symbol value unit minimum peak pulse power dissipation (t p = 1 ms) (note 1,2) p pk 5000 watts peak forward surge current 8.3 ms single half sine wave superimposed on rated load (jedec method) (note 3,4) i fsm 300 amps steady state power dissipation @ tl = 50 c p m(av) 6.5 watts maximum instantaneous forward voltage @ i pp = 100 a (for unidirectional units only) v f 5 volts operating temperature range t j -55 to +150 c storage temperature range t stg -55 to +150 c 1. non-repetitive current pulse, per pulse waveform graph and derated above t a = 25 c per pulse derating curve. 2. thermal resistance junction to lead. 3. 8.3 ms single sine wave duty cycle = 4 pulses maximum per minute (unidirectional units only). 4. mounted on 8.0 mm x 8.0 mm copper pad area to each terminal. general information bourns offers transient voltage suppressor diodes for surge and esd protection applications, in compact chip package do-214ab (smc) size format. the transient voltage suppressor series offers a choice of working peak reverse voltage from 12 v up to 43 v and breakdown voltage up to 52.8 v. typical fast response times are less than 1.0 ps from 0 v to breakdown voltage. bourns ? chip diodes conform to jedec standards, are easy to handle with standard pick and place equipment and the fat confguration minimizes roll away. how to order 5.0smdj 12 ca - q package 5.0smdj = smc/do-214ab working peak reverse voltage 12 = 12 v rwm (volts) suffx a = 5 % tolerance unidirectional device ca = 5 % tolerance bidirectional device aec-q101 compliant suffx q = aec-q101 compliant, 3000 pcs. per 13-inch reel qh = aec-q101 compliant, 500 pcs. per 7-inch reel asia-pacifc: tel: +886-2 2562-4117 email: asiacus@bourns.com europe: tel: +36 88 520 390 email: eurocus@bourns.com the americas: tel: +1-951 781-5500 email: americus@bourns.com www.bourns.com *rohs compliant, ** halogen free & aec-q101 compliant
specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf . 5.0smdj-q transient voltage suppressor diode series electrical characteristics (@ t a = 25 c unless otherwise noted) unidirectional device bidirectional device breakdown voltage v br (volts) reverse standoff voltage maximum reverse leakage @ v rwm maximum clamping voltage @ i pp peak pulse current part number part marking part number part marking min. max. @ i t (ma) v rwm (v) i r ( a) v c (v) i pp (a) 5.0smdj12a-q 5pepq 5.0smdj12ca-q 5bepq 13.3 14.7 1 12 2 19.9 252.0 5.0smdj13a-q 5peqq 5.0smdj13ca-q 5beqq 14.4 15.9 1 13 2 21.5 233.0 5.0smdj14a-q 5perq 5.0smdj14ca-q 5berq 15.6 17.2 1 14 2 23.2 216.0 5.0smdj15a-q 5pesq 5.0smdj15ca-q 5besq 16.7 18.5 1 15 2 24.4 205.0 5.0smdj16a-q 5petq 5.0smdj16ca-q 5betq 17.8 19.7 1 16 2 26.0 193.0 5.0smdj17a-q 5peuq 5.0smdj17ca-q 5beuq 18.9 20.9 1 17 2 27.6 181.0 5.0smdj18a-q 5pevq 5.0smdj18ca-q 5bevq 20.0 22.1 1 18 2 29.2 172.0 5.0smdj20a-q 5pewq 5.0smdj20ca-q 5bewq 22.2 24.5 1 20 2 32.4 155.0 5.0smdj22a-q 5pexq 5.0smdj22ca-q 5bexq 24.4 26.9 1 22 2 35.5 141.0 5.0smdj24a-q 5pezq 5.0smdj24ca-q 5bezq 26.7 29.5 1 24 2 38.9 129.0 5.0smdj26a-q 5pfeq 5.0smdj26ca-q 5bfeq 28.9 31.9 1 26 2 42.1 119.0 5.0smdj28a-q 5pfgq 5.0smdj28ca-q 5bfgq 31.1 34.4 1 28 2 45.4 110.0 5.0smdj30a-q 5pfkq 5.0smdj30ca-q 5bfkq 33.3 36.8 1 30 2 48.4 103.0 5.0smdj33a-q 5pfmq 5.0smdj33ca-q 5bfmq 36.7 40.6 1 33 2 53.3 93.9 5.0smdj36a-q 5pfpq 5.0smdj36ca-q 5bfpq 40.0 44.2 1 36 2 58.1 86.1 5.0smdj40a-q 5pfrq 5.0smdj40ca-q 5bfrq 44.4 49.1 1 40 2 64.5 77.6 5.0smdj43a-q 5pftq 5.0smdj43ca-q 5bftq 47.8 52.8 1 43 2 69.4 72.1 notes: 1. q suffx denotes aec-q101 compliance.
product dimensions specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf . 5.0smdj-q transient voltage suppressor diode series recommended footprint physical specifcations encapsulation ............................. molded plastic per ul class 94v-0 polarity ....................... cathode band indicates unidirectional device no cathode band indicates bidirectional device dimensions: mm (inches) dimension smc (do-214ab) a 6.60 - 7.11 (0.260 - 0.280) b 5.59 - 6.22 (0.220 - 0.245) c 2.90 - 3.20 (0.114 - 0.126) d 0.15 - 0.31 (0.006 - 0.112) e 7.75 - 8.13 (0.305 - 0.320) f 0.05 - 0.20 (0.002 - 0.008) g 2.01 - 2.62 (0.080 - 0.103) h 0.76 - 1.52 (0.030 - 0.060) dimensions: mm (inches) dimension smc (do-214ab) a (max.) 4.69 (0.185) b (min.) 3.07 (0.121) c (min.) 1.53 (0.060) c b c b mm (inches) dimensions: a cathode band (unidirectional devices only) g h e f d a c b c b mm (inches) dimensions: a cathode band (unidirectional devices only) g h e f d a environmental specifcations moisture sensitivity level ................................................................ 1 esd classifcation (hbm) ............................................................. 3b
100 50 0 0 1.0 2.0 3.0 4.0 t, time (ms) i p , peak pulse current (%) ta=25 c tp tr=10 s half value= irsm 2 peak value (irsm) pulse width (tp) is defined as that point where the peak current decays to 50 % of ipsm. 10 x 1000 waveform as defined by r.e.a. 100 75 50 25 0 05 0 25 75 100 150 125 175 200 junction temperature ( peak pulse derating in percent of peak power or current c ) 10 x 1000 waveform as defined by r.e.a. peak forward surge current (amps) 250 200 150 100 50 300 0 1 25 10 20 50 100 number of cycles at 60 hz 300 a at 1 cycle 100 a at 80 cycles 4.0 5.0 3.0 2.0 1.0 0.0 05 0 25 75 100 150 125 175 200 tl, lead temperature (c) p m(av) steady state power dissipation (w) 6.0 6.5 5.5 4.5 3.5 2.5 1.5 0.5 0. 1 s 1.0 s 10 s 100 s 1.0 ms 10 ms t d - pu lse wi dt h (sec.) 0. 1 1 10 100 1000 p ppm - peak pulse power (kw) t a = 25 c 8.0 x 8.0 mm (0.31 x 0.31 in.) copper pad areas 60 hz resistive or inductive load c j - junction capacitance (pf) 100000 10000 100 10 1 11 0 100 1000 v br - reverse breakdown voltage (v) 1000 unidirectional @ v r bidirectional @ v r unidirectional v=0v bidirectional v=0v t j = 25 c f = 1.0 mhz v sig = 50 mvp-p 5.0smdj-q transient voltage suppressor diode series rating & characteristic curves pulse derating curve maximum non-repetitive surge current pulse waveform typical junction capacitance pulse rating curve steady state power derating curve specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf .
....... ....... ....... ....... ....... ....... ....... ....... pa f e t 120 d 2 d d 1 w 1 c index hole p 0 p 1 w b 10 pitches (min.) direction of feed 10 pitches (min.) end trailer device leader start d cddfn5-0504n - tvs/steering diode array packaging information the product will be dispensed in tape and reel format (see diagram below). devices are packed in accordance with eia standard eia-481-d and specifcations shown here. dimensions: mm (inches) item symbol smc (do-214ab) 7-inch reel 13-inch reel carrier width a 6.0 0.20 (0.236 0.079) carrier length b 8.3 0.20 (0.327 0.008) carrier depth c 2.5 0.20 (0.098 0.008) sprocket hole d 1.50 0.10 (0.059 0.004) reel outside diameter d 178 (7.008) 330 (12.992) reel inner diameter d 1 50.0 (1.969) min. feed hole diameter d 2 13.0 +0.50/-0.20 (0.512 +0.020/-0.008) sprocket hole position e 1.75 0.10 (0.069 0.004) punch hole position f 7.50 0.10 (0.295 0.004) punch hole pitch p 8.00 0.10 (0.315 0.004) sprocket hole pitch p 0 4.00 0.10 (0.157 0.004) embossment center p 1 2.00 0.10 (0.079 0.004) overall tape thickness t 0.30 0.10 (0.012 0.004) tape width w 16.00 0.30 (0.630 0.012) reel width w 1 22.4 (0.882) max. quantity per reel -- 500 3,000 06/18 5.0smdj-q transient voltage suppressor diode series specifcations are subject to change without notice. users should verify actual device performance in their specifc applications. the products described herein and this document are subject to specifc legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf .
legal disclaimer notice this legal disclaimer applies to purchasers and users of bourns ? products manufactured by or on behalf of bourns, inc. and its afliates (collectively, bourns). unless otherwise expressly indicated in writing, bourns ? products and data sheets relating thereto are subject to change without notice. users should check for and obtain the latest relevant information and verify that such information is current and complete before placing orders for bourns ? products. the characteristics and parameters of a bourns ? product set forth in its data sheet are based on laboratory conditions, and statements regarding the suitability of products for certain types of applications are based on bourns knowledge of typical requirements in generic applications. the characteristics and parameters of a bourns ? product in a user application may vary from the data sheet characteristics and parameters due to (i) the combination of the bourns ? product with other components in the users application, or (ii) the environment of the user application itself. the characteristics and parameters of a bourns ? product also can and do vary in diferent applications and actual performance may vary over time. users should always verify the actual performance of the bourns ? product in their specifc devices and applications, and make their own independent judgments regarding the amount of additional test margin to design into their device or application to compensate for diferences between laboratory and real world conditions. unless bourns has explicitly designated an individual bourns ? product as meeting the requirements of a particular industry standard (e.g., iso/ts 16949) or a particular qualifcation (e.g., ul listed or recognized), bourns is not responsible for any failure of an individual bourns ? product to meet the requirements of such industry standard or particular qualifcation. users of bourns ? products are responsible for ensuring compliance with safety-related requirements and standards applicable to their devices or applications. bourns ? products are not recommended, authorized or intended for use in nuclear, lifesaving, life-critical or life-sustaining applications, nor in any other applications where failure or malfunction may result in personal injury, death, or severe property or environmental damage. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any bourns ? products in such unauthorized applications might not be safe and thus is at the users sole risk. life-critical applications include devices identifed by the u.s. food and drug administration as class iii devices and generally equivalent classifcations outside of the unit ed states. bourns expressly identifes those bourns ? standard products that are suitable for use in automotive applications on such products data sheets in the section entitled applications. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any other bourns ? standard products in an automotive application might not be safe and thus is not recommended, authorized or intended and is at the users sole risk. if bourns expressly identifes a sub-category of automotive application in the data sheet for its standard products (such as infotainment or lighting), such identifcation means that bourns has reviewed its standard product and has determined that if such bourns ? standard product is considered for potential use in automotive applications, it should only be used in such sub-category of automotive applications. any reference to bourns ? standard product in the data sheet as compliant with the aec-q standard or automotive grade does not by itself mean that bourns has approved such product for use in an automotive application. bourns ? standard products are not tested to comply with united states federal aviation administration standards generally or any other generally equivalent governmental organization standard applicable to products designed or manufactured for use in aircraft or space applications. bourns expressly identifes bourns ? standard products that are suitable for use in aircraft or space applications on such products data sheets in the section entitled applications. unless expressly and specifcally approved in writing by two authorized bourns representatives on a case-by-case basis, use of any other bourns ? standard product in an aircraft or space application might not be safe and thus is not recommended, authorized or intended and is at the users sole risk. the use and level of testing applicable to bourns ? custom products shall be negotiated on a case-by-case basis by bourns and the user for which such bourns ? custom products are specially designed. absent a written agreement between bourns and the user regarding the use and level of such testing, the above provisions applicable to bourns ? standard products shall also apply to such bourns ? custom products. users shall not sell, transfer, export or re-export any bourns ? products or technology for use in activities which involve the design, development, production, use or stockpiling of nuclear, chemical or biological weapons or missiles, nor shall they use bourns ? products or technology in any facility which engages in activities relating to such devices. the foregoing restrictions apply to all uses and applications that violate national or inter national prohibitions, including embargos or international regulations. further, bourns ? products and bourns technology and technical data may not under any circumstance be exported or re-exported to countries subject to international sanctions or embargoes. bourns ? products may not, without prior authorization from bourns and/or the u.s. government, be resold, transferred, or re-exported to any party not eligible to receive u.s. commodities, software, and technical data. to the maximum extent permitted by applicable law, bourns disclaims (i) any and all liability for special, punitive, consequential, incidental or indirect damages or lost revenues or lost profts, and (ii) any and all implied warranties, including implied warranties of ftness for particular purpose, non-infringement and merchantability. for your convenience, copies of this legal disclaimer notice with german, spanish, japanese, traditional chinese and simplifed chinese bilingual versions are available at: web page: http://www.bourns.com/legal/disclaimers-terms-and-policies pdf: http://www.bourns.com/docs/legal/disclaimer.pdf c1753 05/17/18


▲Up To Search▲   

 
Price & Availability of 50SMDJ30A-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X