Part Number Hot Search : 
SG6513T BGY588C EVKIT 402CS TC74AC C74VC 65N03 TCRD11VA
Product Description
Full Text Search
 

To Download 0761651114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 11/17/2016 please check www.molex.com for latest part information part number: 0761651114 status: active overview: impact? backplane connector and cable assembly system description: impact? 100 ohm 3 pair vertical backplane header, unguided, left endwall, 10 columns, 90 circuits, pin length 4.90mm, plated through hole dimension 0.46mm, lead-free documents: 3d model application specification as-76060-9999-001 (pdf) drawing (pdf) packaging specification pk-70873-7700 (pdf) product specification ps-76060-999-001 (pdf) rohs certificate of compliance (pdf) application specification as-76060-990-001 (pdf) agency certification ul e29179 general product family backplane connectors series 76165 application conventional, mezzanine application tooling documents tm-622018799 component type pcb header overview impact? backplane connector and cable assembly system product name impact? upc 883906223090 physical circuits (loaded) 90 circuits (maximum) 90 color - resin black durability (mating cycles max) 200 first mate / last break no flammability 94v-0 guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 2.399/g number of columns 10 number of pairs 3 number of rows 9 orientation vertical pc tail length 1.40mm pcb locator no pcb retention none pcb thickness - recommended 1.00mm packaging type tray pitch - mating interface 1.90mm pitch - termination interface 1.90mm plating min - mating 0.762m polarized to pcb no stackable no temperature range - operating -55c to +85c termination interface: style through hole - compliant pin series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per - ed/21/2016 (20 june 2016) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 76165 series mates with 76170 impact? 100 ohm daughtercard use with 75234 backplane free standing guide pin application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # backplane module installation, press-in tool 0622018647
electrical current - maximum per contact 0.75a data rate 25.0 gbps impedance 100? shield type n/a shielded no voltage - maximum 30v ac (rms)/dc material info reference - drawing numbers application specification as-76060-990-001, as-76060-9999-001 packaging specification pk-70873-7700 product specification ps-76060-999-001 sales drawing sd-76165-001 symbol/footprint data sym-76165-1114 backplane insertion tool for signal contact 0621005800 backplane header removal tool for gbx? u-series, gbx i-trac?, impact?, or z-pack tinman* 0621009610 this document was generated on 11/17/2016 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0761651114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X