Part Number Hot Search : 
GFC9220 LBT13802 5N05L 15GD1 74LS3 UDA15 10100 AN1438
Product Description
Full Text Search
 

To Download XLUG65D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  part number: XLUG65D t-1 (3mm) solid state lamp oct 07,2016 xdsa2345 v9-z layout: maggie l. p. 1/3 features radial / through hole package reliable & robust low power consumption available on tape and reel rohs compliant absolute maximum ratings (t a =25c) green (gap) unit reverse voltage v r 5 v forward current i f 25 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 140 ma power dissipation p d 62.5 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 lead solder temperature [2mm below package base] 260c for 3 seconds lead solder temperature [5mm below package base] 260c for 5 seconds package schematics notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. specifications are subjec t to change without notice. green (gap) unit forward voltage (typ.) (i f =10ma) v f 2 v forward voltage (max.) (i f =10ma) v f 2.5 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission cie127-2007*(typ.) (i f =10ma) p 565* nm wavelength of dominant emission cie127-2007*(typ.) (i f =10ma) d 568* nm spectral line full width at half-maximum (typ.) (i f =10ma) 30 nm capacitance (typ.) (v f =0v, f=1mhz) c 15 pf operating characteristics (t a =25c) part number emitting color emitting material lens-color wavelength cie127-2007* nm p viewing angle 2 1/2 min. typ. XLUG65D green gap green di ffused 15* 24* 565* 60 luminous intensity cie127-2007* (i f =10ma) mcd *luminous intensity value and wavelength are in accordance with cie127-2007 standards. a relative humidity between 40% and 60% is recommended in esd-protected work areas to reduce static build up during assembly process (reference jedec/jesd625-a and jedec/j-std-033)
part number: XLUG65D t-1 (3mm) solid state lamp oct 07,2016 xdsa2345 v9-z layout: maggie l. p. 2/3 ? green remarks: if special sorting is required (e.g . binning based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters. green
part number: XLUG65D t-1 (3mm) solid state lamp oct 07,2016 xdsa2345 v9-z layout: maggie l. p. 3/3 packing & label specifications terms of use 1. data presented in this document reflect statistical figures and should be treated as technical reference only. 2. contents within this document are subject to improvement and enhancement changes without notice. 3. the product(s) in this document are designed to be operated within the electrical and environmental specifications indicated on the datasheet. user accepts full risk and responsibility when operating the product(s) beyond their intended specifications. 4. the product(s) described in this document are intended for electronic applications in which a person?s life is not reliant u pon the led. please consult with a sunled representative for special applications where the led may have a direct impact on a person?s life. 5. the contents within this document may not be altered without prior consent by sunled. 6. additional technical notes are available at http://www.sunledusa.co m/technicalnotes.asp ?


▲Up To Search▲   

 
Price & Availability of XLUG65D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X