Part Number Hot Search : 
C1390 LM209 ZEN2901P BFXXXX 2SA56 AH304 SII9011 SMA28
Product Description
Full Text Search
 

To Download XFL7015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  shielded power inductors C XFL7015 document 1039-1 document 1039-1 revised 09/01/15 inductance 2 dcr (mohms) 3 srf typ 4 i sat (a) 5 i rms (a) 6 part number 1 20% (h) typ max (mhz) 10% drop 20% drop 30% drop 20c rise 40c rise XFL7015-251me_ 0.25 3.90 4.30 80 9.0 12.5 14.5 16.0 20.0 XFL7015-471me_ 0.47 5.80 6.38 56 6.5 10.0 11.5 12.5 17.0 XFL7015-681me_ 0.68 7.70 8.47 49 4.7 8.5 10.0 11.5 15.0 XFL7015-102me_ 1.0 12.3 13.6 39 4.0 6.3 7.4 9.00 12.0 XFL7015-152me_ 1.5 14.7 16.2 33 3.0 5.5 6.6 7.25 9.10 XFL7015-222me_ 2.2 22.0 24.2 29 2.7 4.8 6.3 6.25 8.25 1. when ordering, please specify termination and packaging codes: XFL7015-222m ec termination: e = rohs compliant tin-silver over copper. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (750 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (3000 parts per full reel). 2. inductance tested at 100 khz, 0.1 vrms, 0 adc. 3. dcr measured on a micro-ohmmeter. 4. srf measured using agilent/hp 4395a or equivalent. 5. dc current at 25c that causes the specifed inductance drop from its value without current. click for temperature derating information . 6. current that causes the specifed temperature rise from 25c ambient. this information is for reference only and does not represent absolute maximum ratings. click for temperature derating information . 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. environmental rohs compliant, halogen free terminations rohs compliant tin-silver (96.5/3.5) over copper. other terminations available at additional cost. core material composite weight 0.37 C 0.38 g ambient temperature C40c to +125c with (40c rise) i rms current. maximum part temperature +165c (ambient + temp rise). derating . storage temperature component: C40c to +165c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 750/7 reel; 3000/13 reel plastic tape: 16 mm wide, 0.3 mm thick, 12 mm pocket spacing, 1.65 mm pocket depth pcb washing tested to mil-std-202 method 215 plus an additional aqueous wash. see doc787_pcb_washing.pdf . ? very low profle, only 1.5 mm tall ? high current and very low dcr i rms testing i rms testing was performed on 0.75 inch wide 0.25 inch thick copper traces in still air. temperature rise is highly depen - dent on many factors including pcb land pattern, trace size, and proximity to other components. therefore temperature rise should be verifed in application conditions. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 1039-2 revised 09/01/15 document 1039-2 l vs frequency dimensions are in inches mm 0.295 0.020 7,5 0,5 0.295 0.020 7,5 0,5 0.059 1,5 max recommended land p attern dash n umber xxx 0.063 1,60 0.002 0,05 0.070 1,78 0.186 4,72 0.123 3,12 0.010 0.25 a (see tab le) b (see tab le) a dash b number (in / mm) (in / mm) 0.008 in 0,20 mm -251 -471 -681 -102 -152 0.241 / 6.12 0.245 / 6.22 0.241 / 6.12 0.245 / 6.22 0.241 / 6.12 0.245 / 6.22 0.239 / 6.08 0.242 / 6.16 0.239 / 6.08 0.242 / 6.16 -222 0.238 / 6.04 0.240 / 6.10 0.1 1 10 inductance (h) 01 1 100 10 22 h 15 h 10 h 0 h 047 h 025 h frequenc y (mhz) us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. shielded power inductors C XFL7015
document 1039-3 revised 09/01/15 document 1039-3 l vs current 0 0.2 0.1 0.3 0.4 current (a) inductance (h) 025 h 01 2 3 4 5 7 12 11 13 14 15 10 current (a) inductance (h) 047 h 0 02 03 01 05 04 0 01 2 3 4 5 7 11 12 10 0 0 04 02 0 10 current (a) inductance (h) 0 h 01 2 3 4 5 7 11 10 0 0 04 12 1 current (a) inductance (h) 10 h 01 2 3 4 5 7 10 0 12 0 1 24 current (a) inductance (h) 15 h 01 2 3 4 5 7 0 10 05 20 25 15 30 current (a) inductance (h) 22 h 01 2 3 4 5 7 us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2016 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. shielded power inductors C XFL7015


▲Up To Search▲   

 
Price & Availability of XFL7015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X