Part Number Hot Search : 
4174B M62262FP HYB51 WC302 T3010 HUL7281 VN50300T TC3400
Product Description
Full Text Search
 

To Download WCF10C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r igh t @ w i n s em i microelectronics c o . , lt d . , a l l ri g h t r e s er v ed . w w w w cf10c60 cf10c60 cf10c60 cf10c60 rev.a oct .2010 silicon silicon silicon silicon controlled controlled controlled controlled rectifiers rectifiers rectifiers rectifiers features ? repetitive peak off-state voltage:600v ? r.m.s on-state current (it (rms) =10a) ? low on-state voltage(1.4v(typ.)@i tm ) ? isolation voltage(v iso =1500v ac) general description standard gate triggering scr is fully isolated package suitable for the application where requiring high bidirectional blocking voltage capability and also suitable for over voltage protection ,motor control circuit in power tool, inrush current limit circuit and heating control system . by using an internal ceramic pad, the to220f series provides voltage insulated tab (rated at 2500v rms) complying with ul standards (file ref.:e347423) absolute maximum ratings (t j = 25 c unless otherwise specified ) symbol parameter condition value units v drm repetitive peak off-state voltage 600 v i t(av) average on-state current half sine wave: t c = 86 c 6.4 a i t(rms) r.m.s on-state current 180 conduction angle 10 a i tsm surge on-state current 1/2 cycle,60hz,sine wave non-repetitive 110 a i 2 t i 2 t for fusing t= 8.3 ms 60 a 2 s di/dt critical rate of rise of on-state current 50 a/ ? p gm forward peak gate power dissipation 5 w p g(av) forward average gate power dissipation 0.5 w i fgm forward peak gate current 2 a v rgm reverse peak gate voltage 5.0 v v iso isolation breakdown voltage(r.m..s) a,c.1minute 1500 v t j operating junction temperature -40~125 c t stg storage temperature -40~150 c thermal characteristics symbol parameter value units min typ max r j c thermal resistance junction to case - - 3.8 /w r j a thermal resistance junction to ambient - - 60 /w
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf10c60 cf10c60 cf10c60 cf10c60 2 / 5 electrical characteristics (t c =25 , unless otherwise noted ) symbol parameter test conditions value units min typ max i drm repetitive peak off-state current v ak =v drm t c =25 t c =125 - - 10 a - - 200 a v tm peak on-state voltage (1) i tm = 20 a, tp=380 ? - 1.4 1. 6 v i gt gate trigger current (2) v ak = 6 v (dc) ,r l = 10 ? t c =25 - - 15 m a v gt gate trigger voltage (2) v d =6v(dc),r l =10 ? t c =25 - - 1.5 v v gd non-trigger gate voltage (1) v ak = 12v, r l = 100 t c =125 0. 2 v dv/dt critical rate of rise off-state voltage linear slope up to v d =67% v drm , gate open t j =125 200 - - v/ ? i h holding current i t = 100 ma, gate open t c =25 - - 20 ma *notes: *notes: *notes: *notes: 1 pulse width 1.0ms,duty cycle 1% 2 r gk current is not included in measurement.
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf10c60 cf10c60 cf10c60 cf10c60 3 / 5 fig. 3 typical forward voltage fig. 4 thermal r e sponse fig.5typical g ate trigger voltage vs.junction temperature fig.6typical gate trigger current vs.junction temperature fig.1gate characteristics fig .2 maximum case temperature
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf10c60 cf10c60 cf10c60 cf10c60 4 / 5 fig.8 power disspation fig. 7 typical holding current
steady, steady, steady, steady, keep keep keep keep you you you you advance advance advance advance w w w w cf10c60 cf10c60 cf10c60 cf10c60 5 / 5 to to to to - - - - 2 2 2 2 20f 20f 20f 20f package package package package dimension dimension dimension dimension unit: mm


▲Up To Search▲   

 
Price & Availability of WCF10C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X