Part Number Hot Search : 
M5219L E003511 MAX31 2N5578 LT1236BI XA3S500 LT1236BI HG4078
Product Description
Full Text Search
 

To Download UG1004G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  UG1004G - ug1008g creat by art - high efficiency, low vf - high current capability - high reliability - high surge current capability - halogen-free according to iec 61249-2-21 molding compound, ul flammability classification rating 94v-0 part no. with suffix "h" means aec-q101 qualified packing code with suffix "g" means green compound (halogen-free) terminal: matte tin plated leads, solderable per jesd22-b102 meet jesd 201 class 2 whisker test v rrm v v rms v v dc v i f(av) a t rr ns r jc c/w t j c t stg c document number: ds_d0000153 version: a15 taiwan semiconductor 10a, 200v - 600v ultra fast rectifiers features - compliant to rohs directive 2011/65/eu and in accordance to weee 2002/96/ec mounting torque: 0.56 nm max. to-220ab weight: 1.7 g (approximately) maximum ratings and electrical characteristics (t a =25c unless otherwise noted) mechanical data case: to-220ab polarity: as marked 0.95 1.70 maximum dc blocking voltage maximum average forward rectified current 10 maximum repetitive peak reverse voltage maximum rms voltage 500 600 140 100 210 t j =125c 30 v maximum instantaneous forward voltage (note 1) i f = 5 a v f peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 60 a i r 10 maximum reverse recovery time (note 2) 22 note 1: pulse test with pw=300 s, 1% duty cycle 1.25 - 55 to +150 - 55 to +175 - 55 to +150 a maximum reverse current @ rated v r t j =25c note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 200 300 400 typical thermal resistance 4 operating junction temperature range storage temperature range - 55 to +175 280 350 420 200 300 400 500 600 unit ug 1005g ug 1006g ug 1007g ug 1008g parameter symbol ug 1004g
part no. *: optional available part no. (t a =25c unless otherwise noted) document number: ds_d0000153 version: a15 UG1004G - ug1008g taiwan semiconductor ordering information part no. suffix packing note 1: "xx" defines voltage from 200v (UG1004G) to 600v (ug1008g) c0 g to-220ab 50 / tube packing code suffix (*) package packing code hc0 g aec-q101 qualified green compound ratings and characteristics curves example example p/n ug100xg (note 1) h UG1004Ghc0g UG1004G part no. suffix packing code packing code suffix description 0 2 4 6 8 10 12 0 255075100125150175 average forward current (a) case temperature ( c) fig.1 forward current derating curve ug1007g-08g UG1004G-06g resistive of inductive load with heatsink 0 20 40 60 80 100 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3 maximum non-repetitive forward surge current 8.3ms single half sine wave 0.001 0.01 0.1 1 10 0 20406080100 instantaneous reverse current ( a) percent of rated peak reverse voltage (%) fig. 2 typical reverse characteristics t j =125 c t j =25 c 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) forward voltage (v) fig. 4 typical forward characteristics t j =25 c t j =125 c 04g 05g-06g 07g-08g
min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code f = factory code document number: ds_d0000153 version: a15 marking diagram UG1004G - ug1008g taiwan semiconductor package outline dimensions dim. unit (mm) unit (inch) to-220ab 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance f=1.0mhz vsig=50mvp-p
creat by art assumes no responsibility or liability for any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tsc's terms and conditions of sale for such products, tsc assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of tsc products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify tsc for any damages resulting from such improper use or sale. document number: ds_d0000153 version: a15 UG1004G - ug1008g taiwan semiconductor notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf,


▲Up To Search▲   

 
Price & Availability of UG1004G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X