Part Number Hot Search : 
MBR20200 23C6V8 HB3140V LTC2165 170M4218 14LPD70 CF547 PIC18F4
Product Description
Full Text Search
 

To Download TU10P5A-CL420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek true rms current transducer tu10p5a..tu10p90a-cl420 - 140 - www.topstek.com tu10p-cl420 v081008 12/3/2008 tu10p5a~90a-cl420 features  highly reliable true rms current measurement device  clamp on split core structure  faster response time than temperature sensing  excellent linearity of the output voltage over a wide input range  vfd and scr type waveforms current measurement  4-20ma true rms current loop output  high isolation voltage between the measuring circuit and the current-carrying conductor (ac3kv)  flame-retardant plastic case and silicone encapsulant, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications  power measurement, power panel  true rms ac current measurement options  plastic case material: ul94v0 nylon 66 (black) standard and pc(blue) option  operating temperature range: 70c standard and option 85c available  connector type: specify Ce or Cm. if other types of connector required, please contact factory for other possibilities. Cm: ul 1017 awg22, length:15010mm with molex 5045 type female connector (2.54mm pitch) Cy: ul 1017 awg18 wire, length:300050mm, two y4.3 terminals with pvc tube specifications parameter symbol unit 5a 7.5a 10a 15a 20a 30a 50a 75a 90a full scale input current i pn a rms 5 7.5 10 15 20 30 50 75 90 max primary current peak i pmax a 30 45 60 90 120 180 250 250 250 input crest factor (peak/average ratio) cf 6 6 6 6 6 6 5 3.3 2.7 current output protocol i out ma 4-20 ma current loop, 4ma@ i p =0a, 20ma@ i p = i pn output offset current i os ma +4 ma over-scale output current i ol ma <+23 ma load resistance r l <300 supply voltage v cc v +20v .. +32v accuracy @ i pn % within 1% of i pn @25c(excluding offset) linearity % within 1% of i pn consumption current i cc ma 4-20 ma (= i out ) response time (90% i pn step) t r  sec <200 msec frequency bandwidth (1db) f bw hz 20 to 6khz thermal drift of output - %/c within 0.1 %/c @ i pn thermal drift of zero current offset -  a/c < 3  a/c(0-60c), < 6  a/c(-40 .. 70c) dielectric strength - v ac3kv x 60 sec isolation resistance @ 1000 vdc r is m >1000 m operating temperature t a c -40c to 70c storage temperature t s c -45c to 85c mass w g 58 g
topstek true rms current transducer tu10p5a..tu10p90a-cl420 - 141 - www.topstek.com tu10p-cl420 v081008 12/3/2008 k (white) : +24v l (black) : i out standard terminal appearance, dimensions and pin identification of tu10p-cl420 all dimensions in mm 0.2, holes C0, +0.2 except otherwise noted. 3 application connection option y terminal


▲Up To Search▲   

 
Price & Availability of TU10P5A-CL420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X