Part Number Hot Search : 
AD2200 BUW131H M29W800 R856G 1346341 R16VUBS DM700 DM0365R
Product Description
Full Text Search
 

To Download SN74AUC2G125 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features description/ordering information SN74AUC2G125 dual bus buffer gate with 3-state outputs sces532a ? december 2003 ? revised march 2005 available in the texas instruments nanostar? and nanofree? packages optimized for 1.8-v operation and is 3.6-v i/o tolerant to support mixed-mode signal operation i off supports partial-power-down mode operation sub-1-v operable max t pd of 1.8 ns at 1.8 v low power consumption, 10 m a at 1.8 v 8-ma output drive at 1.8 v latch-up performance exceeds 100 ma per jesd 78, class ii esd protection exceeds jesd 22 ? 2000-v human-body model (a114-a) ? 200-v machine model (a115-a) ? 1000-v charged-device model (c101) this dual bus buffer gate is operational at 0.8-v to 2.7-v v cc , but is designed specifically for 1.65-v to 1.95-v v cc operation. the SN74AUC2G125 features dual line drivers with 3-state outputs. the outputs are disabled when the associated output-enable ( oe) input is high. nanostar? and nanofree? package technology is a major breakthrough in ic packaging concepts, using the die as the package. to ensure the high-impedance state during power up or power down, oe should be tied to v cc through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. this device is fully specified for partial-power-down applications using i off . the i off circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. for more information about auc little logic devices, please refer to the ti application report, applications of texas instruments auc sub-1-v little logic devices, literature number scea027. ordering information t a package (1) orderable part number top-side marking (2) nanostar? ? wcsp (dsbga) tape and reel SN74AUC2G125yepr 0.23-mm large bump ? yep _ _ _um_ nanofree? ? wcsp (dsbga) tape and reel SN74AUC2G125yzpr ?40c to 85c 0.23-mm large bump ? yzp (pb-free) ssop ? dct tape and reel SN74AUC2G125dctr u25_ _ _ vssop ? dcu tape and reel SN74AUC2G125dcur um_ (1) package drawings, standard packing quantities, thermal data, symbolization, and pcb design guidelines are available at www.ti.com/sc/package. (2) dct: the actual top-side marking has three additional characters that designate the year, month, and assembly/test site. dcu: the actual top-side marking has one additional character that designates the assembly/test site. yep/yzp: the actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. pin 1 identifier indicates solder-bump composition (1 = snpb, = pb-free). please be aware that an important notice concerning availability, standard warranty, and use in critical applications of texas instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. nanostar, nanofree are trademarks of texas instruments. production data information is current as of publication date. copyright ? 2003?2005, texas instruments incorporated products conform to specifications per the terms of the texas instruments standard warranty. production processing does not necessarily include testing of all parameters. www .ti.com dct or dcu p ackage (t op view) 12 3 4 87 6 5 1oe 1a2y gnd v c c 2oe 1y2a 43 2 1 56 7 8 gnd 2y1a 1oe 2a1y 2oe v c c yep or yzp p ackage (bott om view)
SN74AUC2G125 dual bus buffer gate with 3-state outputs sces532a ? december 2003 ? revised march 2005 function table (each buffer) inputs output y oe a l h h l l l h x z logic diagram (positive logic) 2 1a 1y 1oe 12 6 2a 2y 2oe 75 3 www .ti.com
absolute maximum ratings (1) recommended operating conditions (1) SN74AUC2G125 dual bus buffer gate with 3-state outputs sces532a ? december 2003 ? revised march 2005 over operating free-air temperature range (unless otherwise noted) min max unit v cc supply voltage range ?0.5 3.6 v v i input voltage range (2) ?0.5 3.6 v v o voltage range applied to any output in the high-impedance or power-off state (2) ?0.5 3.6 v v o output voltage range (2) ?0.5 v cc + 0.5 v i ik input clamp current v i < 0 ?50 ma i ok output clamp current v o < 0 ?50 ma i o continuous output current 20 ma continuous current through v cc or gnd 100 ma dct package 220 q ja package thermal impedance (3) dcu package 227 c/w yep/yzp package 102 t stg storage temperature range ?65 150 c (1) stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) the input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) the package thermal impedance is calculated in accordance with jesd 51-7. min max unit v cc supply voltage 0.8 2.7 v v cc = 0.8 v v cc v ih high-level input voltage v cc = 1.1 v to 1.95 v 0.65 v cc v v cc = 2.3 v to 2.7 v 1.7 v cc = 0.8 v 0 v il low-level input voltage v cc = 1.1 v to 1.95 v 0.35 v cc v v cc = 2.3 v to 2.7 v 0.7 v i input voltage 0 3.6 v active state 0 v cc v o output voltage v 3-state 0 3.6 v cc = 0.8 v ?0.7 v cc = 1.1 v ?3 i oh high-level output current v cc = 1.4 v ?5 ma v cc = 1.65 v ?8 v cc = 2.3 v ?9 v cc = 0.8 v 0.7 v cc = 1.1 v 3 i ol low-level output current v cc = 1.4 v 5 ma v cc = 1.65 v 8 v cc = 2.3 v 9 v cc = 0.8 v to 1.65 v (2) 20 d t/ d v input transition rise or fall rate v cc = 1.65 v to 1.95 v (3) 20 ns/v v cc = 2.3 v to 2.7 v (3) 15 t a operating free-air temperature ?40 85 c (1) all unused inputs of the device must be held at v cc or gnd to ensure proper device operation. refer to the ti application report, implications of slow or floating cmos inputs, literature number scba004. (2) the data was taken at c l = 15 pf, r l = 2 k w (see figure 1 ). (3) the data was taken at c l = 30 pf, r l = 500 w (see figure 1 ). 3 www .ti.com
electrical characteristics switching characteristics switching characteristics SN74AUC2G125 dual bus buffer gate with 3-state outputs sces532a ? december 2003 ? revised march 2005 over recommended operating free-air temperature range (unless otherwise noted) parameter test conditions v cc min typ (1) max unit i oh = ?100 m a 0.8 v to 2.7 v v cc ? 0.1 i oh = ?0.7 ma 0.8 v 0.55 i oh = ?3 ma 1.1 v 0.8 v oh v i oh = ?5 ma 1.4 v 1 i oh = ?8 ma 1.65 v 1.2 i oh = ?9 ma 2.3 v 1.8 i ol = 100 m a 0.8 v to 2.7 v 0.2 i ol = 0.7 ma 0.8 v 0.25 i ol = 3 ma 1.1 v 0.3 v ol v i ol = 5 ma 1.4 v 0.4 i ol = 8 ma 1.65 v 0.45 i ol = 9 ma 2.3 v 0.6 i i a or oe inputs v i = v cc or gnd 0 to 2.7 v 5 m a i off v i or v o = 2.7 v 0 10 m a i oz v o = v cc or gnd 2.7 v 10 m a i cc v i = v cc or gnd, i o = 0 0.8 v to 2.7 v 10 m a c i v i = v cc or gnd 2.5 v 2.5 pf c o v o = v cc or gnd 2.5 v 5.5 pf (1) all typical values are at t a = 25c. over recommended operating free-air temperature range, c l = 15 pf (unless otherwise noted) (see figure 1 ) v cc = 1.2 v v cc = 1.5 v v cc = 1.8 v v cc = 2.5 v v cc = 0.8 v from to 0.1 v 0.1 v 0.15 v 0.2 v parameter unit (input) (output) typ min max min max min typ max min max t pd a y 5.1 1 3.6 0.7 2.3 0.6 1 1.8 0.5 1.3 ns t en oe y 5.9 1.1 4.1 1 2.6 0.9 1.3 2 0.8 1.5 ns t dis oe y 6.6 2 4.8 1.5 3.5 1.8 2.6 3.7 1.4 2.9 ns over recommended operating free-air temperature range, c l = 30 pf (unless otherwise noted) (see figure 1 ) v cc = 1.8 v v cc = 2.5 v from to 0.15 v 0.2 v parameter unit (input) (output) min typ max min max t pd a y 0.8 1.6 2.6 0.7 1.8 ns t en oe y 1.1 1.7 2.9 0.9 2.2 ns t dis oe y 1.7 2.3 3.6 0.8 2 ns 4 www .ti.com
operating characteristics SN74AUC2G125 dual bus buffer gate with 3-state outputs sces532a ? december 2003 ? revised march 2005 t a = 25c v cc = 0.8 v v cc = 1.2 v v cc = 1.5 v v cc = 1.8 v v cc = 2.5 v test parameter unit conditions typ typ typ typ typ power dissipation c pd f = 10 mhz 16 16 16 17 18 pf capacitance 5 www .ti.com
parameter measurement information SN74AUC2G125 dual bus buffer gate with 3-state outputs sces532a ? december 2003 ? revised march 2005 figure 1. load circuit and voltage waveforms 6 v c c /2 t h t s u from output under t est c l (see note a) load circuit s1 2 v c c open gnd r l r l data input t iming input v c c 0 vv c c 0 v 0 v t w input vol t age w a veforms setup and hold times vol t age w a veforms prop aga tion dela y times inverting and noninverting outputs vol t age w a veforms pulse dura tion t p l h t p h l t p h l t p l h v o h v o h v o l v o l v c c 0 v input output w aveform 1 s1 at 2 v c c (see note b) output w aveform 2 s1 at gnd (see note b) v o l v o h t p z l t p z h t p l z t p h z v c c 0 v v o l + v d v o h - v d 0 v v c c vol t age w a veforms enable and disable times low - and high-level enabling outputoutput t p l h /t p h l t p l z /t p z l t p h z /t p z h open 2 v c c gnd test s1 notes: a. c l includes probe and jig capacitance. b. w aveform 1 is for an output with internal conditions such that the output is low , except when disabled by the output control. w aveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control. c. all input pulses are supplied by generators having the following characteristics: prr 10 mhz, z o = 50 w , slew rate 1 v/ns. d. the outputs are measured one at a time, with one transition per measurement. e. t p l z and t p h z are the same as t d i s . f. t p z l and t p z h are the same as t e n . g. t p l h and t p h l are the same as t p d . h. all parameters and waveforms are not applicable to all devices. output control v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c /2 v c c v c c /2 v c c /2 0.8 v 1.2 v 0.1 v 1.5 v 0.1 v 1.8 v 0.15 v 2.5 v 0.2 v 1.8 v 0.15 v 2.5 v 0.2 v 2 k w 2 k w 2 k w 2 k w 2 k w 1 k w 500 w v c c r l 0.1 v0.1 v 0.1 v 0.15 v0.15 v 0.15 v 0.15 v v d c l 15 pf15 pf 15 pf 15 pf 15 pf 30 pf 30 pf www .ti.com
packaging information orderable device status (1) package type package drawing pins package qty eco plan (2) lead/ball finish msl peak temp (3) 74auc2g125dcure4 active us8 dcu 8 3000 pb-free (rohs) cu nipdau level-1-260c-unlim SN74AUC2G125dctr active sm8 dct 8 3000 pb-free (rohs) cu nipdau level-1-260c-unlim SN74AUC2G125dcur active us8 dcu 8 3000 pb-free (rohs) cu nipdau level-1-260c-unlim SN74AUC2G125yepr active wcsp yep 8 3000 tbd snpb level-1-260c-unlim SN74AUC2G125yzpr active wcsp yzp 8 3000 pb-free (rohs) snagcu level-1-260c-unlim (1) the marketing status values are defined as follows: active: product device recommended for new designs. lifebuy: ti has announced that the device will be discontinued, and a lifetime-buy period is in effect. nrnd: not recommended for new designs. device is in production to support existing customers, but ti does not recommend using this part in a new design. preview: device has been announced but is not in production. samples may or may not be available. obsolete: ti has discontinued the production of the device. (2) eco plan - the planned eco-friendly classification: pb-free (rohs) or green (rohs & no sb/br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. tbd: the pb-free/green conversion plan has not been defined. pb-free (rohs): ti's terms "lead-free" or "pb-free" mean semiconductor products that are compatible with the current rohs requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, ti pb-free products are suitable for use in specified lead-free processes. green (rohs & no sb/br): ti defines "green" to mean pb-free (rohs compatible), and free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material) (3) msl, peak temp. -- the moisture sensitivity level rating according to the jedec industry standard classifications, and peak solder temperature. important information and disclaimer: the information provided on this page represents ti's knowledge and belief as of the date that it is provided. ti bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are underway to better integrate information from third parties. ti has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ti and ti suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. in no event shall ti's liability arising out of such information exceed the total purchase price of the ti part(s) at issue in this document sold by ti to customer on an annual basis. package option addendum www.ti.com 6-jun-2005 addendum-page 1
mechanical data mpds049b ? may 1999 ? revised october 2002 post office box 655303 ? dallas, texas 75265 dct (r-pdso-g8) plastic small-outline package ????? ????? ????? ????? 0,60 0,20 0,25 0 ? 8 0,15 nom gage plane 4188781/c 09/02 4,25 5 0,30 0,15 2,90 3,75 2,70 8 4 3,15 2,75 1 0,10 0,00 1,30 max seating plane 0,10 m 0,13 0,65 pin 1 index area notes: a. all linear dimensions are in millimeters. b. this drawing is subject to change without notice. c. body dimensions do not include mold flash or protrusion d. falls within jedec mo-187 variation da.



important notice texas instruments incorporated and its subsidiaries (ti) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or service without notice. customers should obtain the latest relevant information before placing orders and should verify that such information is current and complete. all products are sold subject to ti?s terms and conditions of sale supplied at the time of order acknowledgment. ti warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ti?s standard warranty. testing and other quality control techniques are used to the extent ti deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ti assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ti components. to minimize the risks associated with customer products and applications, customers should provide adequate design and operating safeguards. ti does not warrant or represent that any license, either express or implied, is granted under any ti patent right, copyright, mask work right, or other ti intellectual property right relating to any combination, machine, or process in which ti products or services are used. information published by ti regarding third-party products or services does not constitute a license from ti to use such products or services or a warranty or endorsement thereof. use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from ti under the patents or other intellectual property of ti. reproduction of information in ti data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alteration is an unfair and deceptive business practice. ti is not responsible or liable for such altered documentation. resale of ti products or services with statements different from or beyond the parameters stated by ti for that product or service voids all express and any implied warranties for the associated ti product or service and is an unfair and deceptive business practice. ti is not responsible or liable for any such statements. following are urls where you can obtain information on other texas instruments products and application solutions: products applications amplifiers amplifier.ti.com audio www.ti.com/audio data converters dataconverter.ti.com automotive www.ti.com/automotive dsp dsp.ti.com broadband www.ti.com/broadband interface interface.ti.com digital control www.ti.com/digitalcontrol logic logic.ti.com military www.ti.com/military power mgmt power.ti.com optical networking www.ti.com/opticalnetwork microcontrollers microcontroller.ti.com security www.ti.com/security telephony www.ti.com/telephony video & imaging www.ti.com/video wireless www.ti.com/wireless mailing address: texas instruments post office box 655303 dallas, texas 75265 copyright ? 2005, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of SN74AUC2G125

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X