Part Number Hot Search : 
200N6 100FI X98500 SDA9288X 10D48 DP2101 L2040 FR70G05
Product Description
Full Text Search
 

To Download SBL30L30CT-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds30757 rev. 5 - 2 1 of 3 sbl30l30ct www.diodes.com  diodes incorporated sbl30l30ct 30a dual low vf schottky barrier rectifier features single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%.  case: to-220ab  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: tin finish. solderable per mil-std-202, method 208  polarity: see diagram  marking: type number  ordering information: see sheet 3  weight: 2.24 grams (approximate) mechanical data l m a n p d e k c b g 12 3 j hh pin 1 pin 3 pin 2 case characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r(rms) 21 v average rectified output current @ t c = 140  c total device per element i o 30 15 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load per element i fsm 260 a peak repetitive reverse current per element at t p = 2  s, 1 khz i rrm 1.0 a voltage rate of change dv/dt 10,000 v/  s typical thermal resistance junction to case per diode (note 2) total r  jc 1.5 0.8  c/w operating temperature range t j -65 to +150  c storage temperature range t stg -65 to +150  c notes: 1. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex, notes 5 and 7. 2. thermal resistance junction to case: device mounted on 200x200x5mm aluminum plate. 3. short duration test pulse used to minimize self-heating effect.  low power loss, high efficiency  guard ring for transient protection  high surge capability  very low forward voltage drop  for use in high frequency inverters, free wheeling, and polarity protection applications  lead free finish, rohs compliant (note 1) new product maximum ratings @ t a = 25  c unless otherwise specified electrical characteristics @ t a = 25  c unless otherwise specified characteristic symbol min typ max unit test condition reverse breakdown voltage (note 3) v (br)r 30  v i r = 1.5ma forward voltage per element v f       0.52  0.46 0.38 0.57 0.50 v @ i f = 15a, t j = 25  c @ i f = 15a, t j = 125  c @ i f = 30a, t j = 25  c @ i f = 30a, t j = 125  c peak reverse current per element (note 3) i r     1.0 300 ma ma @ v r = 30v, t j = 25  c @ v r = 30v, t j = 125  c to-220ab dim min max a 14.22 15.88 b 9.65 10.67 c 2.54 3.43 d 5.84 6.86 e  6.35 g 12.70 14.73 h 2.29 2.79 j 0.51 1.14 k 3.53  4.09  l 3.56 4.83 m 1.14 1.40 n 0.30 0.64 p 2.03 2.92 all dimensions in mm
ds30757 rev. 5 - 2 2 of 3 sbl30l30ct www.diodes.com 1m 10m 0.1 1 5 0 25 20 15 10 30 v , instantaneous reverse voltage (v) fig. 4 typical reverse characteristics, per element r i , instantane o us reverse current (a) r t = -65oc a t = -40oc a t = 25oc a t = 85oc a t = 125oc a t = 150oc a 0 10 20 30 25 50 75 100 125 150 175 4 0 i average forward current (a) f(av), t , case temperature ( c) fi g . 1 forward current deratin g curve c per element t total device 0 100 150 50 200 300 250 1 2 5 10 20 50 100 i , peak f o rward surge current (a) fsm number of cycles at 60hz fig. 2 maximum non-repetitive surge current, per elemen t 8.3 ms single half-sine-wave new product 1 10 100 1000 10,000 100,000 0 0.1 0.2 0.3 0.5 0.6 0.4 i , instantane o us f o rward current (ma) f v , instantaneous forward voltage (v) fig. 3 typical forward characteristics, per element f t = -65oc a t = -40oc a t = 25oc a t = 85oc a t = 125oc a t = 150oc a 100 c , total capacitance (pf) t v , reverse voltage (v) fi g .5 t y pical total capacitance, per element r 1000 10 , 000 0 5 10 15 20 25 30 f=1mhz
ds30757 rev. 5 - 2 3 of 3 sbl30l30ct www.diodes.com new product notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping sbl30l30ct to-220ab 50/tube ordering information (note 4) important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of SBL30L30CT-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X