Part Number Hot Search : 
AT49BV16 SI7661 5KE110A 17400 SMCG36A CTP4406 ADF41 5KE110A
Product Description
Full Text Search
 

To Download RS15H121A009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  398 compact total length of travel +15mm and improved operating feel slim slide tm slim 4 rs h other varieties are also available. refer to "other specifications" (p.402). note refer to p.402 for other specifcations. refer to p.402 for details of lever types. refer to p.403 for ordering products not listed. refer to p.426 for soldering conditions. typical specifications items specifications total resistance tolerance 20% maximum operating voltage please see p.402 operating force 0.6 n operating life 10,000 cycles operating temperature range ?25 to 70 15 a 2,900 5,800 2,500 5,000 2,000 4,000 2,750 5,500 1, 9 8 0 3,960 2,900 5,800 2,500 5,000 2,000 4,000 2,750 5,500 1, 9 8 0 3,960 minimum order unitpcs. japan export number of resistor elements direction of lever vertical horizontal vertical horizontal 15 20 30 15 20 30 15 20 30 15 20 30 c a c a 9.5 14 . 5 4.5 9.5 4.5 9.5 4.5 14 . 5 4.5 10 0 50 10 0 50 10 10 0 10 250 10 5 50 10 50 200 5 10 10 0 10 50 250 50 1b 15 a 1b 15 a 1b 15 a 1b 3b with without with without with without with without without 1 2 3 7 8 9 4 5 6 10 11 12 travel mm rs15h113ca05 rs15h111ca04 rs15h113c001 rs20h113c008 rs20h111c009 rs30h111a00d rs15h11aa04m rs15h11aa008 rs15h11aa00g rs20h11aa02t rs20h11ca00b rs20h11aa01u rs20h11aa019 rs20h11aa015 rs30h11aa009 rs30h11aa00g rs30h11aaa0b rs30h11aa00p rs30h11aaa02 RS15H121A009 rs20h123a01c rs30h121a00b rs15h12aa00f rs15h12aa009 rs20h12ac002 rs30h12aa003 products no. lever types length of lever l1mm total resistance k ? resistance taper center detent tap drawing no. single-unit dual-unit product line +0.5 ?0.4 rotary potentiometers slide potentiometers general-use mixer
399 dimensions unit:mm 2 6 12.5 1.8 5 1 5 2 c1 4 30 4.5 0.6 0.4 mounting surface 1.1 3.5 ( 4.4 ) 15 l 1 l 1 0.5 2 6 12.5 1.8 5 1 5 2 c1 4 30 4.5 0.6 0.4 mounting surface 1.1 3.5 ( 4.4 ) 15 l 1 l 1 0.5  2.75 27.5 22.5 32.5 1 6-?0.8 hole 2-?1.6 hole l 3l ll l2 - -vhufsnjobm 2 6 12.5 2 4.5 ( l 1 ) 5 45 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 30 (r0.3) l 1 0.5 mounting surface 2.75 37.5 32.5 42.5 1 6-?0.8 hole 2-?1.6 hole l 3l ll l2 l : lug terminal the length of leverl 1 can be customized. refer to p.402 for details. 2 6 12.5 2 4.5 ( l 1 ) 5 45 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 30 (r0.3) l 1 0.5 mounting surface 2.75 22.5 17.5 27.5 6-?0.8 hole 2-?1.6 hole l l 3 1 l l : lug terminal ll 2 no. 1 style pc board mounting hole dimensions viewed from mounting side 2 3 l 1 9.5 14.5 packing specifications tray travelmm direction of lever number of packagespcs. export package measurements mm 1 case /japan 1 case /export packing 15 vertical 2,900 5,800 37 8514512 horizontal 2,750 5,500 3745084 08 20 vertical 2,500 5,000 37 8514512 horizontal 2,750 5,500 3745084 08 30 vertical 2,000 4,000 37 8514512 horizontal 1, 9 8 0 3,960 3745084 08 rshslim slide tm slim 4 rotary potentiometers slide potentiometers mixer general-use
400 slim slide tm slim 4 rs h 2 6 12.5 2 5 30 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 15 4.5 ( l 1 ) l 1 0.5 (r0.3) mounting surface 2 6 12.5 2 5 30 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 15 4.5 ( l 1 ) l 1 0.5 (r0.3) mounting surface 2.75 22.5 17.5 27.5 1 6-?0.8 hole 2-?1.6 hole l 33 'l 1' 2' 2 --vhufsnjobm 4 dimensions unit:mm no. 5 style pc board mounting hole dimensions viewed from mounting side 2.75 27.5 22.5 32.5 1 6-?0.8 hole 2-?1.6 hole l 33 'l 1' 2' 2 l : lug terminal 6 2 6 12.5 2 4.5 ( l 1 ) 5 45 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 30 l 1 0.5 mounting surface (r0.3) 2 6 12.5 2 4.5 ( l 1 ) 5 45 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 30 l 1 0.5 mounting surface (r0.3) 2.75 37.5 32.5 42.5 1 6-?0.8 hole 2-?1.6 hole l 33 'l 1' 2' 2 l : lug terminal 7 l 1 0.5 30 2.3 0.5 6 12 2 4.5 ( l 1 ) 5 4 ( 4.4 ) 3.5 0.6 1.1 15 (r0.3) mounting surface l 1 0.5 30 2.3 0.5 6 12 2 4.5 ( l 1 ) 5 4 ( 4.4 ) 3.5 0.6 1.1 15 (r0.3) mounting surface 8 35 2.3 0.5 6 12 2 4.5 ( l 1 ) 5 4 ( 4.4 ) 3.5 0.6 1.1 20 l 1 0.5 mounting surface (r0.3) 35 2.3 0.5 6 12 2 4.5 ( l 1 ) 5 4 ( 4.4 ) 3.5 0.6 1.1 20 l 1 0.5 mounting surface (r0.3) 1 3 30 35 7.5 2.5 l 2 l l l l 4-?0.8 hole 4-?1.6 hole l : lug terminal 2 6 12.5 2 9.5 ( l 1 ) 5 35 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 20 l 1 0.5 (r0.3) mounting surface 2 6 12.5 2 9.5 ( l 1 ) 5 35 4.5 0.6 0.4 1.1 3.5 ( 4.4 ) 20 l 1 0.5 (r0.3) mounting surface 1 3 25 30 7.5 2.5 l 2 l l l l 4-?0.8 hole 4-?1.6 hole l : lug terminal rotary potentiometers slide potentiometers general-use mixer
401   dimensions unit:mm no. 10 9 style pc board mounting hole dimensions viewed from mounting side 4 (4.4) 3.5 0.6 1.1 2 mounting surface 4 (4.4) 3.5 0.6 1.1 1.8 mounting surface 11 1 3 25 30 7.5 2.5 2' 2 1' 3' l l 4-?0.8 hole 4-?1.6 hole l : lug terminal 12 45 2.3 0.5 6 12 2 5 4 ( 4.4 ) 3.5 0.6 1.1 30 l 1 0.5 4.5 ( l 1 ) (r0.3) mounting surface 45 2.3 0.5 6 12 2 5 4 ( 4.4 ) 3.5 0.6 1.1 30 l 1 0.5 4.5 ( l 1 ) (r0.3) mounting surface 1 3 40 45 7.5 2.5 2' 2 1' 3' l l 4-?0.8 hole 4-?1.6 hole l : lug terminal the length of leverl 1 can be customized. refer to p.402 for details. 1 3 30 35 7.5 2.5 2' 2 1' 3' l l 4-?0.8 hole 4-?1.6 hole l : lug terminal 45 2.3 0.5 6 12 2 l 1 5 4 ( 4.4 ) 3.5 0.6 1.1 30 l 1 0.5 (r0.3) mounting surface 45 2.3 0.5 6 12 2 l 1 5 4 ( 4.4 ) 3.5 0.6 1.1 30 l 1 0.5 (r0.3) mounting surface 1 3 40 45 7.5 2.5 l 2 l l l l 4-?0.8 hole 4-?1.6 hole l : lug terminal l 1 4.5 9.5 rshslim slide tm slim 4 rotary potentiometers slide potentiometers mixer general-use
402 in addition to the products listed, we can accommodate the follow specifications. unit:mm configuration code dimensions length l 1 4.5 9.5 9.5 14 . 5 9.5 14 . 5 a c d l 1 5 (r0.3) 2 5 (r0.3) l 1 4 2 5 1 1.8 1.2 l 1 5 0.8 3 0.3 2 1.6 .bslfs 1. the color of the d-type lever is black. please specify the required col or for markers from red, green, orange and white. 2. marked are specifications recommended by alps. notes also compatible to dc (10v dc). (excluding tapped types) note lever types 5 10 20 50 10 0 200 250 total resistancek ? 15 a 1b 3b resistance taper total resistance variety resistance taper 15 20 30 travelmm travel distance variety tap available, (only the center-positioned) corresponding specification terminal layout / circuit diagram viewed from the mounting side single-unitvertical dual-unitvertical single-unithorizontal dual-unithorizontal l: lug terminal l: lug terminal l: lug terminal l: lug terminal rated power maximum operating voltage travel resistance taper 15a 1b, 3b 15 m m 0.012w 0.025w 20mm 0.025w 0.05w 30mm 0.05w 0 .1w travel resistance taper 15a 1b, 3b 15 m m 50v ac, 10v dc 10 0 v a c , 10 v d c 20mm 30mm 150v ac, 10v dc 200v ac, 10v dc slim slide tm (slim 4) / other specifications rotary potentiometers slide potentiometers general-use mixer
403 when ordering product varieties that are not listed, specify referring to the examples below. sample part number lever types resistance taper code a resistance taper 15 a b 1b v 3b code a c d r s 3 0 h 1 1 1 a 0 9 5 b 1 0 3 number of resistor elements single-unit dual-unit 1 2 length of lever code 045 length l 1 mm 4.5 095 9.5 14 5 14 . 5 direction of lever and presence of center detent code 1 3 a c direction of lever center detent vertical without with without with horizontal travelmm 15, 2 0, 3 0 code total resistance k ? 502 5 10 3 10 203 20 503 50 code total resistance k ? 10 4 10 0 204 200 254 250 total resistance 100 90 80 70 60 50 40 30 20 10 0 100908070605040302010 rotation travel ( % ) term."1" term."3" output volt.across term.1-2 input volt. across term. 1-3 g 100 ( % ) b(1b) v(vol.control)(3b) j j a(15a) b: for tone & general v: for vol. marked are specifications recommended by alps. note slim slide tm (slim 4) / ordering products not listed rotary potentiometers slide potentiometers mixer general-use
type standard type master type series super slide tm slim slide tm slim4 compact reflow type k fader rs 1 rs h rs08u rs k single-unit/dual-unit single-unit/dual-unit single-unit single-unit/dual-unit photo travelmm 15, 20, 30, 45, 60 15, 20, 30 8 60, 100 direction of lever vertical horizontal vertical horizontal vertical lever material metal / resin resin metal operating temperature range ?25 to +70 ?10 to +70 ?10 to +60 operating life 15,000 cycles 10,000 cycles 100,000 cycles (standard) 300,000 cycles cp available for automotive use ` ` ` ` life cycle (availability) electrical performance total resistance k ? 10, 20, 50, 100, 200 5, 10, 20, 50, 100, 200, 250 10 10, 50, 100(standerd) 1 0 c p resistance taper 10a, 15a, 1b, 3b, 4b 15a, 1b, 3b 1b 15a, 1b rated power please see p.395 please see p.402 0.025w 0.25w insulation resistance 100m min. 250v dc dual-unit 100m min. 250v dc 100m min. 100v dc 100m min. 250v dc voltage proof 300v ac for 1 minute dual-unit 300v ac for 1 minute 100v ac for 1 minute 250v ac for 1 minute center-taps without / with without mechanical performance operating force 0.3 to 2.5n 0.6 n 0.170.15n please see p.408 center detent without / with without stopper strength 50n 30n 5n 100n lever push-pull strength 50n 30n 5n 100n lever wobblemm both sides 22l 20 1.6 max. ` 22l 25 detent slip-out force operating force 0.2 to 2n operating force 0.3 n ` ` lever deviationmm one side 0.5 max. ` ` ` 0.5 max. terminal style insertion reflow leadstandard connectorcp page 389 398 404 405 slide potentiometers soldering conditions ???????????????????????????????????????????? 426 potentiometer cautions ????????????????????????????????????????????????????? 427 potentiometers measurement and test methods ???????????????????????????????????????? 429 potentiometers resistance taper ???????????????????????????????????????????????? 431 387 list of varieties slide potentiometers 1. l in the lever wobble column of the above table indicates the length of lever. 2. rs indicates travel. 3. indicates applicability to some products in the series. notes +0.5 ? 0.4 +0.5 ? 0.25 rotary potentiometers slide potentiometers mixer general-use
426 reference for manual soldering example of reflow soldering condition reference for dip soldering 300 200 100 a b c time (s) g max. f max. h max. e max. room temperature temperature (?c ) pre-heating d series tip temperature duration of soldering time no. of solders rs 1, rs h, rs08u, rs k standard , rs n, rs n11s, rs6011 p, rs n1 m, rsa0k1 v motor terminal 350 max. 3s max. 1 time series preheating dip soldering number of soldering soldering surface temperature heating time soldering temperature soldering time rs 1, rs h, rs n, rs n11s, rs6011 p, rs n1 m 10 0 m a x . 1 min. max. 260 5s max. 1 time series a b c d e f g h no. of reflows rs08u 250 200 15 0 15 0 2 min. 3s 40s 4 min. 1 time 1. when using an infrared reflow oven, solder may sometimes not be ap plied. be sure to use a hot air reflow oven or a type that uses infrared rays in combination with hot air. 2. the temperatures given above are the maximum temperatures at the terminals of the potentiometer when employing a hot air reflow method. the temperature of the pc board and the surface tem perature of the potentiometer may vary greatly depending on the pc board material, its size and thickness. ensure that the surfa ce temperature of the potentiometer does not rise to 250c or greater. 3. conditions vary to some extent depending on the type of reflow bath used. be sure to give due consideration to this prior to use. notes temperature profile slide potentiometers / soldering conditions rotary potentiometers slide potentiometers mixer general-use


▲Up To Search▲   

 
Price & Availability of RS15H121A009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X