Part Number Hot Search : 
RKTV206 M41T94MH ST72T 2SK2666 PE44128 UPA1792G 1E13UM AN2603
Product Description
Full Text Search
 

To Download PHFM101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features * glass passivated device * ideal for surface mounted applications * low leakage current * metallurgically bonded construction * pb-free package is available rohs product for packing code suffix "g" halohen free product for packing code suffix "h" mechanical data * case: molded plastic, do-214ac (sma) * epoxy: device has ulflammability classification 94v-o * lead: mil-std-202e method 208c guaranteed * mounting position: any * weight: 0.064 gram ( approximated) ratings at 25 ambient temperature unless otherwise specified. single phase half wave, 60hz, resistive of inductive load. for capacitive load, derate current by 20% ratings symbol PHFM101 phfm102 phfm103 phfm104 phfm105 phfm106 phfm107 phfm108 unit marking code h1 h2 h3 h4 h5 h6 h7 h8 maximum recurrent peak reverse voltage v rrm 50 100 200 300 400 600 800 1000 volts maximum rms voltage v rms 35 70 140 210 280 420 560 700 volts maximum dc blocking voltage v dc 50 100 200 300 400 600 800 1000 volts maximum average forward current at t a = 50 peak forward surge current 8.3 ms single half sine-wa yh superimposed on rated load (jedec method) r ja r jc typical junction capacitance (note 2) c j p f operating temperature range t j storage temperature range t s t g symbol PHFM101 phfm102 phfm103 phfm104 phfm105 phfm106 phfm107 phfm108 unit maximum forward voltage at 1.0a dc v f 1.30 volts maximum full load reverse current, full cycle average ta=55 maximum dc reverse current @ ta = 25 at rated dc blocking voltage @ ta = 125 maximum reverse recovery time (note 3) trr nsec notes :1.thermal resistance: mounted on pcb. 2. measured at 1 mhz and applied reverse voltage of 4.0 volts. 3.test conditions: if = 0.5a, ir = 1.0a, irr = 0.25a /w 5.0 100.0 i r 50.00 amps 1.00 50 75 thru 1.0 -55 to +150 30 75 -55 to +150 phfm108 12 maximum ratings and electrical characteristics 25 typical thermal resistance (note 1) PHFM101 15 1.70 characteristics amps amps i o i fsm dimensions in inches and (millimeters) sma .181(4.60) .160(4.06) .110(2.79) .086(2.18) .067(1.70) .051(1.29) .208(5.28) .188(4.80) .091(2.31) .067(1.70) .012(.305) .006(.152) .059(1.50) .035(0.89) .008 (.203) max. * 1 www.paceleader.tw 1.0a surface mount high effciency rectifiers -50v - 1000v
2 www.paceleader.tw $68)5$&(02817)$675(&29(5<5(&7,),(569 PHFM101 thru phfm108 thru phfm108 PHFM101


▲Up To Search▲   

 
Price & Availability of PHFM101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X