Part Number Hot Search : 
S355GH BUV24 MC33502 N74LS1 C895199 TM32F BAT43 2N50C3
Product Description
Full Text Search
 

To Download MSB25MH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  msb2 5 m h document number: ds 38865 rev. 3 - 2 1 of 5 www.diodes.com november 2016 ? diodes incorporated msb2 5 m h advanced information advanced information new product 2.5a surface mount glass passivated bridge rectifier product summary ( @t a = + 25c ) v rrm (v) i o (a) v f (v) i r ( a) 1000 2 . 5 1.1 5 description and applications suitable for ac to dc bridge full wave rectification for smps, led lighting, adapter, battery charger, home appliances, office equipment and telecommunication applications. features and benefits ? glass passivated die construction ? compact, thin profile p ackage d esign ? reliable robust c onstruction ? ideal for smt m anufacturing ? rated at 1000v prv ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) mechanical data ? case: msbl ? case material: molded plastic. ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: lead free plating (matte tin finish). solderable per mil - std - 202, method 208 ? polarity: as marked on body ? w eight: 0. 216 grams ( a pproximate ) ordering information (note 4 ) part number compliance case packaging MSB25MH - 13 commercial msbl 2500/tape & reel note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for packaging details, go to our website at http://www.diodes.com/products/packages.html . marking information top view internal schematic mb25mh = product type marking code = manufacturers code marking _ + ~ ~ yww m b25mh pin diagram pin 1 green
msb2 5 m h document number: ds 38865 rev. 3 - 2 2 of 5 www.diodes.com november 2016 ? diodes incorporated msb2 5 m h advanced information advanced information new product maximum ratings (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacit ive load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 1000 v rms reverse voltage v r(rms) 700 v average rectified output current @ t c = + 110 c i o 2 . 5 a non - repetitive peak forward surge current, 8.3ms single half sine - wave superimposed on rated load i fsm 80 a non - repetitive peak forward surge current, 1.0ms single half sine - wave superimposed on rated load i fsm 160 a i 2 t rating for f using (1ms < t < 8.3ms) i 2 t 26.5 a 2 s thermal characteristics characteristic symbol value unit typical thermal resistance, junction to ambient (note 5 ) ( p er e lement) r j a 35 c/w typical thermal resistance, junction to case r j c 7.8 c/w typical thermal resistance, junction to lead r j l 1 6 c/w operating and storage temperature range t j , t stg - 5 5 to +150 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition reverse breakdown voltage (note 6) v (br)r 1000 r = 5 f f = 1. 25 a , t a = + 25 c i f = 1. 25 a , t a = +1 25 c i f = 2 . 5 a , t a = + 25 c i f = 2 . 5 a , t a = +1 25 c leakage current (note 6 ) ( p er e lement) i r r = 1000v , t a = + 25 c v r = 1000v , t a = + 125 c total capacitance (note 7) c t r = 4 v, f = 1.0mhz note s : 5 . d evice mounted on glass - e poxy substrate with 1 oz 20 mm x 20 mm cu pad per pin . 6. short duration pulse test used to minimize self - heating effect. 7 . measured at 1.0mhz and applied reverse voltage of 4.0v dc.
msb2 5 m h document number: ds 38865 rev. 3 - 2 3 of 5 www.diodes.com november 2016 ? diodes incorporated msb2 5 m h advanced information advanced information new product fig.3 typical forward characteristics (a) note 5
msb2 5 m h document number: ds 38865 rev. 3 - 2 4 of 5 www.diodes.com november 2016 ? diodes incorporated msb2 5 m h advanced information advanced information new product package outline dimensions please see http://www.diodes.com/package - outlines.html for the latest version. msbl dim min max typ a 1.30 ? 1.50 1.40 ? a1 0.04 0.0 8 0.06 b 0. 95 1.15 1.00 c 0.27 0.40 0.30 d 6.50 6.70 6.60 d3 2.90 3.10 3.00 e 7.20 7.40 7.30 e1 7.90 8.60 8.30 e 5.00 5.20 5.10 l 0.65 1.05 0.85 x 0.95 1.25 1.10 y 0.95 1.25 1.10 all dimensions in mm suggested pad layout please see http://www.diodes.com/package - outlines.html for the latest version. dimensions value (in mm) c 5.10 x 1.30 y 1.20 y1 8.70 e e1 e b a d l d3 c a1 seating plane y x pin#1 (dia: 0.8 +/-0.03) c x y y1
msb2 5 m h document number: ds 38865 rev. 3 - 2 5 of 5 www.diodes.com november 2016 ? diodes incorporated msb2 5 m h advanced information advanced information new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated do es not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemni fy and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized applicat ion. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are sp ecifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or sys tems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related re quirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 2016 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of MSB25MH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X