Part Number Hot Search : 
BU1850 AEE02F24 3VK7M BD741 2N167A 10012 XF4018 128Y1
Product Description
Full Text Search
 

To Download MC74VHC125-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 october, 2017 ? rev. 8 1 publication order number: mc74vhc125/d mc74vhc125 quad bus buffer with 3?state control inputs the mc74vhc125 is a high speed cmos quad bus buffer fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the mc74vhc125 requires the 3?state control input (oe ) to be set high to place the output into the high impedance state. the internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. the inputs tolerate voltages up to 7 v, allowing the interface of 5 v systems to 3 v systems. features ? high speed: t pd = 3.8ns (typ) at v cc = 5 v ? low power dissipation: i cc = 4  a (max) at t a = 25 c ? high noise immunity: v nih = v nil = 28% v cc ? power down protection provided on inputs ? balanced propagation delays ? designed for 2 v to 5.5 v operating range ? low noise: v olp = 0.8 v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300 ma ? esd performance: human body model; > 2000 v, machine model; > 200 v ? chip complexity: 72 fets or 18 equivalent gates ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant logic diagram active?low output enables y1 y2 y4 3 6 8 11 13 12 10 9 4 5 1 2 a1 oe1 a2 oe2 a3 oe3 a4 oe4 y3 function table vhc125 inputs output aoe y hl h ll l xh z 14?lead soic d suffix case 751a 14?lead tssop dt suffix case 948g pin connection and marking diagram (top view) 11 12 13 14 8 9 10 5 4 3 2 1 7 6 oe3 y4 a4 oe4 v cc y3 a3 oe2 y1 a1 oe1 gnd y2 a2 www. onsemi.com see general marking information in the device marking section on page 6 of this data sheet. device marking information see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information
mc74vhc125 www. onsemi.com 2 ??????????????????????? ??????????????????????? ???? ???? ?????????????? ?????????????? ?????? ?????? ?? ?? ???? ???? v cc ?????????????? ?????????????? ?????? ?????? ?? ?? ???? ???? ?????????????? ?????????????? ?????? ?????? ?? ?? ???? ???? ?????????????? ?????????????? ?????? ?????? ?? ?? ???? ???? ?????????????? ?????????????? ?????? ?????? ?? ?? ???? ???? ?????????????? ?????????????? ?????? ??????  20 ?? ?? ???? ???? ?????????????? ?????????????? ?????? ??????  25 ?? ?? ???? ???? ?????????????? ?????????????? ?????? ??????  50 ?? ?? ???? ???? ?????????????? ?????????????? ?????? ?????? ?? ?? ???? ???? ?????????????? ?????????????? ?????? ?????? ?? ?? c stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. ?derating ? soic packages: ? 7 mw/ c from 65 to 125 c tssop package: ? 6.1 mw/ c from 65 to 125 c recommended operating conditions ???? ???? ??????????????????????? ??????????????????????? ???? ???? ???? ???? ?? ?? ???? ???? v cc ??????????????????????? ??????????????????????? ???? ???? ???? ???? ?? ?? ???? ???? ??????????????????????? ??????????????????????? ???? ???? ???? ???? ?? ?? ???? ???? ??????????????????????? ??????????????????????? ???? ???? ???? ???? ?? ?? ???? ???? ??????????????????????? ??????????????????????? ???? ???? ???? ???? ?? ?? c ???? ???? ???? ??????????????????????? ??????????????????????? ???????????????????????  0.3 v v cc =5.0 v  0.5 v ???? ???? ???? ???? ???? ???? ?? ?? ?? ordering information device package shipping ? mc74vhc125dg soic?14 (pb?free) 55 units / rail nlv74vhc125dg* soic?14 (pb?free) 55 units / rail mc74vhc125dr2g soic?14 (pb?free) 2500 / tape & reel nlv74vhc125dr2g* soic?14 (pb?free) 2500 / tape & reel mc74vhc125dtr2g tssop?14 (pb?free) 2500 / tape & reel nlv74vhc125dtr2g* tssop?14 (pb?free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable. this device contains protection circuitry to guard against damage due to high static voltages or elec- tric fields. however, precautions must be taken to avoid applications of any voltage higher than maxim- um rated voltages to this high?im- pedance circuit. for proper opera- tion, v in and v out should be con- strained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). un- used outputs must be left open.
mc74vhc125 www. onsemi.com 3 dc electrical characteristics v cc t a = 25 c t a 85 c t a 125 c symbol parameter test conditions (v) min typ max min max min max unit v ih minimum high?level input voltage 2.0 3.0 4.5 5.5 1.5 2.1 3.15 3.85 1.5 2.1 3.15 3.85 1.5 2.1 3.15 3.85 v v il maximum low?level input voltage 2.0 3.0 4.5 5.5 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 v v oh minimum high?level output voltage v in = v ih or v il v in = v ih or v il i oh = ?50  a 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 1.9 2.9 4.4 1.9 2.9 4.4 v v in = v ih or v il i oh = ?4 ma i oh = ?8 ma 3.0 4.5 2.58 3.94 2.48 3.80 2.34 3.66 v v ol maximum low?level output voltage v in = v ih or v il v in = v ih or v il i ol = 50  a 2.0 3.0 4.5 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il i ol = 4 ma i ol = 8 ma 3.0 4.5 0.36 0.36 0.44 0.44 0.52 0.52 v i oz maximum 3?state leakage current v in = v ih or v il v out = v cc or gnd 5.5  0.2 5  2.5  2.5  a i in maximum input leakage current v in = 5.5v or gnd 0 to 5.5  0.1  1.0  1.0  a i cc maximum quiescent supply current v in = v cc or gnd 5.5 4.0 40 40  a product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
mc74vhc125 www. onsemi.com 4 ????????????????????????????????? ????????????????????????????????? (input t r = t f = 3.0 ns) ???? ???? ???? ???? symbo l ????????? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ?????? ?????? ?????? c ???? ???? ???? 85 c ????? ????? ????? 125 c ?? ?? ?? ?? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? ???? ???? t plh , t phl ????????? ????????? ????????? ????????? ????????? ?????????  0.3v c l = 15 pf c l = 50 pf ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ?? ?? ?? ?? ????????? ????????? ?????????  0.5v c l = 15 pf c l = 50 pf ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ?????????  0.3v c l = 15 pf r l = 1 k  c l = 50 pf ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ?? ?? ????????? ?????????  0.5v c l = 15 pf r l = 1 k  c l = 50 pf ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ????????? ?????????  0.3v c l = 50 pf r l = 1 k  ?? ?? ?? ??? ??? ??? 9.5 ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ?? ?? ?? ????????? ????????? ?????????  0.5v c l = 50 pf r l = 1 k  ?? ?? ?? ??? ??? ??? 6.1 ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ?????????  0.3v c l = 50 pf (note 1) ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ?? ?? ?? ?? ????????? ????????? ?????????  0.5v c l = 50 pf (note 1) ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ????????? ????????? ????????? ????????? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ?? ?? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ????????? ?? ?? ?? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ?? typical @ 25 c, v cc = 5.0 v pf 14 1. parameter guaranteed by design. t oslh = |t plhm ? t plhn |, t oshl = |t phlm ? t phln |. 2. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc / 4 (per buffer). c pd is used to determine the no?load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc . noise characteristics (input t r = t f = 3.0 ns, c l = 50 pf, v cc = 5.0 v) symbo l characteristic t a = 25 c uni t typ max v olp quiet output maximum dynamic v ol 0.3 0.8 v v olv quiet output minimum dynamic v ol ?0.3 ?0.8 v v ihd minimum high level dynamic input voltage 3.5 v v ild maximum low level dynamic input voltage 1.5 v
mc74vhc125 www. onsemi.com 5 switching waveforms figure 1. figure 2. y 50% 50% v cc 50% v cc v cc gnd high impedance v ol + 0.3v v oh - 0.3v y y oe t pzl t plz t pzh t phz *includes all probe and jig capacitance c l * test point device under test output figure 3. test circuit *includes all probe and jig capacitance figure 4. test circuit output test point c l * 1 k  connect to v cc when testing t plz and t pzl. connect to gnd when testing t phz and t pzh. device under test high impedance 50% 50% v cc v cc gnd t plh t phl a figure 5. input equivalent circuit input
mc74vhc125 www. onsemi.com 6 marking diagrams (top view) 14?lead soic d suffix case 751a 14?lead tssop dt suffix case 948g 13 14 12 11 10 9 8 2 1 34567 13 14 12 11 10 9 8 2 1 34567 14?lead soic eiaj m suffix case 965 13 14 12 11 10 9 8 2 1 34567 vhc125 vhc awlyww* 125 alyw* *see applications note and8004/d for date code and traceability information. vhc125 awlyww*
mc74vhc125 www. onsemi.com 7 package dimensions soic?14 case 751a?03 issue l 6.50 14x 0.58 14x 1.18 1.27 dimensions: millimeters 1 pitch soldering footprint* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of at maximum material condition. 4. dimensions d and e do not include mold protrusions. 5. maximum mold protrusion 0.15 per side. h 14 8 7 1 m 0.25 b m c h x 45 seating plane a1 a m  s a m 0.25 b s c b 13x b a e d e detail a l a3 detail a dim min max min max inches millimeters d 8.55 8.75 0.337 0.344 e 3.80 4.00 0.150 0.157 a 1.35 1.75 0.054 0.068 b 0.35 0.49 0.014 0.019 l 0.40 1.25 0.016 0.049 e 1.27 bsc 0.050 bsc a3 0.19 0.25 0.008 0.010 a1 0.10 0.25 0.004 0.010 m 0 7 0 7 h 5.80 6.20 0.228 0.244 h 0.25 0.50 0.010 0.019  0.10
mc74vhc125 www. onsemi.com 8 package dimensions tssop?14 case 948g issue c dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?.  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ?u? seating plane 0.10 (0.004) ?t? ??? ??? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ?v? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint mc74vhc125/d on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative ?


▲Up To Search▲   

 
Price & Availability of MC74VHC125-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X