Part Number Hot Search : 
CPC19 BZX55C LT110 1N5453A ICX207AK 21FQ030 2SB80 BUK710
Product Description
Full Text Search
 

To Download MBR3045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 10. 19 1/2 semiconductor technical data MBR3045CT schottky barrier type diode revision no : 0 switching type power supply application. converter & chopper application. features average output rectified current : i o =30a. repetitive peak reverse voltage : v rrm =45v. fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ) dim millimeters to-220ab 1.46 a b c d e f g h j k m n o 0.8 0.1 + _ 2.8 0.1 + _ 2.54 0.2 + _ 1.27 0.1 + _ 1.4 0.1 + _ 13.08 0.3 + _ 3.6 0.2 + _ + _ 9.9 0.2 + _ 9.2 0.2 + _ 4.5 0.2 + _ 2.4 0.2 15.95 max 1.3+0.1/-0.05 0.5+0.1/-0.05 3.7 1.5 a f b j g k m l l e i i o c h nn q d q p p 1. anode 2. cathode 3. anode electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =15a - - 0.70 v repetitive peak reverse current (note) i rrm v rrm =rated - - 150 a reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 1.7 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 45 v average output rectified current (tc=114 ) (note) i o 30 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 350 a junction temperature t j -40 150 storage temperature range t stg -55 150 note : average forward current of centertap full wave connection. note : a value of one cell 3 1 2
2007. 10. 19 2/2 MBR3045CT revision no : 0 average forward current i f(av) (a) average forward current i f(av) (a) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation reverse current i r (ma) reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) i f - t c i f - t a case temperature tc ( c) ambient temperature t a ( c) 0 60 0 0 0 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.3 1.0 3.0 10 30 100 80 100 120 140 160 10 20 30 40 dc 10 20 30 40 50 0.001 0.01 0.1 10 20 30 40 10 20 30 40 dc 0 0 40 80 120 160 5 rated voltage applied (no heat sink) dc 10 15 20 r =16 c/w r =62.5 c/w dc j t =25 c j t =25 c rated voltage r =1.7 c/w jc applied ja ja


▲Up To Search▲   

 
Price & Availability of MBR3045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X