Part Number Hot Search : 
G9915 M32C84 395DPA D12N06L 305000 001BDSA5 BLY93C 24D15
Product Description
Full Text Search
 

To Download LTD-2701B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lite-on technology corporation property of lite-on only part no.: LTD-2701B page: 1 of 5 bns-od-c131/a4 features  0.28-inch (7.0-mm) digit height.  continuous uniform segments.  low power requirement.  excellent characters appearance.  high brightness & high contrast.  wide viewing angle.  solid state reliability.  categorized for luminous intensity. description the LTD-2701B is a 0.28-inch (7.0 -mm) digit height dual digit seven-segment display. this de vice utilizes blue led chips, which are made from ga n on a sic substrate, and has a gray face and white segments. device part no. description blue LTD-2701B duplex common cathode rt. hand decimal
lite-on technology corporation property of lite-on only part no.: LTD-2701B page: 2 of 5 bns-od-c131/a4 package dimensions notes: all dimensions are in millimeters. tolerances are 0.25 mm (0.01?) unless otherwise noted. internal circuit diagram
lite-on technology corporation property of lite-on only part no.: LTD-2701B page: 3 of 5 bns-od-c131/a4 pin connection no. connection 1 anode e 2 anode d 3 anode c 4 anode g 5 anode dp 6 common cathode (digit 2) 7 anode a 8 anode b 9 common cathode (digit 1) 10 anode f
lite-on technology corporation property of lite-on only part no.: LTD-2701B page: 4 of 5 bns-od-c131/a4 absolute maximum rating at ta=25 o c parameter maximum rating unit power dissipation per segment 115 mw peak forward current per segment ( 1/10 duty cycle, 0.1ms pulse width ) 60 ma continuous forward current per segment derating linear from 25  per segment 25 0.33 ma ma/  reverse voltage per segment 5 v operating temperature range -35  to +85  storage temperature range -35  to +85  solder temperature: max 260  for max 3sec at 1.6mm below seating plane. electrical / optical charac teristics at ta=25 o c parameter symbol min. typ. max. unit test condition average luminous intensity i v 1000 3000 cd i f =10ma peak emission wavelength p 428 nm i f =20ma spectral line half-width ? 65 nm i f =20ma dominant wavelength d 466 nm i f =20ma forward voltage per segment v f 3.8 4.5 v i f =20ma reverse current per segment i r 100 a v r =5v luminous intensit y matching ratio i v -m 2:1 i f =10ma note: luminous intensity is measured with a light sensor and filter combination that approximates the cie (commision internationa le de l?eclairage) eye-response curve.
lite-on technology corporation property of lite-on only part no.: LTD-2701B page: 5 of 5 bns-od-c131/a4 typical electrical / optical characteristic curves (25 o c ambient temperature unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of LTD-2701B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X