Part Number Hot Search : 
DC200MP 2450A 3404A ML69FCG AT91S CXH16 31742 1SMB40
Product Description
Full Text Search
 

To Download LHRF73133-PF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  doc. no : qw0905-LHRF73133-PF rev. : a data sheet LHRF73133-PF ligitek electronics co.,ltd. property of ligitek only pb lead-free parts round type led lamps date : 19 - mar. - 2012 l dcc
directivity radiation note : 1.all dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.specifications are subject to change without notice. part no. LHRF73133-PF page 1/5 package dimensions ligitek electronics co.,ltd. property of ligitek only 100%75%50% -60 -30 25%025%50%100% 75% 60 30 0 r3.05 4.8 1.5 4.8 25.0min ? 0.5typ 1.5max 1.0min 2.54typ 5.8 - +
min. 450 luminous intensity @20ma(mcd) note : 1.the forward voltage data did not including ? ?? ? ? clear red algainp 201.5 2.4 material color spectral halfwidth ?
1.0 f o r w a r d v o l t a g e @ 2 0 m a n o r m a l i z e @ 2 5
note:1.wave solder should not be made more than one time. 2.you can just only select one of the soldering conditions as above. 60 seconds max page 4/5 2.wave soldering profile ligitek electronics co.,ltd. property of ligitek only soldering condition(pb-free) 1.iron: soldering iron:30w max temperature 350 ? ????????? ????????? ?? ? ? ??? ? ? ? ? ???? ????? 150 260 ? 100 5 50 preheat 2 260 120 0 0 25 ???
ligitek electronics co.,ltd. property of ligitek only description test condition test item the purpose of this is the resistance of the device which is laid under condition of low temperature for hours. the purpose of this is the resistance of the device which is laid under condition of high temperature for hours. 1.ta=105


▲Up To Search▲   

 
Price & Availability of LHRF73133-PF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X