Part Number Hot Search : 
64N90 74AUP3G P1100EL IRC840 PC812 2SK1436 89C51RC2 37470
Product Description
Full Text Search
 

To Download KTA1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KTA1273 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92lm ?? pnp ?? silicon pnp transistor in a to-92lm plastic package. ktc3205  complementary pair with ktc3205 . ? high current application. pin1 base pin 2 collector pin 3 emitter ?? / h fe classifications & marking / descriptions / features ? / applications ? / equivalent circuit / pinning h fe classifications symbol o y h fe range 100~200 160~320 1 2 3
KTA1273 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -30 v collector to emitter voltage v ceo -30 v emitter to base voltage v ebo -5.0 v collector current - continuous i c -2.0 a emitter current - continuous i e 2.0 a collector power dissipation p c 1.0 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to emitter breakdown v oltage v ceo i c =-10ma i b =0 -30 v emitter to base breakdown v oltage v ebo i c =-1.0ma i c =0 -5.0 v collector cut-off current i cbo v cb =-30v i e =0 -0.1 a emitter cut-off current i ebo v eb =-5.0v i c =0 -0.1 a dc current gain h fe v ce =-2.0v i c =-500ma 100 320 collector to emitter saturation v oltage v ce(sat) i c =-1.5a i b =-0.03a -2.0 v base to emitter voltage v be v ce =-2.0v i c =-500ma -1.0 v transition frequency f t v ce =-2.0v i c =-500ma 120 mhz collector output capacitance c ob v cb =-10v i e =0 f=1.0mhz 48 pf ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
KTA1273 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
KTA1273 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
KTA1273 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br:    ?? a1273 ??? o: ?h fe ? ****  ???? note: br: company code. a1273: product type. o: h fe classifications symbol ****: lot no. code,code change with lot no. br **** a1273 o
KTA1273 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:270 5 time:10 1 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92lm 1,000 8 8,000 5 40,000 135190 237172102 560245195 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92lm 2,500 1 100 10 25,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of KTA1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X