Part Number Hot Search : 
VB923 3216S MAX1436B MAX1436B MAX1436B BUK72 A3132 RC30S08
Product Description
Full Text Search
 

To Download KTA1273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  production specification pnp silicon epitaxial planar transistor KTA1273 e107 www.gmicroelec.com rev.a 1 features z 1w(mounted on ceramic substrate). z small flat package. z complementary: ktc3205. sot-89 ordering information type no. marking package code KTA1273 1273 sot-89 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cbo collector-base voltage -30 v v ceo collector-emitter voltage -30 v v ebo emitter-base voltage -5 v i c collector current -continuous -2 a i e emitter current 2 a p c collector dissipation 1 w t j, t stg junction and storage temperature -55 to +150 pb lead-free
production specification pnp silicon epitaxial planar transistor KTA1273 e107 www.gmicroelec.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit collector-emitter breakdown voltage v (br)ceo i c =-10ma,i b =0 -30 v emitter-base breakdown voltage v (br)ebo i e =-1ma,i c =0 -5 v collector cut-off current i cbo v cb =-30v,i e =0 -0.1 a emitter cut-off current i ebo v eb =-5v,i c =0 -0.1 a dc current gain h fe v ce =-2v,i c =-500ma 100 320 collector-emitter saturation voltage v ce(sat) i c =-1.5a, i b = -0.03a -2.0 v base-emitter voltage v be v ce =-2v ,i c =-500ma -1.0 v transition frequency f t v ce =-2v, i c = -500ma 120 mhz collector output capacitance c ob v cb =-10v,i e =0,f=1mhz 48 pf classification of h fe(1) rank o y range 100-200 160-320
production specification pnp silicon epitaxial planar transistor KTA1273 e107 www.gmicroelec.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
production specification pnp silicon epitaxial planar transistor KTA1273 e107 www.gmicroelec.com rev.a 4 package outline plastic surface mounted package sot-89 sot-89 dim min max a 4.30 4.70 b 2.25 2.65 c 1.50 typical d 0.40 typical e 1.40 1.60 f 0.48 typical h 1.60 1.80 j 0.40 typical l 0.90 1.10 k 3.95 4.35 all dimensions in mm b k c d e j f a h l
production specification pnp silicon epitaxial planar transistor KTA1273 e107 www.gmicroelec.com rev.a 5 soldering footprint unit:mm package information device package shipping KTA1273 sot-89 1000/tape&reel 4 5 4 5 1.00 1.50 1.50 0.90 2.20 0.90 1.00 1.50


▲Up To Search▲   

 
Price & Availability of KTA1273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X