Part Number Hot Search : 
1N5346B 1212S 00062 MTM8N20 SY88893V 922320VS CHV37H64 S2110
Product Description
Full Text Search
 

To Download KBPC101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  br-3 dimensions in inches and (millimeters) notes: 1.measured at 1.0 mhz and applied reverse voltage of 4.0 volts. 2.unit mounted on 4.0 ? x 4.0 ? x0.11 ? thick(10.5x10.5x0.3cm)al.plate. 3.unit mounted on p.c. board with 0.5 ? x 0.5 ? (12x12mm) copper pads,0.375 ? (9.5mm) lead length. 0.750 (19.1) hole for no.6 screw 0.035(0.9) dia. 0.028(0.7) typ. min. 0.620(15.7) 0.580(14.7) 0.445(11.3) 0.405(10.3) 0.445(11.3) 0.405(10.3) 0.620(15.7) 0.580(14.7) ac ac 0.213(5.4) 0.181(4.6) 15 1.0 10 0.5 20 12 -55 to +125 -55 to +150 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 kbpc 1005 3.0 2.0 kbpc 101 kbpc 102 kbpc 106 kbpc 108 kbpc 110 kbpc 104 volts volts volts amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward t a =50 c(note 2) output rectified current at t a =25 c(note 3) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) rating for fusing(t<8.3ms) maximum instantaneous forward voltage drop per birdge element at 1.5a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) typical thermal resistance (note 2) operating junction temperature range storage temperature range i t c j r q ja t j t stg i r a s 2 2 v f a m c c/w ma c pf 60 mdd catalog number 1 of 2 www.sunmate.tw unit symbol terminals: plated leads solderable per mil-std-750, polarity: polarity symbols marked on case mounting: thru hole for #6 screw,5in.-lbs. torque max. weight:0.093 ounce, 2.62 grams per mil-std-750, method 2026 case: molded plastic body the plastic package carries underwriters laboratory flammability classification 94v-0 ideal for printed circuit boards low reverse leakage high forward surge current capability high temperature soldering guaranteed: features mechanical data ! ! ! ! ! ! ! ! ! ! ! maximum ratings and electrical characteristics t a = 25 c unless otherwise specified single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. current: 3.0 a voltage range: 50 - 1000v kbpc1005 - kbpc110 silicon bridge rectifiers 260 c/10 seconds,at 5 lbs. (2.3kg) tension
3.0 2.5 2.0 1.5 1.0 5 0 25 50 75 100 125 150 175 60 50 40 30 20 10 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle t j =25 c 1 10 100 200 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c 8.3ms single half sine-wave (jedec method) 2 of 2 www.sunmate.tw ratings and characteristic curves kbpc1005 thru kbpc110


▲Up To Search▲   

 
Price & Availability of KBPC101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X