Part Number Hot Search : 
TC299 4000B FAN73832 P3205 2N684 MP018 DTD08035 Z1SMA6V8
Product Description
Full Text Search
 

To Download IXTA110N12T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2017 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 ? c to 175 ? c 120 v v dgr t j = 25 ? c to 175 ? c, r gs = 1m ? 120 v v gss continuous ? 20 v v gsm transient ? 30 v i d25 t c = 25 ? c 110 a i dm t c = 25 ? c, pulse width limited by t jm 200 a i a t c = 25 ? c55 a e as t c = 25 ? c 800 mj p d t c = 25 ? c 517 w t j -55 ... +175 ?? c t jm 175 ?? c t stg -55 ... +175 ?? c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m d mounting torque (to-220) 1.13 / 10 nm/lb.in. weight to-263 2.5 g to-220 3.0 g symbol test conditions characteristic values (t j = 25 ? c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 ? a 120 v v gs(th) v ds = v gs , i d = 250 ? a 2.5 4.5 v i gss v gs = ? 20v, v ds = 0v ????????????? 200 na i dss v ds = v dss , v gs = 0v 5 ??? a t j = 150 ? c 350 ??? a r ds(on) v gs = 10v, i d = 0.5 ? i d25 , notes 1, 2 11.4 14.0 m ? trencht2 tm power mosfet n-channel enhancement mode avalanche rated fast intrinsic rectifier ixta110 n12t2 ixtp110 n12t2 v dss = 120v i d25 = 110a r ds(on) ? ? ? ? ? 14m ? ? ? ? ? ds100830a(5/17) features ? international standard packages ? 175c operating temperature ? avalanche rated ? low r ds(on) ? fast intrinsic rectifier ? high current handling capability advantages ? easy to mount ? space savings ? high power density applications ? synchronous rectification ? dc/dc converters and off-line ups ? primary- side switch ? high current switching applications g = gate d = drain s = source tab = drain to-263aa (ixta) g d s to-220ab (ixtp) d (tab) g s d (tab) advance technical information
ixys reserves the right to change limits, test conditions, and dimensions. IXTA110N12T2 ixtp110n12t2 symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 0.5 ? i d25 , note 1 46 78 s c iss 6570 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 586 pf c rss 43 pf t d(on) 21 ns t r 30 ns t d(off) 29 ns t f 15 ns q g(on) 120 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 36 nc q gd 30 nc r thjc 0.29 ?? c/w r thch to-220 0.50 ?? c/w source-drain diode symbol test conditions characteristic values (t j = 25 ? c, unless otherwise specified) min. typ. max. i s v gs = 0v 110 a i sm repetitive, pulse width limited by t jm 440 a v sd i f = i s , v gs = 0v, note 1 1.4 v t rr 64 ns i rm 14.4 a q rm 460 nc notes: 1. pulse test, t ? 300 ? s, duty cycle, d ?? 2%. 2. on through-hole packages, r ds(on) kelvin test contact location must be 5mm or less from the package body. resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2 ? (external) i f = 0.5 ? i d25 , v gs = 0v -di/dt = 100a/ ? s v r = 60v ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 pins: 1 - gate 2 - drain 3 - source to-220 outline to-263 outline pins: 1 - gate 2,4 - drain 3 - source advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2017 ixys corporation, all rights reserved IXTA110N12T2 ixtp110n12t2 fig. 3. output characteristics @ t j = 150 o c 0 10 20 30 40 50 60 70 80 90 100 110 00.511.522.533.5 v ds - volts i d - amperes v gs = 15v 10v 8v 6v 5v 4v 7v fig. 4. normalized r ds(on) to i d = 55a value vs. junction temperature 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 55a i d = 110a fig. 5. normalized r ds(on) to i d = 55a vs. drain current 0 1 2 3 4 5 6 0 50 100 150 200 250 300 350 400 i d - amperes r ds(on) - normalized v gs = 10v t j = 175 o c t j = 25 o c fig. 6. drain current vs. case temperature 0 20 40 60 80 100 120 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes fig. 2. extended output characteristics @ t j = 25 o c 0 50 100 150 200 250 300 350 400 450 0 5 10 15 20 25 30 v ds - volts i d - amperes v gs = 15v 10v 6v 7v 8v 9v 5v fig. 1. output characteristics @ t j = 25 o c 0 10 20 30 40 50 60 70 80 90 100 110 00.5 11.5 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 6v 7v 5v
ixys reserves the right to change limits, test conditions, and dimensions. IXTA110N12T2 ixtp110n12t2 fig. 7. input admittance 0 40 80 120 160 200 3.03.54.04.55.05.56.06.57.07.5 v gs - volts i d - amperes v ds = 10v t j = 150 o c 25 o c - 40 o c fig. 8. transconductance 0 20 40 60 80 100 120 140 160 0 40 80 120 160 200 240 i d - amperes g f s - siemens v ds = 10v t j = - 40 o c 25 o c 150 o c fig. 9. forward voltage drop of intrinsic diode 0 100 200 300 400 500 600 700 800 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 v sd - volts i s - amperes t j = 150 o c t j = 25 o c fig. 10. gate charge 0 2 4 6 8 10 0 20 40 60 80 100 120 q g - nanocoulombs v gs - volts v ds = 60v i d = 55a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 0.1 1 10 100 1000 1 10 100 1,000 v ds - volts i d - amperes 100 s 1ms 10ms r ds(on) limit t j = 175 o c t c = 25 o c single pulse dc
? 2017 ixys corporation, all rights reserved IXTA110N12T2 ixtp110n12t2 fig. 14. resistive turn-on rise time vs. drain current 16 20 24 28 32 36 40 40 60 80 100 120 140 160 180 200 220 i d - amperes t r - nanoseconds r g = 2 ? , v gs = 10v v ds = 60v t j = 150 o c t j = 25 o c fig. 15. resistive turn-on switching times vs. gate resistance 0 20 40 60 80 100 120 140 160 2345678910 r g - ohms t r - nanoseconds 15 20 25 30 35 40 45 50 55 t d(on) - nanoseconds i d = 110a t f t d(off) t j = 150 o c, v gs = 10v v ds = 60v i d = 220a fig. 16. resistive turn-off switching times vs. junction temperature 0 5 10 15 20 25 30 35 40 25 50 75 100 125 150 t j - degrees centigrade t f - nanoseconds 10 20 30 40 50 60 70 80 90 t d(off) - nanoseconds t f t d(off) r g = 2 ? , v gs = 10v v ds = 60v i d = 220a i d = 110a fig. 17. resistive turn-off switching times vs. drain current 12 13 14 15 16 17 18 19 40 60 80 100 120 140 160 180 200 220 i d - amperes t f - nanoseconds 10 20 30 40 50 60 70 80 t d(off) - nanoseconds t f t d(off) r g = 2 ? , v gs = 10v v ds = 60v t j = 25 o c t j = 150 o c fig. 13. resistive turn-on rise time vs. junction temperature 16 20 24 28 32 36 40 25 50 75 100 125 150 t j - degrees centigrade t r - nanoseconds r g = 2 ? , v gs = 10v v ds = 60v i d = 220a i d = 110a fig. 18. resistive turn-off switching times vs. gate resistance 0 10 20 30 40 50 60 70 80 90 2345678910 r g - ohms t f - nanoseconds 10 20 30 40 50 60 70 80 90 100 t d(off) - nanoseconds t f t d(off) t j = 150 o c, v gs = 10v v ds = 60v i d = 220a i d = 110a
ixys reserves the right to change limits, test conditions, and dimensions. IXTA110N12T2 ixtp110n12t2 ixys ref: ixt_110n12t2 (g5-n12)5-03-17 fig. 19. maximum transient thermal impedance 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 pulse width - second z (th)jc - k / w


▲Up To Search▲   

 
Price & Availability of IXTA110N12T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X