Part Number Hot Search : 
BZV48C XM20C64 5DX103Z2 54FCT DM74A ADADC72 4730A W536120P
Product Description
Full Text Search
 

To Download IRF7811 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 irf7809/IRF7811 parameter symbol irf7809 IRF7811 units drain-source voltage v ds 30 28 v gate-source voltage v gs 12 continuous drain or source t a = 25c i d 17.6 14 current (v gs 3 4.5v) t l = 90c 16.3 13 a pulsed drain current ? i dm 100 100 power dissipation t a = 25c p d 3.5 w t l = 90c 3.0 junction & storage temperature range t j , t stg C55 to 150 c continuous source current (body diode) i s 2.5 2.5 a pulsed source current ? i sm 50 50 ? n-channel application-specific mosfets ? ideal for cpu core dc-dc converters ? new copperstrap tm interconnect for lower electrical and thermal resistance ? low conduction losses ? low switching losses ? minimizes parallel mosfets for high current applications description these new devices employ advanced hexfet ? power mosfet technology to achieve an unprecedented balance of on-resistance and gate charge. the reduced conduction and switching losses make them ideal for high efficiency dc-dc converters that power the latest generation of mobile microprocessors. the irf7809/IRF7811 employs a new copperstrap tm interconnect technology pioneered by international rectifier to dramatically improve the electrial & thermal resistance contribution of the package. the new copperstrap so-8 power mosfets are capable of current ratings over 17a and power dissipation of 3.5w @ 25 c ambient conditions, thereby reducing the need for paralleled devices, improving efficiency and reliability and reducing board space. hexfet ? chipset for dc-dc converters irf7809 IRF7811 v ds 30v 28v r ds (on) 7.5 m w 11 m w q g 77.5 nc 23 nc q sw 23.9 nc 7 nc q oss 30 nc 31 nc absolute maximum ratings parameter max. units maximum junction-to-ambient ? r q ja 35 c/w maximum junction-to-lead r q jl 20 c/w thermal resistance device ratings top view 8 1 2 3 4 5 6 7 d d d d g s a s s a irf7809/IRF7811 provisional datasheet so-8 1/19/00 pd - 93812 pd - 93813
www.irf.com 2 irf7809/IRF7811 parameter min typ max min typ max units conditions diode forward v sd 1.0 1.0 v i s = 15a ? , v gs = 0v voltage* reverse recovery q rr 94 82 nc di/dt ~ 700a/s v ds = 16v, v gs = 0v, i s = 15a reverse recovery q rr(s) 87 74 di/dt = 700a/s charge (with parallel (with 10bq040) schottky) ? v ds = 16v, v gs = 0v, i s = 15a parameter min typ max min typ max units conditions drain-to-source bv dss 30 C C 28 C C v v gs = 0v, i d = 250a breakdown voltage* static drain-source r ds (on) 6 7.5 9 11 m w v gs = 4.5v, i d = 15a ? on resistance* gate threshold voltage* v gs(th) 1.0 1.0 v v ds = v gs ,i d = 250a drain-source leakage i dss 30 30 a v ds = 24v, v gs = 0 current* 150 150 v ds = 24v, v gs = 0, tj = 100c gate-source leakage i gss 100 100 na v gs = 12v current* total gate chg cont fet* q g 66.7 86.6 19 23 v gs =5v, i d =15a, v ds =16v total gate chg sync fet* q g 59.6 77.5 17 20.5 v gs = 5v, v ds < 100mv pre-vth q gs1 14 2.7 v ds = 16v, i d = 15a gate-source charge post-vth q gs2 4 1.3 nc gate-source charge gate to drain charge q gd 12.2 4.5 switch chg(q gs2 + q gd )* q sw 18.4 24 5.8 7.0 output charge* q oss 25 30 26 31 v ds = 16v, v gs = 0 gate resistance r g 1.5 1.9 w turn-on delay time t d (on) 17 10 v dd = 16v, i d = 15a rise time t r 10 5 ns v gs = 5v turn-off delay time t d (off) 39 19 clamped inductive load fall time t f 19 8 input capacitance c iss C 7300 C C 1800 C output capacitance c oss C 900 C C 900 C pf v ds = 16v, v gs = 0 reverse transfer capacitance c rss C 350 C C 60 C electrical characteristics source-drain rating & characteristics irf7809 IRF7811 current* charge ? notes: ? repetitive rating; pulse width limited by max. junction temperature. ? pulse width 300 s; duty cycle 2%. ? when mounted on 1 inch square copper board, t < 10 sec. ? typ = measured - q oss * devices are 100% tested to these parameters.
www.irf.com 3 irf7809/IRF7811 so-8 package outline part marking information
www.irf.com 4 irf7809/IRF7811 so-8 tape & reel information dimensions are shown in millimeters (inches) 330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are show n in millimeters(inches). 3. outline conforms to eia-481 & eia-541. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 252-7105 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t 3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir japan: k&h bldg., 2f, 3-30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo 171-0021 japan tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade,great world city west tower, 13-11,singapore 237994 tel:65 838 4630 ir taiwan : 16f, suite b, 319, sec.2, tun hwa south road, taipei 10673, taiwan, r.o.c. tel : 886-2-2739-4230 http://www.irf.com/ data and specifications subject to change without notice. 1/00


▲Up To Search▲   

 
Price & Availability of IRF7811

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X