Part Number Hot Search : 
MNR12 YB311S6 BT555 TC9015S 12IO7 2700000 SMA72 1239MEEE
Product Description
Full Text Search
 

To Download GR1000MT17D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gr 1000 m t1 7 d 1700 v sic mosfet 2018 mar. rev1 .1 http://www.genesicsemi.com silicon carbide power mosfet n-channel enhancement mode features ? 150 c maximum operating temperature ? high blocking voltage with low on-resistance ? low output capacitance and gate charge ? normally-off operation at all temperatures ? halogen free, rohs complaint advantages ? reduced switching losses and minimum gate ringing ? high system efficiency ? increased power density ? increased system switching frequency maximum ratings at t c = 25 c, unless otherwise specified parameter symbol drain - source voltage v dsmax gate - source voltage (dynamic) 1 v gsmax gate - source voltage (static) 2 v gsop operating junction and storage temperature t j , t stg electrical characteristics at t c = 25 c, unless otherwise specified reverse diode characteristics at t c = 25 c, unless otherwise specified parameter symbol diode forward voltage v sd continuous diode forward current i s parameter symbol drain - source breakdown voltage v (br)dss gate threshold voltage v gs(th) drain - source leakage current i dss gate - source leakage current i gss drain - source on-state resistance r ds(on) input capacitance c iss output capacitance c oss reverse transfer capacitance c rss http://www.genesicsemi.com /sic_transistors/mosfet/ mosfet p a ckage applications gate ringing ? advanced flyback converter topologies ? auxiliary power supplies ? switch mode power supplies (smps) ? high-voltage capacitive loads = 25 c, unless otherwise specified symbol conditions value dsmax v gs = 0 v, i d = 10 a 17 00 gsmax ac (f > 1 hz) - 10/+25 gsop static - 5/+20 stg - 55 to +150 = 25 c, unless otherwise specified = 25 c, unless otherwise specified symbol conditions value min. typical sd v gs = -4 v, i d = 1 a 3. v gs = -4 v, i d = 1 a, t j = 150 c 3. v gs = -4 v v ds i d @25 r ds(on) symbol conditions value min. typical (br)dss v gs = 0 v, i d = 10 a 1700 gs(th) v ds = v gs , i d = 5 ma v ds = v gs , i d = 5 ma , t j = 150 c 2. 1. dss v ds = 1700 v, v gs = 0 v 1 v ds = 1700 v, v gs = 0 v, t j = 150 c 5 gss v gs = 20 v, v ds = 0 v ds(on) v gs = 20 v, i d = 2 a v gs = 20 v, i d = 2 a, t j = 150 c 1000 1800 iss v gs = 0 v, v ds = 1000 v f = 1 mhz v ac = 25 mv 190 oss 1 0 rss 1.5 1 2 3 to - 247 - 3l page 1 of 1 advanced flyback converter topologies switch mode power supplies (smps) value unit 00 v 10/+25 v 5/+20 v 55 to +150 c value unit typical max. 8 v 3 4 a = 1700 v c = 6 a = 1000 m value unit typical max. v 2. 6 1. 8 v 1 a 5 100 na 1000 1800 m 190 pf 0 pf 1.5 pf


▲Up To Search▲   

 
Price & Availability of GR1000MT17D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X