Part Number Hot Search : 
SZ5730L HI44H11 ER102 X152M UJA1075 UM1113 LM431SA K3010
Product Description
Full Text Search
 

To Download EV6001DN-00B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  EV6001DN-00B monolithic flyback/forward dc-dc converter ev board EV6001DN-00B rev.1.0 www.monolithicpower.com 1 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. the future of analog ic technology description the EV6001DN-00B is an evaluation board for the mp6001, a monolithic flyback dcdc converter. this evaluation board is capable of delivering up to 2w output power. the mp6001 has an internal soft-start, auto-retry, and incorporates over current, short circuit, and over- voltage protection. it can also skip cycles to maintain zero load regulation. this device is available in an 8-pin soic package with an exposed pad. electrical specifications parameter symbol value unit input voltage vin 36?75 v output voltage vout 200 v output current iout 10 ma features ? integrated 150v power switch ? integrated 100v startup circuit ? cycle-by-cycle current limiting ? duty cycle limiting with line feed forward ? input uvlo plus over voltage protection ? thermal shutdown applications ? telecom equipment ? voip phones, power over ethernet (poe) ? distributed power conversions ?mps? and ?the future of analog ic technology? are registered trademarks of monolithic power systems, inc. EV6001DN-00B evaluation board lwh: 98.024.58.7(mm) board number mps ic number EV6001DN-00B mp6001dn 40 45 50 55 60 65 70 75 80 85 90 0 0.002 0.004 0.006 0.008 0.01 0.012 output current (a) efficiency (%) efficiency vs . output current vin=36v vin=75v vin=48v
EV6001DN-00B ? monolithic flyback/f orward dc-dc converter ev board EV6001DN-00B rev.1.0 www.monolithicpower.com 2 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. evaluation board schematic
EV6001DN-00B ? monolithic flyback/f orward dc-dc converter ev board EV6001DN-00B rev.1.0 www.monolithicpower.com 3 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. ev6001dn?00b bill of materials qty ref value description package manufacturer part number 1 r1 20k film res., 5% 0603 yageo rc0603jr-0720kl 1 r2 10k film res., 5% 0603 yageo rc0603jr-0710kl 1 r3 20k film res., 5% 0603 yageo rc0603jr-0720kl 1 r4 499k film res., 1% 0603 yageo rc0603fr-07499kl 1 r5 1k film res., 5% 0603 yageo rc0603jr-071kl 1 r6 390 film res., 5% 0603 yageo rc0603jr-07390rl 1 r7 10k film res., 5% 0603 yageo rc0603jr-0710kl 1 r8 20k film res.,1% 0603 yageo rc0603fr-0720kl 1 r9 ns 1 r10 3k film res., 5% 0603 yageo rc0603jr-073kl 1 r11 1k film res., 5% 0603 yageo rc0603jr-071kl 1 r12 56k film res., 1% 0603 yageo rc0603fr-0756kl 1 r13 3.74k film res., 1% 0603 yageo rc0603fr-073k74l 1 r14 750 film res., 5% 0603 yageo rc0603jr-07750rl 1 r15 20 film res., 5% 0603 yageo rc0603jr-0720rl 1 r16 20k film res., 5% 0603 yageo rc0603jr-0720kl 1 r17 619k film res., 1% 0603 yageo rc0603fr-07619kl 1 r18 ns 1 r19 10k film res., 5% 0603 yageo rc0603jr-0710kl 1 r20 0 film res., 5% 0603 yageo rc0603jr-070rl 1 r21 1k film res., 5% 0603 yageo rc0603jr-071kl 1 r22 20k film res., 5% 0603 yageo rc0603jr-0720kl 1 r23 ns 1 r24 ns 2 c1,c2 1uf ceramic cap 100v x7r 1210 murata grm32er72a105ka35l 6 c3,c4,c16,c17,c20,c21 0. 22uf ceramic cap 100v x7r 1206 tdk c3216x7r2a224k 1 c5 10nf ceramic cap 50v x7r 0603 tdk c1608x7r1h103k 1 c6 ns
EV6001DN-00B ? monolithic flyback/f orward dc-dc converter ev board EV6001DN-00B rev.1.0 www.monolithicpower.com 4 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. ev6001dn?00b bill of materials (continued) qty ref value description package manufacturer part number 1 c7 1nf ceramic cap 2kv x7r 1812 murata gr443qr73d102kw01l 1 c8 0.1uf ceramic cap 100v x7r 0805 tdk c2012x7r2a104k 1 c9 100pf ceramic cap 50v x7r 0603 tdk c1608x7r1h101k 1 c10 22nf ceramic cap 50v, x7r 0603 tdk c1608x7r1h223k 1 c11 ns 1 c12 10uf ceramic cap 10v x5r 0805 murata grm21br61a106ke19 1 c13 47nf ceramic cap 50v x7r 0603 tdk c1608x7r1h473k 1 c14 1uf ceramic cap 25v x5r 0805 murata grm216r61e105ka12d 1 c15 100nf ceramic cap 50v x7r 0603 tdk c1608x7r1h104k 3 c18,c19,c23 0.22uf ceramic cap 50v x7r 0805 tdk c2012x7r1h224k 1 c22 ns 2 cin1,cin2 ns 1 u1 mps regulator so8 mps mp6001dn 1 u2 opto-coupler ssop4 nec ps2801-1 1 u3 1.24v shunt regulator sot-23 bcd az431l 1 q1 40v npn transistor sot-23 on semi mmbt3904lt1 1 q2 40v pnp transistor sot-23 on semi mmbt3906lt1 2 d1,d2 diode switch 1a 600v sma on semi mura160t3/mra4005t3 1 d3 diode switch 200m a 250v sot-23 diodes inc bas21 2 d4,d6 diode zener 5.6v 500mw sod-123 on semi mmsz5v6t1 3 d5,d7,d8 diode switch 0.2a 75v sod-323 diodes inc bas16ht1 1 t1 flyback transformer 0. 2mh smd cooper jx01-17673-r 1 lin ns
EV6001DN-00B ? monolithic flyback/f orward dc-dc converter ev board EV6001DN-00B rev.1.0 www.monolithicpower.com 5 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. printed circuit board layout top layer top silkscreen
EV6001DN-00B ? monolithic flyback/f orward dc-dc converter ev board EV6001DN-00B rev.1.0 www.monolithicpower.com 6 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. bottom layer bottom silkscreen
EV6001DN-00B ? monolithic flyback/f orward dc-dc converter ev board notice: the information in this document is subject to change wi thout notice. users should warra nt and guarantee that third party intellectual property rights are not infringed upon w hen integrating mps products into any application. mps will not assume any legal responsibility for any said applications. EV6001DN-00B rev.1.0 www.monolithicpower.com 7 3/11/2009 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2009 mps. all rights reserved. quick start guide 1. attach input voltage 36 vin 75v and input ground to vin and gnd pins respectively. 2. during startup en should be left high or unconnected. 3. connect power supply terminals to: a. positive (+): vout b. negative (?): gnd 4. turn power supply on and the board will automatically startup. 5. to use enable function, apply a digital input to en pin. drive en with 2.5v-5v to turn on the regulator, and drive en less than 0.7v to turn it off.


▲Up To Search▲   

 
Price & Availability of EV6001DN-00B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X