Part Number Hot Search : 
2SK24 41001 MAX471 FM24C16 KIA78D A4P500 1205E 1N5408
Product Description
Full Text Search
 

To Download D15XB20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  D15XB20 200v 15a copyright & copy;2000 shindengen electric mfg.co.ltd outline dimensions unit : mm ratings shindengen ?? thin single in-line package ?? high current capacity with small package ?? high ifsm ?? superior thermal conductivity features ?? switching power supply ?? home appliances, office equipment ?? factory automation, inverter application case : 5s general purpose rectifiers sil bridges ??absolute maximum ratings (if not specified tc=25??) item symbol conditions ratings unit storage temperature tstg -40?`150 ?? operating junction temperature tj 150 ?? maximum reverse voltage v rm 200 v average rectified forward current i o 50hz sine wave, r-load with heatsink tc=100?? 15 a 50hz sine wave, r-load without heatsink ta=25?? 3.2 peak surge forward current i fsm 50hz sine wave, non-repetitive 1cycle peak value, tj=25?? 200 a current squared time i 2 t 1ms??t??10ms?@tj=25?? 110 a 2 s dielectric strength vdis terminals to case, ac 1 minute 2.5 kv mounting torque tor ?irecommended torque?f0.5nm?j 0.8 nm ??electrical characteristics (if not specified tc=25??) item symbol conditions ratings unit forward voltage v f i f =7.5a, pulse measurement, rating of per diode max.1.1 v reverse current i r v r =v rm , pulse measurement, rating of per diode max.10 ?a ??jc junction to case ?@?@with heatsink max.1.5 thermal resistance ??jl junction to lead ?@ ?@ without heatsink max.5 ??/w ??ja junction to ambient without heatsink max.22
forward voltage 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0.1 1 10 d15xbx pulse measurement per diode tc=150 c [typ] tc=25 c [typ] forward voltage v f [v] forward current i f [a]
0 10 20 30 40 50 60 0 5 10 15 20 25 d15xbx forward power dissipation sin average rectified forward current i o [a] forward power dissipation p f [w] tj = 150 c sine wave
80 90 100 110 120 130 140 150 160 0 5 10 15 20 d15xbx derating curve sin tc tc heatsink case temperature tc [ c] average rectified forward current i o [a] sine wave r-load with heatsink
0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 d15xbx derating curve sin pcb ambient temperature ta [ c] average rectified forward current i o [a] glass-epoxy substrate soldering land 5mm f sine wave r-load free in air
peak surge forward capability 0 50 100 150 200 250 1 10 100 d15xbx 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=25 c before surge current is applied


▲Up To Search▲   

 
Price & Availability of D15XB20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X