Part Number Hot Search : 
LV2285VB SB5100 GRM155 0505E MT6L58AE 382503 SL6622 17808
Product Description
Full Text Search
 

To Download CC56-11SURKWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsam8332 rev no: v.2a date: mar/20/2015 page: 1 of 6 approved: wynec checked: joe lee drawn: p.cheng er p: 1304000572 14.22mm(0.56inch) four digit numeric display part number: CC56-11SURKWA hyper red features z 0.56 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z mechanically rugged. z standard :gray face, white segment. z ul rating:hb. z rohs compliant. description the hyper red source color devices are made with al- gainp on gaas substrat e light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsam8332 rev no: v.2a date: mar/20/2015 page: 2 of 6 approved: wynec checked: joe lee drawn: p.cheng er p: 1304000572 selection guide notes: 1. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma description min. typ. CC56-11SURKWA hyper red (algainp) white diffused 31000 72000 *14000 *24000 common cathode, rt. hand decimal. symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 645 nm i f =20ma d [1] dominant wavelength hyper red 630 nm i f =20ma ? 1/2 spectral line half-width hyper red 28 nm i f =20ma c capacitance hyper red 35 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 1.95 2.5 v i f =20ma i r reverse current hyper red 10 ua v r =5v parameter hyper red units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 185 ma reverse voltage 5 v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure.
spec no: dsam8332 rev no: v.2a date: mar/20/2015 page: 3 of 6 approved: wynec checked: joe lee drawn: p.cheng er p: 1304000572 hyper red CC56-11SURKWA
spec no: dsam8332 rev no: v.2a date: mar/20/2015 page: 4 of 6 approved: wynec checked: joe lee drawn: p.cheng er p: 1304000572 packing & label specifications CC56-11SURKWA terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
spec no: dsam8332 rev no: v.2a date: mar/20/2015 page: 5 of 6 approved: wynec checked: joe lee drawn: p.cheng er p: 1304000572
spec no: dsam8332 rev no: v.2a date: mar/20/2015 page: 6 of 6 approved: wynec checked: joe lee drawn: p.cheng er p: 1304000572


▲Up To Search▲   

 
Price & Availability of CC56-11SURKWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X