commercial grade ( general ( u p to 50v ) ) c3225 [ eia cc1210 ] l 3.20mm +/-0.4mm w 2.50mm +/-0.3mm t 2.30mm +/-0.2mm b 0.20mm min. g x7r ( -55 to 125 de g c +/-15% ) 1a ( 10vdc ) 22uf m ( +/-20% ) 7.5% max. 4mohm min. not a pp licable all s p ecifications are sub j ect to chan g e without notice. january 4, 2016 C3225X7R1A226M230AC tdk item descri p tion : c3225x7r1a226mt**** cap. vs. freq. characteristic 1 10 100 0.001 0.01 0.1 1 10 100 1000 frequency/mhz cap./uf |z|, esr vs. freq. characteristics 0.001 0.01 0.1 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 frequency/mhz |z|, esr/ohm |z| esr dc bias characteristic -70 -60 -50 -40 -30 -20 -10 0 024681 01 2 dc bias/v cap. change/% temperature characteristics -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 -80 -60 -40 -20 0 20 40 60 80 100 120 140 temperature/degc cap. change/% temp.chara. tcbias(1/2rated) ripple temperature rise characteristics 0 5 10 15 20 25 0123456 current/arms temperature rise/degc 100khz 500khz 1mhz application & main feature series dimensions tem p erature c haracteristic rated volta g e c a p acitance c a p acitance tolerance dissi p ation facto r insulation resistance a e c - q 2 00 characterization sheet ( multilayer ceramic chip capacitors )
|