Part Number Hot Search : 
UPD78 7S66FU 0SERIE 7S66FU IRF7603 EDE5116 C547B 9LV065M
Product Description
Full Text Search
 

To Download BZT52C75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bzt52c2v4-BZT52C75 500mw,5% tolerance smd zener diode small signal diode ? v z tolerance selection of 5% ? moisture sensitivity level 1 ? matte tin(sn) lead finish ? pb free version and rohs compliant min max min max ? case : flat lead sod-123 small outline plastic package 1.5 1.7 0.059 0.067 3.3 3.85 0.130 0.152 0.5 0.7 0.020 0.028 2.5 2.7 0.098 0.106 0.8 1.15 0.031 0.045 0.05 0.2 0.002 0.008 package sod-123fsod-123f maximum ratings i f =10ma notes:1. valid provided that electrodes are kept at ambient temperature v br : voltage at i zk i zk : test current for voltage v br z zk : dynamic impedance at i zk i zt : test current for voltage v z v z : voltage at current i zt z zt : dynamic impedance at i zt i zm : maximum steady state current v zm : voltage at i zm c zener i vs. v characteristics v thermal resistance (junction to ambient) (note 1) r ja 350 c/w forward voltage 1 t j , t stg units p d mw rating at 25 c ambient temperature unless otherwise specified. type number d e ordering information -65 to + 150 value 500 junction and storage temperature range v f ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date codepower dissipation @ t l =75c (lead temperature) symbol f ? high temperature soldering guaranteed: 260 c/10s ? polarity : indicated by cathode band ? weight : 8.850.5 mg ab c sod-123f maximum ratings and electrical characteristics features mechanical data ? terminal: matte tin plated, lead free., solderable per mil-std-202, method 208 guaranteed unit (mm) ? wide zener voltage range selection : 2.4v to 75v unit (inch) dimensions part no. packing bzt52cxx rh bzt52cxx rhg 3kpcs / 7" reel 3kpcs / 7" reel voltage current i f v f v r i r v br i zk v z i zt v zm i zm forward region leakage region breakdownregion c a b d e f version :e12 downloaded from: http:///
bzt52c2v4-BZT52C75 500mw, 5% tolerance smd zener diode small signal diode electrical characteristics ta = 25c unless otherwise notedvf forward volatge = 1 v maximum @ if = 10ma for all part numbers device marking min nom max bzt52c2v4 2v4z 2.28 2.40 2.52 5 100 1 564 45 1 bzt52c2v7 2v7z 2.57 2.70 2.84 5 100 1 564 18 1 bzt52c3v0 3v0z 2.85 3.00 3.15 5 100 1 564 9 1 bzt52c3v3 3v3z 3.14 3.30 3.47 5 95 1 564 4.5 1 bzt52c3v6 3v6z 3.42 3.60 3.78 5 90 1 564 4.5 1 bzt52c3v9 3v9z 3.71 3.90 4.10 5 90 1 564 2.7 1 bzt52c4v3 4v3z 4.09 4.30 4.52 5 90 1 564 2.7 1 bzt52c4v7 4v7z 4.47 4.70 4.94 5 80 1 470 2.7 2.0 bzt52c5v1 5v1z 4.85 5.10 5.36 5 60 1 451 1.8 2.0 bzt52c5v6 5v6z 5.32 5.60 5.88 5 40 1 376 0.9 2.0 bzt52c6v2 6v2z 5.89 6.20 6.51 5 10 1 141 2.7 4.0 bzt52c6v8 6v8z 6.46 6.80 7.14 5 15 1 75 1.8 4.0 bzt52c7v5 7v5z 7.11 7.50 7.86 5 15 1 75 0.9 5.0 bzt52c8v2 8v2z 7.79 8.20 8.61 5 15 1 75 0.63 5.0 bzt52c9v1 9v1z 8.65 9.10 9.56 5 15 1 94 0.45 6.0 bzt52c10 10vz 9.50 10.00 10.50 5 20 1 141 0.18 7.0 bzt52c11 11vz 10.45 11.00 11.55 5 20 1 141 0.09 8.0 bzt52c12 12vz 11.40 12.00 12.60 5 25 1 141 0.09 8.0 bzt52c13 13vz 12.35 13.00 13.65 5 30 1 160 0.09 8.0 bzt52c15 15vz 14.25 15.00 15.75 5 30 1 188 0.045 10.5 bzt52c16 16vz 15.20 16.00 16.80 5 40 1 188 0.045 11.2 bzt52c18 18vz 17.10 18.00 18.90 5 45 1 212 0.045 12.6 bzt52c20 20vz 19.00 20.00 21.00 5 55 1 212 0.045 14.0 bzt52c22 22vz 20.90 22.00 23.10 5 55 1 235 0.045 15.4 bzt52c24 24vz 22.80 24.00 25.20 5 70 1 235 0.045 16.8 bzt52c27 27vz 25.65 27.00 28.35 2 80 0.5 282 0.045 18.9 bzt52c30 30vz 28.50 30.00 31.50 2 80 0.5 282 0.045 21.0 bzt52c33 33vz 31.35 33.00 34.65 2 80 0.5 306 0.045 23.0 bzt52c36 36vz 34.20 36.00 37.80 2 90 0.5 329 0.045 25.2 bzt52c39 39vz 37.05 39.00 40.95 2 130 0.5 329 0.045 27.3 bzt52c43 43vz 40.85 43.00 45.15 2 150 0.5 353 0.045 30.1 bzt52c47 47vz 44.65 47.00 49.35 2 170 0.5 353 0.045 33.0 bzt52c51 51vz 48.45 51.00 53.55 2 180 0.5 376 0.045 35.7 bzt52c56 56vz 53.20 56.00 58.80 2 200 0.5 400 0.045 39.2 bzt52c62 62vz 58.90 62.00 65.10 2 215 0.5 423 0.045 43.4 bzt52c68 68vz 64.60 68.00 71.40 2 240 0.5 447 0.045 47.6 BZT52C75 75vz 71.25 75.00 78.75 2 255 0.5 470 0.045 52.5 notes: 1. the zener volta g e ( v z ) is tested under pulse condition of 10ms . 2. the device numbers listed have a standard tolerance on the nominal zener volta g e o f 5% . 4. the zener impedance is derived from the 60-cycle ac volatge, which results when an ac current having an rms value equal to z zk @ i zk ( ? ) max v z @ i zt (volt) i r @ v r ( a) max i zk (ma) i zt (ma) v r (v) 3. for detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances, contact your nearest taiwan semiconductor representative. part number z zt @ i zt ( ? ) max version :e12 downloaded from: http:///
bzt52c2v4-BZT52C75 500mw, 5% tolerance smd zener diode small signal dioderating and characteristic curves fig 1 typical forward characteristics 1 10 100 1000 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 forward current (ma) 0 0 1 10 100 0123456789101112 zener current (ma) ta=25c 0 100 200 300 400 500 600 700 0 50 100 150 200 power dissipation (mw) fig 3 zener breakdown characteristics 0 0 1 10 100 15 25 35 45 55 65 75 zener current (ma) ta=25c ta=150c ta=25c fig 6 effect of zener voltage on impedence 1 10 100 1000 1 10 100 dynamic impedence ( ? ) fig 5 typical capacitance 1 10 100 1000 1 10 100 capacitance(pf) bias at 50% of vz(nom) 1v bias iz=20ma iz=5ma iz=1ma zener voltage (v) forward voltage (v) fig 2 zener breakdown characteristics zener voltage (v) fig 4 power disspation curve zener voltage (v) terminal tempeture (c) zener voltage (v) 0.01 0.1 version :e12 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BZT52C75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X