Part Number Hot Search : 
HA1315 CEF655N D74ALV PE38752H 7130A 3386F204 BZ5239 GM6486
Product Description
Full Text Search
 

To Download BAT42W-BAT43W-SOD123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features low forward voltage drop fast switching time surface mount package ideally suited for automatic insertion absolute maximum ratings ta = 25 parameter symbol value unit peak repetitive reverse voltage v rrm 30 v working peak reverse voltage v rwm 30 v dc blocking voltage v r 30 v rms reverse voltage v r(rms) 21 v forward continuous current (note 1) i fm 500 ma repetitive peak forward current (note 1) @ t < 1.0s i frm 200 ma non-repetitive peak forward surge current @ t < 10ms i fsm 4a power dissipation p d 200 mw thermal resistance junction to ambient air (note 1) r ja 500 /w operating and storage temperature range t j ,t stg -55to+150 note 1 1. part mounted on fr-4 board with recommended pad layout simplified outline(sod-123) 1.cathode 2.anode bat42w/bat43w schottky diode electrical characteristics ta = 25 parameter symbol conditions min max unit reverse breakdown voltage (note 2) v r i r = 100 a 30 v i f =10ma 0.4 i f =50ma 0.65 i f = 2.0 ma 0.26 0.33 i f =15ma 0.45 v r = 25v 500 na v r =25v,t j = 100 100 a total capacitance c t v r = 1.0 v, f = 1.0mhz 10 pf i f =i r =10ma, i rr =0.1xi r ,r l = 100 r l =15 ,c l = 300pf, f=45mhz,v rf =2.0v note 2.short duration pulse test used to minimize self-heating effect. v % ns v t rr reverse recovery time 5.0 rectification efficiency ? v 80 forward voltage drop (note 2) bat42w peak reverse current (note 2) v rm i rm forward voltage drop (note 2) bat43w v rm marking type bat42w bat43w marking s7 s8 www.yfwdiode.com
2 . 0 ( 7 9 ) 1 . 2 ( 4 7 ) m m ( m i l ) u n i t 1 . 2 ( 4 7 ) 1 . 2 ( 4 7 ) u n i t m m 1 . 3 0 . 2 2 1 . 8 2 . 8 3 . 9 0 . 9 0 . 0 9 1 . 5 2 . 5 3 . 6 m a x m i n m i l m a x m i n 5 1 3 5 8 . 7 3 . 5 7 1 5 9 1 1 0 9 8 1 5 4 1 4 2 a c d e e 1 0 . 7 0 . 5 2 8 2 0 b a 1 0 . 4 5 0 . 2 5 1 0 1 8 0 . 2 8 s o d - 1 2 3 m e c h a n i c a l d a t a a l l r o u n d e d b a e 1 l 1 a 1 9 l 1 c sod-123 the recommended mounting pad size bat42w/bat43w www.yfwdiode.com


▲Up To Search▲   

 
Price & Availability of BAT42W-BAT43W-SOD123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X