Part Number Hot Search : 
SMBSAC36 M5128 HA1743 C4663 30N06VL 2SK3813 M5128 74AC10M
Product Description
Full Text Search
 

To Download AX92902-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  240 ax92902+ax93287 (p/n: e392902101) full-size pci express mini module with gigabit lan ax92903 (p/n: e392903100) full-size pci express mini module with can bus features supports 10/100/1000 mbps transfer rates supports wake-on lan supports pxe boot rom from factor full-size pci express mini card controller intel? i210it specification 1 gigabit ethernet dimension 51 x 30 mm features usb to 1 channel canbus port support canopen from factor full-size pci express mini card specification can 2.0a and can 2.0b dimension 51 x 30 mm full-size pci express mini modules ax92902 ax92903 ordering information ordering information can bus ax92902 ax93287 ax92902+ax93287 gigabit lan full-size pci express mini module with gigabit lan full-size pci express mini module with can bus updated may 04, 2017. axiomtek.com * all specifications and photos are subject to change without notice. accessories 2 3 4 5 6 7 1 0 ? 2017 axiomtek co., ltd. all rights reserved.
241 full-size pci express mini modules ax92904 ax92905 ordering information ordering information ax92904 (p/n: e392904101) full-size pci express mini module with 32 bit dio ax92905 (p/n:e392905100) full-size pci express mini module with audio and half-size pci express mini card (pcie only) 8 bit digital i/o x 4 ax92905 with cable full-size pci express mini card (pcle only) audio features support four 8-bit ttl level dio ports with +5v powered each bit can be programmable as input or output from factor full-size pci express mini card specification 32 bit programmable dio dimension 51 x 30 mm features usb to audio as mic-in/line-in/line-out supports one half-size pci express mini card slot (pcie only) from factor full-size pci express mini card controller cmedia cm6510b specification specification audio with mic in/line in/line out and half- size pci express mini card slot (pcie only) dimension 51 x 30 mm full-size pci express mini module with 32 bit dio full-size pci express mini module with audio updated may 04, 2017. * all specifications and photos are subject to change without notice.
242 59429070600e sata power cable l=200mm ax92906 with cable com 1 com 2 full-size pci express mini card (pcle only) ax92906 ax92907 ordering information ordering information ax92906 (p/n:e392906100) full-size pci express mini module with com and half-size pci express mini card (pcie only) ax92907 (p/n: e392907100) full-size pci express mini module with sata features usb to 2 channel high speed rs-232 ports supports one half-size pci express mini card slot (pcie only) from factor full-size pci express mini card specification 2 com ports (2 x rs-232) and half-size pci express mini card slot (pcie only) dimension 51 x 30 mm features two independent sata channels fully compatible with sata revision 2.0 and 3.0 hard drives (hdd) and solid state drives (ssd) support raid 0,1 two sata power connectors with +5v from factor full-size pci express mini card specification 2 sata connector and sata power connector dimension 51 x 30 mm full-size pci express mini module with com full-size pci express mini module with sata optional ordering for cables sata 1 sata 2 power input (+12v) sata power (+5v) new updated may 04, 2017. axiomtek.com * all specifications and photos are subject to change without notice. accessories 2 3 4 5 6 7 1 0 ? 2017 axiomtek co., ltd. all rights reserved.


▲Up To Search▲   

 
Price & Availability of AX92902-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X