85 updated oct. 01, 2018. introduction AX92320 4-port pci express gige vision frame grabber card features pci express x4 compliant 4 independent gbe lans supports 9.5kb jumbo frame and ieee 1588 compliant with ieee802.3at to deliver 30w at 54 vdc per port up to 20/120w poe power from pcie bus/6-pin atx power connector 0c to +60c wide operating temperature range poe power management software supports lan port smart on/off gige vision compliant new bus interface pci express x4 lan ports 4 gbe lans by intel? i210-it controller, support 9.5kb jumbo frame and ieee 1588 compatibility ieee 802.3at speed 10/100/1000 mbps port connector 8-pin rj-45 input voltage 12 vdc or 24 vdc overload protection yes connection 6-pin atx power connector output poe power max. 20w w/ pcie slot max. 120w w/ 6-pin atx power connector power requirements power from pcie slot: (maximum 20w poe power output) 2.1a @ +12v 1.2a @ +3.3v power from the atx power connector: (max. 120w poe power output) 12a @ +12v or 6a @ +24v 1.2a @ +3.3v (from pcie slot) operating temperature 0c ~ +60c (+32f ~ +140f) (with air flow) storage temperature -20c ~ +80c (-4f ~ +176f) operating humidity 5% ~ 95%, non-condensing dimensions (w x d) 168 x 111 mm eos support windows? 7, windows? 10 (32/64-bit) the AX92320 poe (power over ethernet) card supports four independent gigabit ethernet ports, providing up to 30w at 54 vdc of power per port. its wide operating temperature range supports integration for vision inspection applications in harsh environments. in addition, the AX92320 features have been designed to reduce cost, simplify installation and facilitate maintenance for your machine vision solutions. specifications ordering information AX92320 (p/n: e392320100) 4-port pcie x4 poe card side view 2 3 5 4 1 add-on-card & peripheral www.axiomtek.com ? 2018 axiomtek co., ltd. all rights reserved. * all specifications and photos are subject to change without notice.
|