Part Number Hot Search : 
111505 T6020 SP706S DS123 F421L CPC1726 DSWM5077 LBS12033
Product Description
Full Text Search
 

To Download A2000B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  nec express5800/a2000 series exceptional performance high availability ad vanced flexibility exceptional performance, flexibility and availability for enterprise use the scalable enterprise server perfect fit for enterprise use the nec express5800/a2000 series server is an enterprise- class quad-socket 4u rack server based on the intel ? xeon ? processor e7 v2 product family. the server offers the highest level of performance, availability, and flexibility for compute-intensive and memory-hungry applications in mission critical and virtualized environments. flexible for optimized use the nec express5800/a2000 series server is highly flexible to support ever demanding and dynamically changing on- premise or cloud workloads for large databases, analytics, and large-scale virtualization. capacity optimization (copt) provides ability to flexibly optimize the resources by allowing cores to be enabled dynamically. on-line addition of resources such as cpu cores, memory module, and io cards offers flexibility to fit your business needs.
nec express5800/a2000 series advanced flexibility ? the nec express5800/a2000 series server is highly fexible to support ever demanding and dynamically changing on-premise or cloud workloads for large databases, analytics, and large-scale virtualization. ? custom confgurations offer ability to populate 2, 3 or 4 sockets, and enable or disable cores based on performance requirements. ? provide pay as you grow confgurations high availability ? the nec express5800/a2000 series server offers industry-leading reliability, availability, and serviceability (ras) features required to support business-critical workloads for enterprise computing. ? combining intels run sure technology with necs mainframe inspired advanced ras features, the express5800/a2000 series server with built-in service processors and redundant components offers exceptional availability and serviceability on standard operating systems. exceptional performance ? the nec express5800/a2000 series server is a scale-up server designed with a massive resource pool to support compute-intensive and memory-hungry applications in mission critical and virtualized environments. ? powered by the intel ? xeon ? processor e7 v2 product family and inheriting necs supercomputer high performance technology, the necs sixth generation enterprise server supports up to 4 processors / 60 cores / 120 threads, 4.0 terabyte of memory, and 16 pcie 3.0 slots. model express5800/a2000 series (a2040b, a2040b copt, a2020b, a2010b) form factor / height 4u rack number of processors a2040b: 2 to 4 (confgurable), a2020b: 2 (fxed), a2010b: 1 (fxed) processors intel ? xeon ? processor e7-4890 v2 (2.8 ghz/15-core/37.5 mb) intel ? xeon ? processor e7-4870 v2 (2.3 ghz/15-core/30 mb) intel ? xeon ? processor e7-4860 v2 (2.6 ghz/12-core/30 mb) intel ? xeon ? processor e7-4830 v2 (2.2 ghz/10-core/20 mb) intel ? xeon ? processor e7-4820 v2 (2.0 ghz/8-core/16 mb) intel ? xeon ? processor e7-4809 v2 (1.9 ghz/6-core/12 mb) intel ? xeon ? processor e7-8891 v2 (3.2 ghz/10-core/37.5 mb) intel ? xeon ? processor e7-8893 v2 (3.4 ghz/6-core/37.5 mb) memory type ddr3l-1600 registered dimm (8/16 gb), ddr3l-1600 load reduced dimm (32 gb), ddr3l-1333 load reduced dimm (64 gb) memory slots 64 (in case of a2010b: 32) maximum memory 4 tb (2 tb for a2010b) storage type hot plug 2.5-inch sas hdd, hot-plug 2.5-inch sas ssd maximum internal drive bays 8 maximum internal storage hdd: 9.6 tb, ssd: 3.2 tb removable media internal or external drive (option) expansion slots 14x (in case of a2010b: 7x) pci express 3.0 (x8 lane, x8 socket) (low profle, 167.6 mm in length) 2x pci express 3.0 (x4 lane, x8 socket) (low profle, 167.6 mm in length) video (vram) embedded in management controller chip (8 mb) network 2x management lan connector (1000 base-t / 100 base-tx / 10 base-t, rj45, rear) power up to 4 80 plus ? platinum certifed power supply / redundancy and hot plug supported maximum power consumption (200v) a2040b: 2335 va / 2288 watt, a2020b: 2208 va / 2164 watt, a2010b: 1435 va / 1406 watt interface 5x usb 2.0 (3x front, 1x rear, 1x internal), 1x vga (front), 1x suv (2x usb, 1x vga, 1x serial, rear) dimensions (w x d x h) 443.0 x 719.3 x 174.5 mm (4u rack height) 482.6 x 892.5 x 175.5 mm (including protruding objects and guide rails) maximum weight a2040b: 55 kg, a2020b: 55 kg, a2010b: 49 kg temperature and humidity conditions (non-condensing) operating: 10 to 40 c / 50 to 104 f, 20 to 80% non-operating: -10 to 55 c / 14 to 131 f, 20 to 80% operating systems and virtualization software microsoft ? windows server ? 2008 r2 (sp1 or later) standard / enterprise / datacenter microsoft ? windows server ? 2012 standard / datacenter microsoft ? windows server ? 2012 r2 standard / datacenter red hat ? enterprise linux ? 6.4 or later (x86_64) oracle ? linux 6.4 / uek r2 or later (x86_64) vmware ? esxi ? 5.1 update 2 vmware ? esxi ? 5.5 hardw are s pecification ?copyright 2014 nec corporation. the information and specifcations contained in this publication are subject to modifcation without prior notice. microsoft and windows server are either registered trademarks or trademarks of microsoft corporation in the united states and/or other countries. intel, intel logo, pentium, pentium inside, xeon, and xeon inside are trademarks of intel corporation in the u.s. and/or other countries. linux is a trademark of linus torvalds. red hat is a registered trademark of red hat, inc. in the u.s. vmware is a registered trademark or trademark of vmware, inc. in the united states and/or other jurisdictions. all other names of products and brands cited are the property of their respective owners. nec is not responsible for photographic or typing errors. cat. no. e02-14090003e a2000 series september 2014 asia (apac) nec corporation europe (emea) nec enterprise solutions north america nec corporation of america 7-1, shiba 5-chome minato-ku tokyo 108-8001 japan olympia 4 1213 nt hilversum the netherlands +31 35 6899111 3151 jay street, ste. 110, santa clara, ca 95054 u.s. +1 866 632 3226 www.nec.com/express www.nec-enterprise.com www.necam.com/servers orporation www.nec.com


▲Up To Search▲   

 
Price & Availability of A2000B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X