Part Number Hot Search : 
IS89C52 M37517 MBT2222A 245MT IA120 IXDN430 00BGC 312002
Product Description
Full Text Search
 

To Download 8868002500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information please call 1-800-belden1 general description: tinned copper conductor, conductive polyethylene (korona-guard) over inner conductor provides uniform distribution of voltage stresses, polyethylene insulated. pvc jacket in red. physical characteristics (overall) conductor awg: # conductors awg stranding conductor material 1 22 7x30 tc - tinned copper total number of conductors: 1 insulation insulation material: insulation material wall thickness (in.) pe - polyethylene .044 other: .003 in. conductive polyethylene over stranding. outer jacket outer jacket diameter: nom. dia. (in.) 0.150 jacket jacket material: pvc - polyvinyl chloride jacket thickness: .015 overall insulation overall cable overall nominal diameter: 0.150 in. mechanical characteristics (overall) non-ul temperature rating: 80c bulk cable weight: 10 lbs/1000 ft. min. bend radius/minor axis: 3 in. applicable specifications and agency compliance (overall) applicable standards & environmental programs eu directive 2011/65/eu (rohs ii): yes eu ce mark: yes eu directive 2000/53/ec (elv): yes eu directive 2002/95/ec (rohs): yes eu rohs compliance date (mm/dd/yyyy): 10/01/2005 eu directive 2002/96/ec (weee): yes eu directive 2003/11/ec (bfr): yes ca prop 65 (cj for wire & cable): yes mii order #39 (china rohs): yes plenum/non-plenum plenum (y/n): no electrical characteristics (overall) max. operating voltage - other: voltage description 24,000 v dc page 1 of 2 01-09-2015 detailed specifications & technical data english measurement version 8868 hook-up/lead - high voltage leads
9000 v ac (60 hertz) breakdown voltage: 48,000 dc notes (overall) notes: *this cable is recommended for applications in which the source is power limited so that if a cable failure occurs the source limits the energy transfer to a value of less than that required to raise the conductor temperature to 90c. put ups and colors: item # putup ship weight color notes item desc 8868 002u500 500 ft 6.500 lb red #22 str 25 kv high volt 8868 002500 500 ft 6.000 lb red #22 str 25 kv high volt revision number: 4 revision date: 06-08-2011 ? 2015 belden, inc all rights reserved. although belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not ensure product availability. belden provides the information and specifications herein on an "as is" basis, with no representations or warranties, whether express, statutory or implied. in no event will belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if belden has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. all sales of belden products are subject to belden's standard terms and conditions of sale. belden believes this product to be in compliance with eu rohs (directive 2002/95/ec, 27-jan-2003). material manufactured prior to the compliance date may be in stock at belden facilities and in our distributors inventory. the information provided in this product disclosure, and the identification of materials listed as reportable or restricted within the product disclosure, is correct to the best of beldens knowledge, information, and belief at the date of its publication. the information provided in this product disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. this product disclosure is not to be considered a warranty or quality specification. regulatory information is for guidance purposes only. product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the product. belden declares this product to be in compliance with eu lvd (low voltage directive 73/23/eec), as amended by directive 93/68/eec. page 2 of 2 01-09-2015 detailed specifications & technical data english measurement version 8868 hook-up/lead - high voltage leads


▲Up To Search▲   

 
Price & Availability of 8868002500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X