Part Number Hot Search : 
CS12104 CKFIAAAA LTM4601A LBS11003 FLU011 CHDTA ZMT32TA MR7H5
Product Description
Full Text Search
 

To Download 589159003000015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 connect inter horizontal plug: btb 10-9159 the 9159 series of board-to-board interconnect system allows two pcbs to be mated end-to-end creating strips of led lighting. designed specifically for the unique solid state lighting (ssl) market requiring coplanar (horizontal-to-horizontal) pcb mating with a 5 amp current rating in the smallest package available. these single sided smt connectors are perfect for both fr4 and metal boards where you need to butt the boards up together to minimize separation. availability of both?white and black insulation colors make them perfect for lighting as well as industrial applications. with sizes from 2p-6p, these high reliability connectors boast gold plated beryllium copper receptacle contacts for harsh environments. electrical ? current rating: 5 amps / contact ? voltage rating: 125 vac 9159 series 10 plug 00x number of ways 1 2 part pcb strip connector 16 plating option how to order 9 color/approval 01 connector pitch 01 = 3mm code color approval 9 white ul approved code contact bracket 16 gold in contact area tin all over tin on solder tail environmental ? operating temperature: -40oc to +125oc mechanical ? insulator material: nylon: vl94vo ? contact material: becu / phos bronze ? plating: gold / tin over nickel ? durability: 10 cycles features and benefits ? single sided smt: supports fr4 and metal pcbs ? 5 amp current rating: exceeds general market needs ? 5.5mm mated width: minimizes pcb space to decrease led pitch ? gold plated becu spring contacts: reliability for harsh environments ? optional retaining clip: provides positive connector mating during vibration ? available in white: supports ssl market preferences applications ? coplanar pcb mating in ssl products ? led linear lighting strips ? application notes: refer to 201-01-123 code no of details ways 002 2 page 2 003 3 page 3 004 4 page 4 005 5 page 5 006 6 page 6 optional retaining clip page 7 connect inter certification: ul file #e90723
2 connect inter horizontal plug: btb 10-9159 plug 2 way 2 part pcb strip connector 2 way pcb board layout packing details notes: 1. for more information refer to product spec 201-01-119. 2. dimensions are reference dimensions unless tolerances. 3. insulator material: nylon 46. 4. contact material: copper alloy, selective gold over nickel tin plated on tails. 5. brackets: copper alloy, tin plated. 6. outline of connector. 7. packing tape and reel, quantity 1400 per reel. 8. optional retaining clip, see page 7. connect inter
3 connect inter horizontal plug: btb 10-9159 plug 3 way 2 part pcb strip connector 3 way pcb board layout packing details notes: 1. for more information refer to product spec 201-01-119. 2. dimensions are reference dimensions unless tolerances. 3. insulator material: nylon 46. 4. contact material: copper alloy, selective gold over nickel tin plated on tails. 5. brackets: copper alloy, tin plated. 6. outline of connector. 7. packing tape and reel, quantity 1400 per reel. 8. optional retaining clip, see page 7. connect inter
4 connect inter horizontal plug: btb 10-9159 plug 4 way 2 part pcb strip connector 4 way pcb board layout packing details notes: 1. for more information refer to product spec 201-01-119. 2. dimensions are reference dimensions unless tolerances. 3. insulator material: nylon 46. 4. contact material: copper alloy, selective gold over nickel tin plated on tails. 5. brackets: copper alloy, tin plated. 6. outline of connector. 7. packing tape and reel, quantity 1400 per reel. 8. optional retaining clip, see page 7. connect inter
5 connect inter horizontal plug: btb 10-9159 plug 5 way 2 part pcb strip connector 5 way pcb board layout packing details notes: 1. for more information refer to product spec 201-01-119. 2. dimensions are reference dimensions unless tolerances. 3. insulator material: nylon 46. 4. contact material: copper alloy, selective gold over nickel tin plated on tails. 5. brackets: copper alloy, tin plated. 6. outline of connector. 7. packing tape and reel, quantity 1400 per reel. 8. optional retaining clip, see page 7. connect inter
6 connect inter horizontal plug: btb 10-9159 plug 6 way 2 part pcb strip connector 6 way pcb board layout packing details notes: 1. for more information refer to product spec 201-01-119. 2. dimensions are reference dimensions unless tolerances. 3. insulator material: nylon 46. 4. contact material: copper alloy, selective gold over nickel tin plated on tails. 5. brackets: copper alloy, tin plated. 6. outline of connector. 7. packing tape and reel, quantity 1400 per reel. 8. optional retaining clip, see page 7. connect inter
7 connect inter horizontal plug: btb 10-9159 80-9159-4200-00-000 accessory retaining clip plug assembly for reference only clip inserted into 10-9159-00x-101-x06 mated assembly ? for reference only 10-9159-00x-101-x06 mated with 20-9159-00x-x06 notes: 1. clip to retain mated pair plug and socket. 2. material: stainless steel. 4. tail inserted into slot of 9159 2 part plug (10-9159-00x-101-006). leading edge clips over socket. 5. all dimensions shown are reference dimensions. 6. recommended 1 clip in 2, 3 and 4 way. 2 clips in 5 and 6 way. positions at customer discretion. connect inter description # of positions part number ul file # horizontal plug w/pre-installed locking clip 2 58 9159 002 000 015 e90723 horizontal plug w/pre-installed locking clip 3 58 9159 003 000 015 e90723 horizontal plug w/pre-installed locking clip 4 58 9159 004 000 015 e90723 horizontal plug w/pre-installed locking clips 5 58 9159 005 000 015 e90723 horizontal plug w/pre-installed locking clips 6 58 9159 006 000 015 e90723


▲Up To Search▲   

 
Price & Availability of 589159003000015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X