Part Number Hot Search : 
ZS10B MBJ14 UPC29M03 29F52 MRFIC1 2M25V SMF200A M810S
Product Description
Full Text Search
 

To Download 2700100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2700100 09/03/2014???page? 1 ?/? 3 optical element?-?psd-s oe bu?-?2700100 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) permanent light element, 12 to 240?v?ac/dc, blue, without bulb product features ?tool-free lamp change ?tool-free element changeover ?can be freely combined ?high light and color intensity ?ip65 protection key commercial data packing unit 1 pc weight per piece (excluding packing) 100.0 grm custom tariff number 85318095 country of origin germany technical data dimensions diameter 70 mm height 65.5 mm ambient conditions ambient temperature (operation) -20 c ... 60 c degree of protection ip65, when installed or with cover general material polycarbonate pc calotte color blue weight 55 g mounting position any assembly instructions rubber seal pre-installed for each element
https://www.phoenixcontact.com/us/products/2700100 09/03/2014???page? 2 ?/? 3 optical element?-?psd-s oe bu?-?2700100 technical data general base b15d (bayonet) electrical data nominal input voltage range 12 v ac/dc ... 240 v ac/dc maximum inrush current depends on lighting current consumption depends on lighting source of light, power 7 w service life, electrical depends on lamps operating time 100 % optical signal type permanent light approvals / conformities electromagnetic compatibility conformance with emc directive 2004/108/ec and for low-voltage directive 2006/95/ec classifications ecl@ss ecl@ss 4.0 27143203 ecl@ss 4.1 27143203 ecl@ss 5.0 27371220 ecl@ss 5.1 27371220 ecl@ss 6.0 27371220 ecl@ss 7.0 27371220 ecl@ss 8.0 27371220 etim etim 3.0 ec000232 etim 4.0 ec000232 etim 5.0 ec000232 unspsc unspsc 6.01 43172015 unspsc 7.0901 43201404 unspsc 11 39121311 unspsc 12.01 39121311 unspsc 13.2 39121311
https://www.phoenixcontact.com/us/products/2700100 09/03/2014???page? 3 ?/? 3 optical element?-?psd-s oe bu?-?2700100 approvals approvals approvals ul listed / cul listed / culus listed ex approvals approvals submitted approval details ul listed? cul listed? culus listed? phoenix contact 2014 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 2700100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X