Part Number Hot Search : 
N74LS38 4C4408PS ON0888 3DD130 MRF49XA A12JVAA 68HC1 RLZ12B
Product Description
Full Text Search
 

To Download 2700074 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2700074 04/18/2016???page? 1 ?/? 5 controller?-?ilc 191 me/an?-?2700074 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) inline controller with integrated pulse/direction/pwm interface, rs-485/rs-422, analog inputs (0?...?10?v), and analog outputs (0?...?10?v), with programming options according to iec?61131-3 product description the ilc 191 me/an modular small-scale controller for the inline i/o system is at the heart of easy automation. the new ilc 1x1 series is characterized by its support for the modbus/tcp and profinet ethernet-based protocols. a new feature is the support for an optional sd card. the controller already has 8 digital inputs and 4 outputs, a two-channel pulse/direction/pwm interface, an integrated rs-232 interface and rs-485/rs-422 interface, and a two-channel analog output and input (0 - 10 v). product features numerous protocols supported such as: http, ftp, sntp, snmp, smtp, sql, mysql, etc. modbus tcp client profinet-device large program memory and mass storage (1024 kb/1024 kb) modbus tcp server html 5 free engineering with pc worx express (iec 61131-3) integrated pulse/direction/pwm interface integrated rs-485/rs-422 interface integrated analog i/os web server, ftp server, and flash file system key commercial data packing unit 1 pc weight per piece (excluding packing) 600.0 g custom tariff number 85371091 country of origin germany
https://www.phoenixcontact.com/us/products/2700074 04/18/2016???page? 2 ?/? 5 controller?-?ilc 191 me/an?-?2700074 technical data note utilization restriction emc: class a product, see manufacturer's declaration in the download area dimensions width 164 mm height 136.8 mm depth 71.5 mm ambient conditions degree of protection ip20 ambient temperature (operation) -25 c ... 55 c ambient temperature (storage/transport) -25 c ... 85 c permissible humidity (operation) 10 % ... 95 % (according to din en 61131-2) permissible humidity (storage/transport) 10 % ... 95 % (according to din en 61131-2) air pressure (operation) 70 kpa ... 106 kpa (up to 3000 m above mean sea level) air pressure (storage/transport) 70 kpa ... 106 kpa (up to 3000 m above mean sea level) shock 25g, criterion 1, according to iec 60068-2-27 vibration (operation) 5g control system programming tool pc worx / pc worx express diagnostics tool diag+ configuration tool config+ version 1.01 or later mechanical design weight 285 g diagnostics display no controller redundancy no data interfaces interface interbus local bus (master) connection method inline data jumper transmission speed 500 kbaud / 2 mbaud (can be switched) interface parameterization/operation/diagnostics connection method rs-232-c, 6-pos. mini-din socket (ps/2), ethernet 10/100 (rj45) transmission speed max. 115,2 kbit/s interface rs-422/485 connection method 4-pos. for full duplex 2-pos. for half duplex interface ethernet 10base-t/100base-tx
https://www.phoenixcontact.com/us/products/2700074 04/18/2016???page? 3 ?/? 5 controller?-?ilc 191 me/an?-?2700074 technical data data interfaces connection method rj45 socket transmission speed 10/100 mbit/s profinet device function profinet device power supply typical current consumption 310 ma max. current consumption 960 ma (460 ma + 500 ma analog power supply) supply voltage 24 v dc supply voltage range 19.2 v dc ... 30 v dc residual ripple 5 % power dissipation max. 7.5 w fieldbus function amount of process data max. 4096 bit (interbus) max. 32768 bit (internal modbus client) number of supported devices max. 128 number of local bus devices that can be connected max. 63 (observe current consumption) number of devices with parameter channel max. 24 number of supported branch terminals with remote bus branch max. 3 direct i/os input name digital inputs number of inputs 8 connection method inline potential distributor description of the input en 61131-2 type 1 npn/pnp output name digital outputs number of outputs 4 connection method 2, 3, 4-wire maximum output current per channel 500 ma without analog input no number of inputs 2 voltage input signal 0 v dc ... 10 v dc (resolution: 11 bits) without analog output no number of outputs 2 voltage output signal 0 v dc ... 10 v dc (resolution: 11 bits) without pulse direction output no number of pulse direction outputs 2 (can be used as an alternative to pulse width modulation)
https://www.phoenixcontact.com/us/products/2700074 04/18/2016???page? 4 ?/? 5 controller?-?ilc 191 me/an?-?2700074 technical data direct i/os output voltage 5 v limit frequency 150 khz without counter input yes iec?61131 runtime system programming tool pc worx / pc worx express program memory 1 mbyte (86 k instructions (il)) mass storage 1 mbyte retentive mass storage 48 kbyte (nvram) number of control tasks 8 realtime clock yes general data processor altera nios ii 64 mhz diagnostics display no standards and regulations shock 25g, criterion 1, according to iec 60068-2-27 vibration (storage/transport) 5g vibration (operation) 5g classifications ecl@ss ecl@ss 4.0 27250203 ecl@ss 4.1 27240601 ecl@ss 5.0 27242215 ecl@ss 5.1 27242207 ecl@ss 6.0 27242207 ecl@ss 7.0 27242207 ecl@ss 8.0 27242207 ecl@ss 9.0 27242207 etim etim 2.0 ec000236 etim 3.0 ec000236 etim 4.0 ec000236 etim 5.0 ec000236
https://www.phoenixcontact.com/us/products/2700074 04/18/2016???page? 5 ?/? 5 controller?-?ilc 191 me/an?-?2700074 classifications unspsc unspsc 6.01 43172015 unspsc 7.0901 43201404 unspsc 11 43172018 unspsc 12.01 43201404 unspsc 13.2 43201404 approvals approvals approvals ul listed / cul listed / eac / culus listed ex approvals approvals submitted approval details ul listed? cul listed? eac? culus listed? phoenix contact 2016 ? - all rights reserved http://www.phoenixcontact.com


▲Up To Search▲   

 
Price & Availability of 2700074

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X