Part Number Hot Search : 
LTC31 BAW56 STS8207 SD178 UA2311 DS1204 ASL1600 CJ5554
Product Description
Full Text Search
 

To Download 1720420205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/11/2018 please check www.molex.com for latest part information part number: 1720420205 status: active overview: super sabre connector system description: super sabre vertical header, 2 circuit, long solder tail without board lock, complies with the ul1977 finger proof standards documents: 3d model product specification ts-171825-001-001 (pdf) drawing (pdf) packaging specification pk-43789-001-001 (pdf) product specification ps-171825-001-001 (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 172042 application power, signal, wire-to-board comments operating temperature per uscar-2; class 3 overview super sabre connector system product name super sabre upc 887191565040 physical breakaway no circuits (loaded) 2 circuits (maximum) 2 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire capable yes lock to mating part yes material - metal copper material - plating mating silver material - plating termination matte tin, nickel material - resin high temperature thermoplastic net weight 2.935/g number of rows 1 orientation vertical pc tail length 5.33mm pcb retention none packaging type tray pitch - mating interface 7.50mm plating min - mating 0.025m plating min - termination 0.025m polarized to mating part yes surface mount compatible (smc) yes temperature range - operating -40c to +125c termination interface: style through hole electrical current - maximum per contact 30.0a per blade voltage - maximum 600v ac (rms) solder process data duration at max. process temperature (seconds) 030 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2018 (15 january 2018) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 172042 series mates with 172672 crimp housing
lead-freeprocess capability smc&wave max. cycles at max. process temperature 003 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-43789-001-001 product specification ps-171825-001-001, ts-171825-001-001 sales drawing sd-172042-001 this document was generated on 07/11/2018 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 1720420205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X