Part Number Hot Search : 
FR307 2SB77 AD784 ARF475LF F1006 ON2470 123ML AD8368
Product Description
Full Text Search
 

To Download 15A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v oltage range c urrent 1000 volts . 0 amperes m aximum ratings and electrical characteristics r ating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. f or capacitive load, derate current by 20%. t ype number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current . 375"(9.5mm) lead length at ta=60 c r -6 d imensions in inches and (millimeters) 1 .0(25.4) min. 1 .0(25.4) min. . 360(9.1) . 360(9.1) . 340(8.6) . 340(8.6) . 052(1.3) . 048(1.2) d ia. dia. f eatures m echanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) maximum instantaneous forward voltage at 15.0a m aximum dc reverse current ta=25 c a t rated dc blocking voltage ta=100 c t ypical junction capacitance (note 1) units 1000 v 1000 v 700 15.0 4 00 15.0 4 00 1 00 - 65 +150 v a v m a m a p f n otes: 1 . measured at 1mhz and applied reverse voltage of 4.0v d.c. 2 . thermal resistance from junction to ambient .375" (9.5mm) lead length. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any w eight: 1.65 grams 15A10 1 .0 t ypical thermal resistance r j a (note 2) q 1 0 * a o perating and storage temperature range t , t j s tg c c /w 128 www.szyxwkj.com 15.0 amp silicon rectifiers 15 a ll data sheet.com
.1 1.0 10 100 rating and characteristic curves fig.3 - typical reverse characteristics reverse leakage current, ( a) m 0 20 40 60 80 100 120 140 fig.5 - typical thermal resistance vs. lead length thermal resistance, ( c/w) 25 20 15 10 5 0 .1 .2 .3 .4 .5 .6 .7 .8 .9 1.0 1 10 100 500 characteristics instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 40 .01 fig.2-typical forward current derating curve average forward current,(a) 12 10 8 6 4 2 tj=100 c equal lead length to heat sink, inches tj=25 c tj=25 c fig.4-maximum non-repetitive forward surge current 100 0 200 300 400 500 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method fig.1-typical forward 0 0 20 40 60 80 100 120 140 160 180 200 ambient temperature,( c) peak forward surge current,(a) percent of rated peak reverse voltage,(%) 129 single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length www.szyxwkj.com 15A10 a ll data sheet.com


▲Up To Search▲   

 
Price & Availability of 15A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X