https://www.phoenixcontact.com/us/products/1458033 08/28/2014???page? 1 ?/? 4 double valve connector cable?-?sac- 3,0/0,15-116/2xa-1l-z?-?1458033 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) double valve connector cable, 4-position, pur/pvc, black ral 9005, free cable end, on valve connector a, with 1 led, connected with z diode and valve connector a, with 1 led, connected with z diode, cable length: 3 m, valve connector distance: 0.15 m product features ?easy and safe: 100% electrically tested plug-in components ?robust valve connector with zener diode as protective circuit ?efficient: control valves with two connections via a single connecting cable ?convenient: increased machine availability thanks to quick and easy diagnostics ? key commercial data packing unit 1 pc custom tariff number 85444290 country of origin poland technical data dimensions length of cable 3 m valve connector distance 0.15 m ambient conditions ambient temperature (operation) -25 c ... 85 c (valve plug) degree of protection ip65 ip67 general rated current at 40c 4 a rated voltage 24 v ac/dc number of positions 4 contact resistance 5 m 2 1 5 5 1 2 5 5 28 18 33 28 43 28,4 58 m3 m3 2 1 bk2bk1 bk3 gnye (pe) 2 1 pe ye 1 2 pe ye
https://www.phoenixcontact.com/us/products/1458033 08/28/2014???page? 2 ?/? 4 double valve connector cable?-?sac- 3,0/0,15-116/2xa-1l-z?-?1458033 technical data general insulation resistance 100 m standards/regulations valve connector en 175301-803 status display 1 led protective circuit/component z diode surge voltage category ii pollution degree 3 insertion/withdrawal cycles 50 torque 0.6 nm (valve connector) material inflammability class according to ul 94 hb valve plug contact material cusn valve plug contact surface material sn valve plug contact insert material pa 66 material housing valve plug tpu sealing material tpu (seal molded) cable cable type pur/pvc, 0.75 mm2, black cable type (abbreviation) 116 cable abbreviation liyy11y-hf ul awm style 20549 conductor cross section 4x 0.75 mm2 awg signal line 18 conductor structure signal line 24x 0.20 mm core diameter including insulation 1.7 mm 0.05 mm wire colors black 1, black 2, black 3, green/yellow overall twist 4 wires, twisted external sheath, color black external cable diameter d 6.3 mm 0.2 mm smallest bending radius, fixed installation 63 mm outer sheath, material pur material, inner sheath pvc material conductor insulation pvc conductor material bare cu litz wires insulation resistance 20 m*km conductor resistance 26 /km (at 20 c) nominal voltage, cable 300 v 2 1 5 5 1 2 5 5 28 18 33 28 43 28,4 58 m3 m3 2 1 bk2bk1 bk3 gnye (pe) 2 1 pe ye 1 2 pe ye
https://www.phoenixcontact.com/us/products/1458033 08/28/2014???page? 3 ?/? 4 double valve connector cable?-?sac- 3,0/0,15-116/2xa-1l-z?-?1458033 technical data cable test voltage, cable 1200 v flame resistance according to din?vde 0482 according to din?en?50265-2-1 in accordance with ul ft-2 ambient temperature (operation) -40 c ... 80 c (cable, fixed installation) -5 c ... 80 c (cable, flexible installation) classifications ecl@ss ecl@ss 4.0 27060306 ecl@ss 4.1 27060306 ecl@ss 5.0 27061801 ecl@ss 5.1 27061801 ecl@ss 6.0 27061801 ecl@ss 7.0 27061801 ecl@ss 8.0 27061801 etim etim 4.0 ec001855 etim 5.0 ec001855 unspsc unspsc 6.01 31251501 unspsc 7.0901 31251501 unspsc 11 31251501 unspsc 12.01 31251501 unspsc 13.2 31251501 drawings 2 1 5 5 1 2 5 5 28 18 33 28 43 28,4 58 m3 m3 2 1 bk2bk1 bk3 gnye (pe) 2 1 pe ye 1 2 pe ye
https://www.phoenixcontact.com/us/products/1458033 08/28/2014???page? 4 ?/? 4 double valve connector cable?-?sac- 3,0/0,15-116/2xa-1l-z?-?1458033 schematic diagram valve connector pin assignment, type a cable cross section pur/pvc black?[116] dimensioned drawing double valve connector, 2x type a dimensioned drawing valve connector spacing circuit diagram contact assignment of the double-valve connector phoenix contact 2014 ? - all rights reserved http://www.phoenixcontact.com 2 1 5 5 1 2 5 5 28 18 33 28 43 28,4 58 m3 m3 2 1 bk2bk1 bk3 gnye (pe) 2 1 pe ye 1 2 pe ye
|