Part Number Hot Search : 
15AC44 KDV214 C3028 LM290 S2384 UNR32A1 33100 GP1U505X
Product Description
Full Text Search
 

To Download 0791091008-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/24/2017 please check www.molex.com for latest part information part number: 0791091008 status: active overview: milli-grid? connector system description: milli-grid? receptacle, surface mount, vertical, top/bottom entry, without press-fit plastic pegs, without cap, tube, 0.38m gold (au) selective, 18 circuits, lead-free documents: 3d model product specification ts-79109-001-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-79107-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 79109 application board-to-board, signal overview milli-grid? connector system product name milli-grid? upc 822348490288 physical circuits (loaded) 18 circuits (maximum) 18 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no lock to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 0.492/g number of rows 2 orientation vertical pcb locator no pcb retention none packaging type tube pitch - mating interface 2.00mm plating min - mating 0.381m plating min - termination 1.905m polarized to pcb no temperature range - operating -55c to +105c termination interface: style surface mount electrical current - maximum per contact 1.0a voltage - maximum 125v solder process data duration at max. process temperature (seconds) 010 lead-freeprocess capability reflow max. cycles at max. process temperature 001 process temperature max. c 260 series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 79109 series mates with milli-grid? header 87833 , 87832 , 87831 , 87758 , 87759 , 87760
milli-grid? low-halogen header 151117 , 151118 , 151119 , 151120
material info reference - drawing numbers product specification ps-79107-001, ts-79109-001-001 sales drawing sda-79109-****, sda-79109-xxxx-001 this document was generated on 07/24/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0791091008-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X