Part Number Hot Search : 
MMSZ52 X1243V8 MC33154 DB1GB1WB PE44423 TSOP48 KB844 TK62N60W
Product Description
Full Text Search
 

To Download WP710A10SECK-J3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsam7946 rev no: v.3a date: jan/17/2015 page: 1 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp: 1101032225 t-1(3mm) solid state lamp part number: wp710a10seck/j3 hyper red features ? low power consumption. ? popular t-1 diameter package. ? general purpose leads. ? reliable and rugged. ? long life - solid state reliability. ? available on tape and reel. ? rohs compliant. description the hyper red device is based on light emitting diode chip made from algainp. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.25(0.01") unless otherwise noted. 3. lead spacing is measured where the leads emerge from the package. 4. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice .
spec no: dsam7946 rev no: v.3a date: jan/17/2015 page: 2 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp: 1101032225 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2.forward voltage: +/-0.1v. 3.wavelength value is traceable to the cie127-2007 compliant national standards. 4.excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradation or premature failure. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. 3. 5mm below package base. part no. dice lens type iv (mcd) [2] @ 20ma v iewing angle [1] min. typ. 2 1/2 wp710a10seck/j3 hyper red (algainp) water clear 1900 3000 *1000 *1600 34 symbol parameter device typ. max. units test conditions peak peak wavelength hyper red 640 nm i f =20ma d [1] dominant wavelength hyper red 625 nm i f =20ma ? 1/2 spectral line half-width hyper red 20 nm i f =20ma c capacitance hyper red 27 pf v f =0v;f=1mhz v f [2] forward voltage hyper red 2.2 2.8 v i f =20ma i r reverse current hyper red 10 ua v r = 5v parameter hyper red units power dissipation 84 mw dc forward current 30 ma peak forward current [1] 150 ma reverse voltage 5 v operating/storage temperature -40c to +85c lead solder temperature [2] 260c for 3 seconds lead solder temperature [3] 260c for 5 seconds
spec no: dsam7946 rev no: v.3a date: jan/17/2015 page: 3 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp: 1101032225 hyper red wp710a10seck/j3
spec no: dsam7946 rev no: v.3a date: jan/17/2015 page: 4 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp: 1101032225 packing & label specifications wp710a10seck/j3 terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the datas heet. if customer usage exceeds the specified limits, kingbright will not be resp onsible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes
spec no: dsam7946 rev no: v.3a date: jan/17/2015 page: 5 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp: 1101032225
spec no: dsam7946 rev no: v.3a date: jan/17/2015 page: 6 of 6 approved: wynec checked: allen liu drawn: q.m.chen erp: 1101032225


▲Up To Search▲   

 
Price & Availability of WP710A10SECK-J3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X