Part Number Hot Search : 
PM7326 RT7262A EL4585 P921707 LT6107 AT1305A M48T36 NV2312A
Product Description
Full Text Search
 

To Download VPM240-20800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p o w e r t r a n s f o r m e r chassis mount : toroidal medical series web: www.triadmagnetics.com phone 951 - 277 - 0757 fax 951 - 277 - 2757 460 harley knox blvd. perris, california 92571 publish date: june 19 , 2015 v pm 240 - 20800 description : the toroidal construction inherently reduce s stray fields , increase s efficiency and minimize s size compared to traditional ei transformers . the addition of a flux band further reduces the remaining stray fields. the shield between primary and secondary improves safety, reduces common mode signals and minimizes leakage current . built with a class f (155 ) insulation system . a 140 c self - resetting thermal switch is included in each p rimary. electrical specifications (@25c) 1. maximum power: 5 0 00 va 2. input voltages: 100, 120, 220, 240vac, 50/60hz 3. output voltages: 120 vac @ 41.60 a or 240 vac ct @ 20.8 0 a 4. voltage regulation: 1.4 % typ from full load to no load 5. temperature rise: 5 0 c typ 6. hipot: 4000vac, primary to sec ondary, primary & secondary to shield & mounting surface 7. efficiency: 95% typ. @ full load agency file: ul: f ile e122529, ul 60601 - 1/(r) 2012 medical electrical equipment C part 1 ce: es 60601 - 1 (iec 60601 - 1 :2005, mod) cul : c22.2 no. 60601 - 1:14, medical electrical equipment C part 1 cb certified. dimensions : inches (mm) *add 0.188 ( 3 ) to the height for mounting hardware weight: 41 kg mounting: transformer is provided with one metal mounting plate, two rubber pads, m 12 x 140 mm bolt, nut, spring and flat washer. connections: transformer is provided with 12 (305mm) long, 0.5 (12.7mm) stripped and tinned, stranded ul 1 015 lead wire. primaries are 12 awg, secondaries are 12 awg , and shield is 18 awg . the grn/yel shield lead is typically grounded . do not lift transformer by leads! input options : 100vac: input to gray & blue, jumper white & brown, jumper blue & violet. 120vac: input to white & blue, jumper white & brown, jumper blue & violet. 220vac: input to gray & violet, jumper blue & brown 240vac: input to white and violet, jumper blue & brown output opti ons : 120 vac: output from black & red, j umper black & orange, jumper red to yellow 240vac : output from black & yellow, jumper red & orange primary and secondary windings are designed to be connected in series or parallel. windings are not intended to be used independently. rohs compliance: m eet s the requirements of 2011/65/eu, known as the rohs 2 initiative. * at printing, this document is considered uncontrolled. contact triad magnetics website for current version o.d. i.d. ht.* 11 ( 277 ) 3 .2 ( 82 ) 5.5 ( 140 ) rohs 2011/65/eu photo for illustration only rohs 2011/65/eu rubber pad rubber pad spring washer mounting metal plate nut od h flat washer bolt blu gry vio brn blk red org yel s c h e ma tic sec wht pri grn/yel


▲Up To Search▲   

 
Price & Availability of VPM240-20800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X