Part Number Hot Search : 
M8400 TCS3414 6006A 7S471K 0724157 50020 DSP563 ESDAVLC
Product Description
Full Text Search
 

To Download UFM11PL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u fm1 1 pl thru u fm1 7 pl 1 amp ultra fast recovery silicon rectifier 50 to 10 00 volts features x ultra fast recovery x high reliability x operating temperature: - 65 q c to +150 q c x storage temperature: - 65 q c to +150 q c x maximum thermal resistance; 180 q c/w junction to ambient. mcc part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage u fm1 1 pl u 1 50v 35v 50v u fm1 2 pl u 2 100v 70v 100v u fm1 3 pl u 3 200 v 1 40 v 20 0v u fm1 4 pl u 4 4 00v 28 0v 4 00v u fm1 5 pl u 5 6 00v 42 0v 6 00v electrical characteristics @ 25 q c unless otherwise specified average forward current i f(av) 1.0a t l = 9 0 q c peak forward surge current i fsm 30a 8.3ms, half sine maximum instantaneous forward voltage u fm1 1 pl -1 3 pl u fm1 4 p l u fm 1 5pl-17 p l v f 1.0 v 1. 40 v 1.70v i fm = 1.0a; t a = 25 q c maximum dc reverse current at rated dc blocking voltage i r 10 p a 5 0 p a ta = 25 q c ta = 1 25 q c maximum reverse recovery time typical junction capacitance c j 20 pf measured at 1.0mhz, v r =4.0v  
 omp onents 20736 marilla street chatsworth       
     revision: d 20 1 5/01/15 w w w. m c c se m i .c om 1 of 4 sod-123fl 0.036 0.093 0.048 suggested solder pad layout dimensions inches mm dim min m a x min m a x note a b e c d h g u fm1 1 pl -1 3 pl u fm1 4pl u fm 1 5pl-16pl t rr 35ns 50ns75ns i f = 0.5 a ,i r =1.0a, i rr = 0. 2 5 u f m1 6 pl u 6 8 0 0v 56 0v 8 00v u f m1 7 pl u 7 10 0 0v 70 0v 10 00v u f m1 7 pl 10 0 ns epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 x lead free finish/rohs compliant (note1)("p"suffix designates compliant. see ordering information) maximum ratings note: 1. high temperature solder exemption applied, see eu directive annex 7. a .140 .152 3.55 3.85 b .10 0 .122 2.5 5 3.10 c .05 5 .075 1.4 0 1.90 d .035 . 05 3 0.90 1.35 e .02 0 .041 0.50 1.05 g .010 ----- 0.25 ----- h ---- - .010 --- - .2 5 halogen free available upon request by adding suffix "-hf" micro commercial components m c c tm downloaded from: http:///
revision: d 20 1 5 / 0 1 / 15 w w w. m c c se m i .c om 2 of 4 u fm1 1 pl thru ufm1 7 pl figure 4 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 1 2 6 10 20 100 junction capacitance - pf versus reverse voltage - volts pf volts 60 40 4 400 1000 t j =25 c ; f=1mhz UFM11PL-ufm14pl ufm15-17pl 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.01 1.00 2.00 3.00 4.00 amps volts instantaneous forward current - amperesversus instantaneous forward voltage - volts figure 1 typical forw ard characteristics UFM11PL-13pl ufm14pl ufm15pl-17pl t j =0 c figure 2 typical forw ard characteristics UFM11PL-13pl ufm14pl ufm15pl-17pl t j =25c figure 3typical forw ard characteristics UFM11PL-13pl ufm14pl ufm15pl-17pl t j =100 c 0 .01 1.00 2.00 3.00 4.00 amps 0.01 1.00 2.00 3.00 4.00 amps 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 volts instantaneous forward current - amperesversus instantaneous forward voltage - volts 0 . 5 0. 8 1.0 1.2 1.4 1.6 1.8 2.0 volts i n stantaneous forward current - amperesversus instantaneous forward voltage - volts typical characteristics micro commercial components m c c tm downloaded from: http:///
t rr +0.5a 0 -0.25 -1.0 1cm set time base for 20/100ns/cm 25vdc 1 ? 50 ? 10 ? oscilloscope note 1 pulse generator note 2 notes: 1. rise time = 7ns max. input impedance = 1 megohm, 22pf 2. rise time = 10ns max. source impedance = 50 ohms 3. resistors are non-inductive figure 7 reverse recovery time characteristic and test circuit diagram 1 100 4 0 5 10 15 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 20 25 30 w w w. m c c se m i .c om revision: d 20 1 5 / 0 1 / 15 3 of 4 c average forward rectified current - amperes versus lead temperature - c figure 6 forward derating curve 0 150 25 50 75 100 0 .2 .4 .6 .8 1.0 1.2 1.4 single phase, half wave 60hz resistive or inductive load amps 125 1.6 1.8 2.0 2.2 2.4 typical characteristics u fm1 1 pl thru ufm1 7 pl micro commercial components m c c tm downloaded from: http:///
revision: d 20 1 5 / 0 1 / 15 w w w. m c c se m i .c om 4 of 4 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 2. 5 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf micro commercial components m c c tm downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of UFM11PL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X