Part Number Hot Search : 
HER104 DT8210 0LD063M0 167BZXI U101RWHF SMDB0511 PLRE9S PE24059
Product Description
Full Text Search
 

To Download TLMK3100-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay semiconductors tlmk310. document number 83153 rev. 1.7, 24-sep-07 www.vishay.com 1 standard smd led plcc-2 features ? smd led with exceptional brightness ? luminous intensity categorized ? compatible with automatic placement equipment ? eia and ice standard package ? compatible with infrared, vapor phase and wave solder processes according to cecc ? available in 8 mm tape ? low profile package ? non-diffused lens: exce llent for coupling to light pipes and backlighting ? low power consumption ? luminous intensity ratio in one packaging unit i vmax /i vmin 1.6 ? lead (pb)-free device 19225 e3 description this device has been designed to meet the increasing demand for alingap technology. the package of the tlmk310. is the plcc-2 (equivalent to a size b tantalum capacitor). it consists of a lead frame which is embedded in a white thermoplast. the reflector inside this package is filled up with clear epoxy. product group and package data ? product group: led ? package: smd plcc-2 ? product series: standard ? angle of half intensity: 60 applications ? automotive: backlighting in dashboards and switches ? telecommunication: indicator and backlighting in telephone and fax ? indicator and backlight for audio and video equipment ? indicator and backlight in office equipment ? flat backlight for lcds , switches and symbols ? general use parts table part color, luminous intensity technology TLMK3100-GS08 red,i v > 10 mcd allngap on gaas tlmk3102-gs08 red, i v = (20 to 64) mcd allngap on gaas tlmk3102-gs18 red, i v = (20 to 64) mcd allngap on gaas tlmk3105-gs08 red, i v = (32 to 100) mcd allngap on gaas
www.vishay.com 2 document number 83153 rev. 1.7, 24-sep-07 vishay semiconductors tlmk310. note: 1) t amb = 25 c, unless otherwise specified note: 1) t amb = 25 c, unless otherwise specified 2) in one packing unit i vmax /i vmin 2.0 typical characteristics t amb = 25 c, unless otherwise specified absolute maximum ratings 1) tlmk310. parameter test condition symbol value unit reverse voltage v r 5v dc forward current t amb 60 c i f 30 ma surge forward current t p 10 si fsm 0.1 a power dissipation t amb 60 c p v 80 mw junction temperature t j 100 c operating temperature range t amb - 40 to + 100 c storage temperature range t stg - 55 to + 100 c soldering temperature t 5 s t sd 260 c thermal resistance junction/ ambient mounted on pc board (pad size > 16 mm 2 ) r thja 400 k/w optical and electrical characteristics 1) tlmk310., red parameter test condition part symbol min typ. max unit luminous intensity 2) i f = 10 ma tlmk3100 i v 10 18 mcd tlmk3102 i v 20 63 mcd tlmk3105 i v 32 100 mcd dominant wavelength i f = 10 ma d 630 nm peak wavelength i f = 10 ma p 643 nm angle of half intensity i f = 10 ma ? 60 deg forward voltage i f = 20 ma v f 1.9 2.6 v reverse voltage i r = 10 av r 5v junction capacitance v r = 0, f = 1 mhz c j 15 pf figure 1. power dissipation vs. ambient temperature 0 20 40 60 8 0 100 0204060 8 0 100 t am b ? am b ient temperat u re (c) 16614 p ?po w er dissipation (m w ) v figure 2. forward current vs. ambient temperature for ingan 0 5 10 15 20 25 30 35 40 0 10203040506070 8 0 90 100 t am b - am b ient temperat u re (c) 16615 i f - for w ard c u rrent (ma)
document number 83153 rev. 1.7, 24-sep-07 www.vishay.com 3 vishay semiconductors tlmk310. figure 3. rel. luminous intens ity vs. angular displacement figure 4. forward current vs. forward voltage figure 5. rel. luminous intensity vs. ambient temperature 0.4 0.2 0 0.2 0.4 0.6 95 10319 0.6 0.9 0. 8 0 30 10 20 40 50 60 70 8 0 0.7 1.0 i v rel - relati v e l u mino u s intensity 1 10 100 1.0 1.5 2.0 2.5 3.0 v f - for w ard v oltage ( v ) 95 10 8 7 8 i f - for w ard c u rrent (ma) 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 0 10203040506070 8 0 90 100 t am b - am b ient temperat u re (c) 1661 8 i v rel - relati v e l u mino u s intensity figure 6. rel. lumin. intensity vs. forw. current/duty cycle figure 7. relative luminous in tensity vs. forward current figure 8. relative intensity vs. wavelength 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 110 96 115 8 9 i v rel - relati v e l u mino u s intensity t p /t i f (ma) 50 520 2 0.5 0.2 0.1 0.05 0.02 1 0.01 0.1 1 10 1 10 100 i f - for w ard c u rrent (ma) 96 115 88 i v rel - relati v e l u mino u s intensity 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 1.0 1.1 1.2 600 610 620 630 640 650 660 670 6 8 0 690 700 - w a v elength (nm) 96 12075 i - relati v e intensity rel
www.vishay.com 4 document number 83153 rev. 1.7, 24-sep-07 vishay semiconductors tlmk310. package dimensions in millimeters figure 9. forward voltage vs. ambient temperature 1.60 1.65 1.70 1.75 1. 8 0 1. 8 5 1.90 1.95 2.00 2.05 2.10 0 10203040506070 8 0 90 100 t am b - am b ient temperat u re (c) 16617 i f = 20 ma v - relati v e for w ard v oltage frel red figure 10. forward current vs. pulse length 10.00 100.00 1000.00 0.01 0.10 1.00 10.00 100.00 t p - p u lse length (ms) 16622 i - for w ard c u rrent (ma) fm t p /t = 0.01 0.02 0.05 0.1 0.2 0.5 1 95 11314-1 mounting pad layout 3.5 0.2 0.9 1.75 0.10 pin identification 2. 8 + 0.15 2.2 ? 2.4 3 + 0.15 1.2 2.6 (2. 8 ) 1.6 (1.9) 4 4 area co v ered w ith solder resist technical dra w ings according to di n specifications dra w ing- n o.: 6.541-5025.01-4 iss u e: 8 ; 22.11.05 ca
document number 83153 rev. 1.7, 24-sep-07 www.vishay.com 5 vishay semiconductors tlmk310. ozone depletin g substances po licy statement it is the policy of vishay semiconductor gmbh to 1. meet all present and future national and international statutory requirements. 2. regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. it is particular concern to control or eliminate releases of those substances into t he atmosphere which are known as ozone depleting substances (odss). the montreal protocol (1987) and its london amendments (1990) intend to severely restrict the use of odss and forbid their use within the next ten years. various national and international initiatives are pressing for an earlier ban on these substances. vishay semiconductor gmbh has been able to use its polic y of continuous improvements to eliminate the use of odss listed in the following documents. 1. annex a, b and list of transitional substances of the montreal protocol and the london amendments respectively 2. class i and ii ozone depleting substances in the clean air act amendments of 1990 by the environmental protection agency (epa) in the usa 3. council decision 88/540/eec and 91/690/eec annex a, b and c (transitional substances) respectively. vishay semiconductor gmbh can certify that our semico nductors are not manufactured with ozone depleting substances and do not contain such substances. we reserve the right to make changes to improve technical design and may do so without further notice. parameters can vary in different applications. all ope rating parameters must be validated for each customer application by the customer. should the buyer use vi shay semiconductors products for any unintended or unauthorized application, the buyer shall indemnify vishay semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indi rectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. vishay semiconductor gmbh, p.o.b. 3535, d-74025 heilbronn, germany
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TLMK3100-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X