power transformer commodore class t050 - 1 - xxxx t050 - 2 - xxxx t050 - 3 - xxxx contents of this drawing are subject to change without prior notice ensign corporation 201 ensign rd., bellevue, ia 52031 dim: inches sheet 1 of 1 proprietary notice: this drawing print or document and subject matter disclosed herein are proprietary items to which ensign ret ains the exclusive right of dissemination, manufacture and sale. this drawing, print or document is submitted in confidence for co nsi deration by the recipient alone unless permission for further disclosure is expressly granted in writing part number 115v 115/230v 230v secondary t050 - 1 - 510x t050 - 2 - 510x t050 - 3 - 510x 10vct @ 5.0a t050 - 1 - 512x t050 - 2 - 512x t050 - 3 - 512x 12.6vct @ 4.0a t050 - 1 - 516x t050 - 2 - 516x t050 - 3 - 516x 16vct @ 3.1a t050 - 1 - 520x t050 - 2 - 520x t050 - 3 - 520x 20vct @ 2.5a t050 - 1 - 524x t050 - 2 - 524x t050 - 3 - 524x 24vct @ 2.1a t050 - 1 - 528x t050 - 2 - 528x t050 - 3 - 528x 28vct @ 1.8a t050 - 1 - 536x t050 - 2 - 536x t050 - 3 - 536x 36vct @ 1.4a t050 - 1 - 548x t050 - 2 - 548x t050 - 3 - 548x 48vct @ 1.0a t050 - 1 - 556x t050 - 2 - 556x t050 - 3 - 556x 56vct @ 890ma t050 - 1 - 620x t050 - 2 - 620x t050 - 3 - 620x 120vct @ 420ma commodore class - chassis mount with quick - connect terminals power transformer 1. electrical specifications a. maximum power: 50va b. input voltage and frequency: 115v, 115/230v or 230v 50/60hz c. voltage regulation: 10% typ @ full load to no load d. temperature rise: 40 c typ e. insulation resistance: < 1 meg ohm f. hi - pot: 2500vrms 1 minute @ pri to sec 2500vrms 1 minute @ pri to core 1500vrms 1 minute @ sec to core 2. marking: ensign corp, part number (see table), date code, country, terminal number 3. safety: ul/cul 5085 - 2 recognized (file 47299) ul 1446 recognized insulation system (file 95662) primary schematics secondary schematics single input (specify 115v, 120v, 230v or 240v) dual input (specify 115/230v or 120/240v) single output center - tapped output dual output
|