Part Number Hot Search : 
11SRW DL640D BU4816G E004891 1N6839 S4240 CER0080A MC74VHC1
Product Description
Full Text Search
 

To Download PLC3020-WCNW75-N0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? www.p-tec.net 011314 rev1 ms page 1 of 15 product specification part number PLC3020-WCNW75-N0x details ? single color surface mount led ? plcc-2 3.0 x 2.0 x 0.8mm ? package: 4,000 piece reels ? emitting color: natural white ? ingan dice used features ? high luminous intensity ? wide viewing angle 120 ? ? jedec msl 2a ? compatible lead-free reflow soldering process ? rohs compliant mechanical dimensions notes: 1. specifications subject to change without notice 2. tolerance of measurement of dimensions: 0.2mm
? ? www.p-tec.net 011314 rev1 ms page 2 of 15 device selection guide model number chip encapsulation PLC3020-WCNW75-N0x material emitting color silicone resin ingan natural white absolute maximum ratings at ta=25 parameter symbol rating unit power dissipation pd 186 mw forward current if 60 ma peak forward current (1) i fp 100 ma reverse voltage vr 5 v led junction temperature (2) t j 110 operating temperature t opr -40~+85 storage temperature t stg -40~+100 soldering temperature t sol reflow soldering: 260 for 10 sec hand soldering: 350 for 3 sec notes: 1. pulse width Q 0.1 msec, duty Q 1/10 2. proper current rating must be observed to maintain junction temperature below the maximum at all the time. electrical and optical ch aracteristics at ta=25 parameter symbol min. typ. max. unit condition forward voltage v f -- 3.1 -- v i f =60ma luminous flux v -- 19 -- mcd color rendering index ra -- 75 -- cri viewing angle 2 1/2 -- 120 -- deg reverse current i r -- -- 10 a v r =5v recommended soldering pad pattern
? ? www.p-tec.net 011314 rev1 ms page 3 of 15 luminous intensity rank limits (if = 60ma) part number luminous flux p157 p173 p190 p230 PLC3020-WCNW75-N0x 15.7-17.2 17.3-19.0 19.0-23.0 23.0-25.3 note: tolerance of measurem ent of luminous flux: 7% forward voltage rank limits vf rank min max unit condition v28 2.8 2.9 v if = 60ma v29 2.9 3.0 v30 3.0 3.1 v31 3.1 3.2 v32 3.2 3.3 v33 3.3 3.4 color rank limits (if = 60ma)
? ? www.p-tec.net 011314 rev1 ms page 4 of 15 note: tolerance of measurement of color coordinates: 0.01
? ? www.p-tec.net 011314 rev1 ms page 5 of 15 typical electrical / optical characteristic curves ? ta = 25 unless otherwise noted
? ? www.p-tec.net 011314 rev1 ms page 6 of 15 package ? tape dimensions
? ? www.p-tec.net 011314 rev1 ms page 7 of 15 reel dimensions (1) quantity: 4, 000pcs/reel (2)tolerance 0.2mm unle ss otherwise mentioned packaging note: specifications subject to change without notice
? ? www.p-tec.net 011314 rev1 ms page 8 of 15
? ? www.p-tec.net 011314 rev1 ms page 9 of 15
? ? www.p-tec.net 011314 rev1 ms page 10 of 15
? ? www.p-tec.net 011314 rev1 ms page 11 of 15
? ? www.p-tec.net 011314 rev1 ms page 12 of 15
? ? www.p-tec.net 011314 rev1 ms page 13 of 15
? ? www.p-tec.net 011314 rev1 ms page 14 of 15
? ? www.p-tec.net 011314 rev1 ms page 15 of 15 record of revisions rev. comments page date 0 released spec -- 01/13/14 1 added new logo -- 03/18/15 PLC3020-WCNW75-N0x customer approval signatures approved by checked by prepared by


▲Up To Search▲   

 
Price & Availability of PLC3020-WCNW75-N0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X